Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAS5760LDCA Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5760LDCA
Description  General-Purpose I2S Input Class-D Amplifier
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5760LDCA Datasheet(HTML) 8 Page - Texas Instruments

Back Button TAS5760LDCA Datasheet HTML 4Page - Texas Instruments TAS5760LDCA Datasheet HTML 5Page - Texas Instruments TAS5760LDCA Datasheet HTML 6Page - Texas Instruments TAS5760LDCA Datasheet HTML 7Page - Texas Instruments TAS5760LDCA Datasheet HTML 8Page - Texas Instruments TAS5760LDCA Datasheet HTML 9Page - Texas Instruments TAS5760LDCA Datasheet HTML 10Page - Texas Instruments TAS5760LDCA Datasheet HTML 11Page - Texas Instruments TAS5760LDCA Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 77 page
background image
TAS5760L
SLOS782B – JULY 2013 – REVISED SEPTEMBER 2015
www.ti.com
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
TA
Ambient Operating Temperature
–25
85
°C
AVDD
AVDD Supply
4.5
16.5
V
PVDD
PVDD Supply
4.5
16.5
V
DVDD
DVDD Supply
2.8
3.63
V
VIH(DR)
Input Logic HIGH for DVDD Referenced Digital Inputs
DVDD
V
VIL(DR)
Input Logic LOW for DVDD Referenced Digital Inputs
0
V
RSPK (BTL)
Minimum Speaker Load in BTL Mode
4
Ω
RSPK (PBTL)
Minimum Speaker Load in PBTL Mode
2
Ω
7.4 Thermal Information
TAS5760L
DCA
DCA
DAP
DAP
THERMAL METRIC(1)
UNIT
[HTSSOP]
[HTSSOP]
[HTSSOP]
[HTSSOP]
32-PIN(2)
48-PIN(2)
32-PIN(3)
48-PIN(3)
θJA
Junction-to-ambient thermal resistance
60.3
30.2
60.3
31.9
°C/W
θJC(top) Junction-to-case (top) thermal resistance
16
14.3
16
16
°C/W
θJB
Junction-to-board thermal resistance
12
12.7
12
17
°C/W
ψJT
Junction-to-top characterization parameter
0.4
0.6
0.4
0.4
°C/W
ψJB
Junction-to-board characterization parameter
11.9
12.7
11.9
16.8
°C/W
θJC(bott
Junction-to-case (bottom) thermal resistance
0.8
0.7
0.8
0.81
°C/W
om)
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
(2)
JEDEC Standard 2 Layer Board
(3)
JEDEC Standard 4 Layer Board
7.5 Digital I/O Pins
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Logic HIGH threshold for DVDD
VIH1
All digital pins
70
%DVDD
Referenced Digital Inputs
Input Logic LOW threshold for DVDD
VIL1
All digital pins
30
%DVDD
Referenced Digital Inputs
IIH1
Input Logic HIGH Current Level
All digital pins
15
µA
IIL1
Input Logic LOW Current Level
All digital pins
–15
µA
VOH
Output Logic HIGH Voltage Level
IOH = 2 mA
90
%DVDD
VOL
Output Logic LOW Voltage Level
IOH = -2 mA
10
%DVDD
7.6 Master Clock
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DMCLK
Allowable MCLK Duty Cycle
45%
50%
55%
MCLK Input Frequency
25
MHz
Supported single-speed MCLK
Values: 64, 128, 192, 256, 384,
64
512
fMCLK
Frequencies
and 512
x fs
Supported double-speed MCLK
Values: 64, 128, and 256
64
256
Frequencies
8
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: TAS5760L


Similar Part No. - TAS5760LDCA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5760LD TI-TAS5760LD Datasheet
1Mb / 54P
[Old version datasheet]   General Purpose I2S Input Class D Amplifier with DirectPath??Headphone / Line Driver
TAS5760LD TI1-TAS5760LD Datasheet
1Mb / 68P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
TAS5760LDDCA TI1-TAS5760LDDCA Datasheet
1Mb / 68P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
TAS5760LDDCAR TI1-TAS5760LDDCAR Datasheet
1Mb / 68P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
TAS5760LD TI-TAS5760LD_15 Datasheet
1Mb / 68P
[Old version datasheet]   TAS5760LD General-Purpose I2S Input Class-D Amplifier With DirectPath??Headphone and Line Driver
More results

Similar Description - TAS5760LDCA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5760LD TI1-TAS5760LD Datasheet
1Mb / 68P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
TAS5760MD TI1-TAS5760MD Datasheet
1Mb / 72P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
TAS5760M TI1-TAS5760M Datasheet
1Mb / 84P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
TAS5760L TI-TAS5760L_15 Datasheet
1Mb / 77P
[Old version datasheet]   TAS5760L General-Purpose I2S Input Class-D Amplifier
TAS5760M TI-TAS5760M_15 Datasheet
1Mb / 84P
[Old version datasheet]   TAS5760M General-Purpose I2S Input Class-D Amplifier
TAS5760LD TI-TAS5760LD Datasheet
1Mb / 54P
[Old version datasheet]   General Purpose I2S Input Class D Amplifier with DirectPath??Headphone / Line Driver
TAS5760MD TI-TAS5760MD_15 Datasheet
1Mb / 72P
[Old version datasheet]   TAS5760MD General-Purpose I2S Input Class-D Amplifier With DirectPath??Headphone and Line Driver
TAS5760LD TI-TAS5760LD_15 Datasheet
1Mb / 68P
[Old version datasheet]   TAS5760LD General-Purpose I2S Input Class-D Amplifier With DirectPath??Headphone and Line Driver
logo
NXP Semiconductors
TFA9882 PHILIPS-TFA9882_15 Datasheet
996Kb / 31P
   3.4 W I2S input mono class-D audio amplifier
Rev. 2-20 April 2011
TFA9812 NXP-TFA9812 Datasheet
384Kb / 66P
   BTL stereo Class-D audio amplifier with I2S input
Rev. 01-30 October 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com