Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAS5756MDCAR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5756MDCAR
Description  Digital Input, Closed-Loop Class-D Amplifier
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5756MDCAR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TAS5756MDCAR Datasheet HTML 5Page - Texas Instruments TAS5756MDCAR Datasheet HTML 6Page - Texas Instruments TAS5756MDCAR Datasheet HTML 7Page - Texas Instruments TAS5756MDCAR Datasheet HTML 8Page - Texas Instruments TAS5756MDCAR Datasheet HTML 9Page - Texas Instruments TAS5756MDCAR Datasheet HTML 10Page - Texas Instruments TAS5756MDCAR Datasheet HTML 11Page - Texas Instruments TAS5756MDCAR Datasheet HTML 12Page - Texas Instruments TAS5756MDCAR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 104 page
background image
TAS5756M
www.ti.com
SLAS988B – JUNE 2014 – REVISED AUGUST 2015
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
DVDD, AVDD, CPVDD
2.9
3.63
V(POWER)
Power supply inputs
V
PVDD
4.5
26.4
BTL Mode
3
Ω
RSPK
Minimum speaker load
PBTL Mode
2
Ω
VIH(DigIn)
Input logic high for DVDD referenced digital inputs(1)(2)
0.9 × VDVDD
VDVDD
V
VIL(DigIn)
Input logic low for DVDD referenced digital inputs(1)(3)
VDVDD
0
0.1 × VDVDD
V
Minimum inductor value in LC filter under short-circuit
LOUT
1
4.7
µH
condition
(1)
DVDD referenced digital pins include: ADR0, ADR1, GPIO0, GPIO1, GPIO2, LRCK/FS, MCLK, SCL, SCLK, SDA, SDIN, and
SPK_MUTE.
(2)
The best practice for driving the input pins of the TAS5756M device is to power the drive circuit or pullup resistor from the same supply
which provides the DVDD power supply.
(3)
The best practice for driving the input pins of the TAS5756M device low is to pull them down, either actively or through pulldown
resistors to the system ground.
7.4 Thermal Information
TAS5756M
DCA (HTSSOP)
48 PINS
THERMAL METRIC(1)(2)
UNIT
JEDEC
JEDEC
TAS5756MDCAEVM
STANDARD
STANDARD
4-LAYER PCB
2-LAYER PCB
4-LAYER PCB
RθJA
Junction-to-ambient thermal resistance
41.8
27.6
19.4
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
14.4
14.4
14.4
°C/W
RθJB
Junction-to-board thermal resistance
9.4
9.4
9.4
°C/W
ψJT
Junction-to-top characterization parameter
0.6
0.6
2
°C/W
ψJB
Junction-to-board characterization parameter
8.1
9.3
4.8
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
1
1
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
(2)
For the PCB layout, see the Using the TAS5754/6M HybridFlow Processor user's guide, SLAU577.
7.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL I/O
Input logic high current
level for DVDD
|IIH|1
VIN(DigIn) = VDVDD
10
µA
referenced digital input
pins(1)
Input logic low current
level for DVDD
|IIL|1
VIN(DigIn) = 0 V
–10
µA
referenced digital input
pins(1)
Input logic high threshold
VIH1
for DVDD referenced
70%
VDVDD
digital inputs(1)
Input logic low threshold
VIL1
for DVDD referenced
30%
VDVDD
digital inputs(1)
Output logic high voltage
VOH(DigOut)
IOH = 4 mA
80%
VDVDD
level(1)
(1)
DVDD referenced digital pins include: ADR0, ADR1, GPIO0, GPIO1, GPIO2, LRCK/FS, MCLK, SCL, SCLK, SDA, SDIN, and
SPK_MUTE.
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TAS5756M


Similar Part No. - TAS5756MDCAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5756M TI-TAS5756M_15 Datasheet
3Mb / 104P
[Old version datasheet]   TAS5756M Digital Input, Closed-Loop Class-D Amplifier With Processing
More results

Similar Description - TAS5756MDCAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5754M TI1-TAS5754M Datasheet
3Mb / 127P
[Old version datasheet]   Digital Input, Closed-Loop Class-D Amplifier
TAS5756M TI-TAS5756M_15 Datasheet
3Mb / 104P
[Old version datasheet]   TAS5756M Digital Input, Closed-Loop Class-D Amplifier With Processing
TAS5754M TI-TAS5754M_15 Datasheet
3Mb / 127P
[Old version datasheet]   Digital Input, Closed-Loop Class-D Amplifier with HybridFlow Processing
TAS5760M-Q1 TI1-TAS5760M-Q1 Datasheet
1Mb / 77P
[Old version datasheet]   2x20-W Digital Input Closed-Loop Automotive Class-D Audio Amplifier
TAS5720A-Q1 TI1-TAS5720A-Q1 Datasheet
813Kb / 48P
[Old version datasheet]   1x20-W Digital Input Closed-Loop Automotive Class-D Audio Amplifier
TAS5780M TI1-TAS5780M Datasheet
2Mb / 204P
[Old version datasheet]   Digital Input, Closed-Loop Class-D Amplifier with 96-kHz Processing
TAS5720A-Q1 TI1-TAS5720A-Q1_18 Datasheet
1Mb / 46P
[Old version datasheet]   1x25-W Digital Input Closed-Loop Automotive Class-D Audio Amplifier
TAS5827 TI1-TAS5827 Datasheet
2Mb / 116P
[Old version datasheet]   TAS5827 47-W Stereo, Digital Input, High Efficiency Closed-Loop Class-D Amplifier with Class-H Algorithm
DECEMBER 2023
TAS5822M TI-TAS5822M Datasheet
3Mb / 90P
[Old version datasheet]   TAS5822M 35-W, Digital Input, Stereo, Closed-Loop Class-D Audio Amplifier with 96kHz Enhanced Processing
TAS5828M TI-TAS5828M Datasheet
2Mb / 83P
[Old version datasheet]   TAS5828M 50-W Stereo, Digital Input, High Efficiency Closed-Loop Class-D Amplifier with Hybrid-Pro Algorithm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com