Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAS5622ADDV Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5622ADDV
Description  125-W Stereo and 250-W Stereo PurePath HD Digital-Input Class-D Power Stage
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5622ADDV Datasheet(HTML) 10 Page - Texas Instruments

Back Button TAS5622ADDV Datasheet HTML 6Page - Texas Instruments TAS5622ADDV Datasheet HTML 7Page - Texas Instruments TAS5622ADDV Datasheet HTML 8Page - Texas Instruments TAS5622ADDV Datasheet HTML 9Page - Texas Instruments TAS5622ADDV Datasheet HTML 10Page - Texas Instruments TAS5622ADDV Datasheet HTML 11Page - Texas Instruments TAS5622ADDV Datasheet HTML 12Page - Texas Instruments TAS5622ADDV Datasheet HTML 13Page - Texas Instruments TAS5622ADDV Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
80
85
90
95
100
0
100
200
300
400
Total Output Power − W
3
4
8
TC = 75°C
G005
0
5
10
15
20
25
30
35
40
45
0
100
200
300
400
Total Output Power − W
3
4
8
TC = 75°C
G006
0.001
0.01
0.1
1
10
20
100
1k
10k
20k
Frequency − Hz
1 W
10 W
80 W
TC = 75°C
G002
0
20
40
60
80
100
120
140
160
180
10
15
20
25
30
35
PVDD − Supply Voltage − V
3
4
8
TC = 75°C
G004
0.005
0.01
0.1
1
10
0.02
0.1
1
10
100 200
PO − Output Power − W
3
4
8
TC = 75°C
G001
0
20
40
60
80
100
120
140
160
180
200
220
10
15
20
25
30
35
PVDD − Supply Voltage − V
3
4
8
TC = 75°C
THD+N at 10%
G003
TAS5622A
SLAS845A – MAY 2012 – REVISED MARCH 2015
www.ti.com
6.9 Typical Characteristics
6.9.1 Typical Characteristics, BTL Configuration
Measurement conditions are: 1 kHz, PVDD_X = 32.5 V, GVDD_X = 12 V, RL = 4 Ω, fS = 384 kHz, ROC = 24 kΩ,
TC = 75°C, Output Filter: LDEM = 10 μH, CDEM = 1 µF, 20 Hz to 20 kHz BW (AES17 low pass filter), unless
otherwise noted.
Figure 1. Total Harmonic + Noise vs Output Power, 1 kHz
Figure 2. Output Power vs Supply Voltage vs Distortion +
Noise = 10%
Figure 3. Total Harmonic Distortion + Noise vs Frequency,
Figure 4. Output Power vs Supply Voltage, vs Distortion +
4
Ω
Noise = 1%
Figure 6. System Power Loss vs Output Power
Figure 5. System Efficiency vs Output Power
10
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: TAS5622A


Similar Part No. - TAS5622ADDV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5622ADDV TI1-TAS5622ADDV Datasheet
965Kb / 31P
[Old version datasheet]   125-W Stereo / 250-W Stereo PurePath??HD Digital-Input Class-D Power Stage
TAS5622ADDVR TI1-TAS5622ADDVR Datasheet
965Kb / 31P
[Old version datasheet]   125-W Stereo / 250-W Stereo PurePath??HD Digital-Input Class-D Power Stage
More results

Similar Description - TAS5622ADDV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5622A TI1-TAS5622A Datasheet
965Kb / 31P
[Old version datasheet]   125-W Stereo / 250-W Stereo PurePath??HD Digital-Input Class-D Power Stage
TAS5622A TI-TAS5622A_15 Datasheet
1Mb / 42P
[Old version datasheet]   TAS5622A 125-W Stereo and 250-W Stereo PurePath??HD Digital-Input Class-D Power Stage
TAS5612LA TI1-TAS5612LA_15 Datasheet
1Mb / 41P
[Old version datasheet]   125-W Stereo and 250-W Mono PurePath HD Digital-Input Class-D Power Stage
TAS5612LA TI1-TAS5612LA Datasheet
962Kb / 31P
[Old version datasheet]   125-W Stereo / 250-W Mono PurePath??HD Digital-Input Class-D Power Stage
TAS5612LA TI-TAS5612LA_15 Datasheet
1Mb / 41P
[Old version datasheet]   TAS5612LA 125-W Stereo and 250-W Mono PurePath??HD Digital-Input Class-D Power Stage
TAS5614LA TI1-TAS5614LA_15 Datasheet
1Mb / 42P
[Old version datasheet]   150-W Stereo and 300-W Mono PurePath HD Digital-Input Class-D Power Stage
TAS5624A TI1-TAS5624A_16 Datasheet
1Mb / 39P
[Old version datasheet]   150-W Stereo and 300-W Mono PurePath HD Digital-Input Class-D Power Stage
TAS5614LA TI1-TAS5614LA Datasheet
952Kb / 31P
[Old version datasheet]   150-W Stereo / 300-W Mono PurePath??HD Digital-Input Class-D Power Stage
TAS5614LA TI1-TAS5614LA_14 Datasheet
942Kb / 32P
[Old version datasheet]   150-W Stereo / 300-W Mono PurePath??HD Digital-Input Class-D Power Stage
TAS5624A TI1-TAS5624A Datasheet
963Kb / 31P
[Old version datasheet]   150-W Stereo / 300-W Mono PurePath??HD Digital Input Class-D Power Stage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com