Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAS5622ADDV Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5622ADDV
Description  125-W Stereo and 250-W Stereo PurePath HD Digital-Input Class-D Power Stage
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5622ADDV Datasheet(HTML) 7 Page - Texas Instruments

Back Button TAS5622ADDV Datasheet HTML 3Page - Texas Instruments TAS5622ADDV Datasheet HTML 4Page - Texas Instruments TAS5622ADDV Datasheet HTML 5Page - Texas Instruments TAS5622ADDV Datasheet HTML 6Page - Texas Instruments TAS5622ADDV Datasheet HTML 7Page - Texas Instruments TAS5622ADDV Datasheet HTML 8Page - Texas Instruments TAS5622ADDV Datasheet HTML 9Page - Texas Instruments TAS5622ADDV Datasheet HTML 10Page - Texas Instruments TAS5622ADDV Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
TAS5622A
www.ti.com
SLAS845A – MAY 2012 – REVISED MARCH 2015
6.5 Electrical Characteristics
PVDD_X = 32.5 V, GVDD_X = 12 V, VDD = 12 V, TC (Case temperature) = 75°C, fS = 384 kHz, unless otherwise specified.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INTERNAL VOLTAGE REGULATOR AND CURRENT CONSUMPTION
Voltage regulator, only used as a
DVDD
VDD = 12 V
3.0
3.3
3.6
V
reference node
Voltage regulator, only used as a
AVDD
VDD = 12 V
7.8
V
reference node
Operating, 50% duty cycle
20
IVDD
VDD supply current
mA
Idle, reset mode
20
50% duty cycle
12
IGVDD_X
Gate-supply current per full-bridge
mA
Reset mode
3
50% duty cycle without load
12
IPVDD_X
Full-bridge idle current
RESET low
1.7
mA
VDD and GVDD_X at 0V
0.35
OUTPUT-STAGE MOSFETs
Drain-to-source resistance, low side
RDS(on), LS
40
m
(LS)
TJ = 25°C, excludes metallization resistance,
GVDD = 12 V
Drain-to-source resistance, high side
RDS(on), HS
40
m
(HS)
I/O PROTECTION
Vuvp,GVDD
8.5
V
Undervoltage protection limit, GVDD_X
Vuvp,GVDD, hyst
(1)
0.7
V
Vuvp,VDD
8.5
V
Undervoltage protection limit, VDD
Vuvp,VDD, hyst
(1)
0.7
V
Vuvp,PVDD
8.5
V
Undervoltage protection limit, PVDD_X
Vuvp,PVDD,hyst
(1)
0.7
V
OTW(1)
Overtemperature warning
115
125
135
°C
Temperature drop needed below OTW
OTWhyst
(1)
temperature for OTW to be inactive
25
°C
after OTW event.
OTE(1)
Overtemperature error
145
155
165
°C
OTE-OTWdifferential
(1)
OTE-OTW differential
30
°C
A device reset is needed to clear
OTEHYST
(1)
25
°C
FAULT after an OTE event
OLPC
Overload protection counter
fPWM = 384 kHz
2.6
ms
Resistor – programmable, nominal peak current in
IOC
Overcurrent limit protection
15
A
1
Ω load, ROC = 24 kΩ
Resistor – programmable, nominal peak current in
IOC_LATCHED
Overcurrent limit protection, latched
15
A
1
Ω load, ROC = 62 kΩ
Time from application of short condition to Hi-Z of
IOCT
Overcurrent response time
150
ns
affected half bridge
Internal pulldown resistor at output of
Connected when RESET is active to provide
IPD
3
mA
each half bridge
bootstrap charge. Not used in SE mode.
STATIC DIGITAL SPECIFICATIONS
VIH
High level input voltage
1.9
V
INPUT_X, M1, M2, M3, RESET
VIL
Low level input voltage
0.8
V
LEAKAGE
Input leakage current
100
μA
OTW / SHUTDOWN (FAULT)
Internal pullup resistance, OTW, CLIP,
RINT_PU
20
26
33
k
FAULT to DVDD
VOH
High level output voltage
Internal pullup resistor
3
3.3
3.6
V
VOL
Low level output voltage
IO = 4mA
200
500
mV
FANOUT
Device fanout OTW, FAULT, CLIP
No external pullup
30
devices
(1)
Specified by design.
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TAS5622A


Similar Part No. - TAS5622ADDV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5622ADDV TI1-TAS5622ADDV Datasheet
965Kb / 31P
[Old version datasheet]   125-W Stereo / 250-W Stereo PurePath??HD Digital-Input Class-D Power Stage
TAS5622ADDVR TI1-TAS5622ADDVR Datasheet
965Kb / 31P
[Old version datasheet]   125-W Stereo / 250-W Stereo PurePath??HD Digital-Input Class-D Power Stage
More results

Similar Description - TAS5622ADDV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5622A TI1-TAS5622A Datasheet
965Kb / 31P
[Old version datasheet]   125-W Stereo / 250-W Stereo PurePath??HD Digital-Input Class-D Power Stage
TAS5622A TI-TAS5622A_15 Datasheet
1Mb / 42P
[Old version datasheet]   TAS5622A 125-W Stereo and 250-W Stereo PurePath??HD Digital-Input Class-D Power Stage
TAS5612LA TI1-TAS5612LA_15 Datasheet
1Mb / 41P
[Old version datasheet]   125-W Stereo and 250-W Mono PurePath HD Digital-Input Class-D Power Stage
TAS5612LA TI1-TAS5612LA Datasheet
962Kb / 31P
[Old version datasheet]   125-W Stereo / 250-W Mono PurePath??HD Digital-Input Class-D Power Stage
TAS5612LA TI-TAS5612LA_15 Datasheet
1Mb / 41P
[Old version datasheet]   TAS5612LA 125-W Stereo and 250-W Mono PurePath??HD Digital-Input Class-D Power Stage
TAS5614LA TI1-TAS5614LA_15 Datasheet
1Mb / 42P
[Old version datasheet]   150-W Stereo and 300-W Mono PurePath HD Digital-Input Class-D Power Stage
TAS5624A TI1-TAS5624A_16 Datasheet
1Mb / 39P
[Old version datasheet]   150-W Stereo and 300-W Mono PurePath HD Digital-Input Class-D Power Stage
TAS5614LA TI1-TAS5614LA Datasheet
952Kb / 31P
[Old version datasheet]   150-W Stereo / 300-W Mono PurePath??HD Digital-Input Class-D Power Stage
TAS5614LA TI1-TAS5614LA_14 Datasheet
942Kb / 32P
[Old version datasheet]   150-W Stereo / 300-W Mono PurePath??HD Digital-Input Class-D Power Stage
TAS5624A TI1-TAS5624A Datasheet
963Kb / 31P
[Old version datasheet]   150-W Stereo / 300-W Mono PurePath??HD Digital Input Class-D Power Stage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com