Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAS5548DCAR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5548DCAR
Description  8-Channel HD Compatible Audio Processor
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5548DCAR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TAS5548DCAR Datasheet HTML 3Page - Texas Instruments TAS5548DCAR Datasheet HTML 4Page - Texas Instruments TAS5548DCAR Datasheet HTML 5Page - Texas Instruments TAS5548DCAR Datasheet HTML 6Page - Texas Instruments TAS5548DCAR Datasheet HTML 7Page - Texas Instruments TAS5548DCAR Datasheet HTML 8Page - Texas Instruments TAS5548DCAR Datasheet HTML 9Page - Texas Instruments TAS5548DCAR Datasheet HTML 10Page - Texas Instruments TAS5548DCAR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 116 page
background image
TAS5548
www.ti.com
SLES270A – NOVEMBER 2012 – REVISED APRIL 2015
6.5 Electrical Characteristics
At recommended operating conditions - 25 °C Operating Temp, 3.3V Power Supplies with 48kHz input data unless otherwise
specified
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
3.3-V TTL and 5-V tolerant
IOH = –4 mA
2.4
VOH
High-level output voltage
V
1.8-V LVCMOS (XTL_OUT)
IOH = –0.55 mA
1.44
3.3-V TTL and 5-V tolerant
IOL = 4 mA
0.5
VOL
Low-level output voltage
V
1.8-V LVCMOS (XTL_OUT)
IOL = 0.75 mA
0.5
IOZ
High-impedance output current
3.3-V TTL
±20
μA
3.3-V TTL
VI = VIL
±1
IIL
Low-level input current
1.8-V LVCMOS (XTL_IN)
VI = VIL
±1
μA
5-V tolerant(1)
VI = 0 V, DVDD = 3 V
±1
3.3-V TTL
VI = VIH
±1
IIH
High-level input current
1.8-V LVCMOS (XTL_IN)
VI = VIH
±1
μA
5-V tolerant(1)
VI = 5.5 V, DVDD = 3 V
±1
Input fS = 48 kHz
220
Digital supply voltage, DVDD
Power down
9
IDD
Input supply current
mA
Input fS = 48 kHz
8
Analog supply voltage, AVDD
Power down
8
(1)
5-V tolerant signals are RESET, PDN, MUTE, HP_SEL, SCLK, LRCLK, MCLK, SDIN1, SDIN2, SDIN3, SDIN4, SDA, and SCL.
6.6 Dynamic Performance
At recommended operating conditions at (25°C, 3.3V Power Supplies with 48kHz input data) unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
TAS5548 A-weighted (Test Range: 20Hz to 20kHz. fS =
Dynamic range
105
dB
96 kHz).
Total harmonic distortion
TAS5548 output (1kHz at -1dBFS)
0.01%
32-kHz to 96-kHz sample rates (Test Range 20Hz -
±0.1
20kHz)
Frequency response
dB
176.4, 192-kHz sample rates (Test Range 20Hz -
±0.2
20kHz)
6.7 SRC Performance
ATTRIBUTE
VALUE
SRC Latency
102.53125/FSin + 36.46875/FSout
THD+N at 1kHz
Pass Band Ripple (worst case)
±0.05dB
SRC Channel Gain
<1 (slightly lower to compensate for ripple)
Stop Band Attenuation
130dB
Pass Band Edge
0.425 FS-in
Stop Band Edge
0.575 FS-in
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TAS5548


Similar Part No. - TAS5548DCAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5548DCAR TI-TAS5548DCAR Datasheet
1Mb / 120P
[Old version datasheet]   8-Channel HD Compatible Audio Processor with ASRC and PWM Output
More results

Similar Description - TAS5548DCAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5558 TI1-TAS5558 Datasheet
1Mb / 121P
[Old version datasheet]   8-Channel HD Compatible Audio Processor
TAS5548 TI-TAS5548 Datasheet
1Mb / 120P
[Old version datasheet]   8-Channel HD Compatible Audio Processor with ASRC and PWM Output
TAS5558 TI-TAS5558 Datasheet
1Mb / 122P
[Old version datasheet]   8-Channel HD Compatible Audio Processor with ASRC and PWM Output
TAS5548 TI-TAS5548_15 Datasheet
1Mb / 116P
[Old version datasheet]   TAS5548 8-Channel HD Compatible Audio Processor with ASRC and PWM Output
TAS5558 TI-TAS5558_15 Datasheet
1Mb / 121P
[Old version datasheet]   TAS5558 8-Channel HD Compatible Audio Processor with ASRC and PWM Output
logo
ON Semiconductor
B300AM ONSEMI-B300AM Datasheet
153Kb / 9P
   Audio Processor for AfterMaster HD
March, 2015 ??Rev. 0
B300W35A109A1G ONSEMI-B300W35A109A1G Datasheet
153Kb / 9P
   Audio Processor for AfterMaster HD
March, 2015 ??Rev. 0
logo
Texas Instruments
TAS5508PAGRG4 TI-TAS5508PAGRG4 Datasheet
1Mb / 105P
[Old version datasheet]   8-Channel Digital Audio PWM Processor
TAS5028A TI-TAS5028A Datasheet
1Mb / 82P
[Old version datasheet]   8 Channel Digital Audio PWM Processor
TAS5508B TI-TAS5508B Datasheet
1Mb / 106P
[Old version datasheet]   8-Channel Digital Audio PWM Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com