Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL05-1101 Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # BL05-1101
Description  Pin-Point LED(AlGaInP)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

BL05-1101 Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  BL05-1101 Datasheet HTML 1Page - KODENSHI_AUK CORP. BL05-1101 Datasheet HTML 2Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KODENSHI
- 1-
BL05-1101
Pin-Point LED(AlGaInP)
The BL05-1101 is a LED of 650nm wavelength using
four elements (AlGaInP). Our original LED processing
technology made it possible to increase the electric
current density at the emission point. The luminous
strength of single light source per unit surface is now
more than ten times higher than before.
FEATURES
•High brightness
•The Optical axis match is easy because of red
luminance.
•Optical design is easy because of the point light of
ø50μm
APPLICATIONS
•Source of light for optical switch , optical fiber , and
scanner
•Source of light for optical sensor parallel light
•Source of light for various , precise measurements
DIMENSIONS
(Unit : mm)
Forward voltage
Reverse current
Radiant intensity
Peak emission wavelength
Spectral bandwidth 50%
Half angle
(Ta=25℃)
ELECTRO-OPTICAL CHARACTERISTICS
IF=20mA
VR=3V
IF=20mA
IF=20mA
IF=20mA
IF=20mA
Item
Typ.
2.0
0.2
650
30
±60
VF
IR
PO(W)
λp
Δλ
Δθ
3.0
10
V
μ
A
mW
nm
nm
deg.
Symbol
Conditions
Min.
Max.
Unit.
Rating
Symbol
Item
MAXIMUM RATINGS
Reverse voltage
Forward current
Power dissipation
Pulse forward current
*1
Operating temp.
Storage temp.
Soldering temp. *2
VR
IF
PD
IFP
Topr.
Tstg.
Tsol.
3
20
50
150
-30~+85
-40~+100
260
V
mA
mW
mA
Unit
(Ta=25℃)
*1. pulse width :tw ≦10 μ
sec.period :T=1msec.
*2. For MAX.5 seconds at the position of 2 mm from the package


Similar Part No. - BL05-1101

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
BL05-1211 KODENSHI-BL05-1211 Datasheet
211Kb / 2P
   Pin-Point LED(AlGaInP)
More results

Similar Description - BL05-1101

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
BL15-325 KODENSHI-BL15-325 Datasheet
243Kb / 2P
   Pin-Point LED(AlGaInP)
BL05-1211 KODENSHI-BL05-1211 Datasheet
211Kb / 2P
   Pin-Point LED(AlGaInP)
BL15-6F KODENSHI-BL15-6F Datasheet
201Kb / 2P
   Pin-Point LED(AlGaInP)
BL15-1212 KODENSHI-BL15-1212 Datasheet
86Kb / 2P
   Pin-Point LED(AlGaInP)
BL15-1101 KODENSHI-BL15-1101 Datasheet
269Kb / 2P
   Pin-Point LED(AlGaInP)
OPA6525PPS KODENSHI-OPA6525PPS Datasheet
532Kb / 1P
   Red Pin-Point LED Chip
OPA6515PPS KODENSHI-OPA6515PPS Datasheet
526Kb / 1P
   Red Pin-Point LED Chip
OPA8205PPS KODENSHI-OPA8205PPS Datasheet
546Kb / 1P
   Infrared Pin-Point LED Chip
OPA8518PPS KODENSHI-OPA8518PPS Datasheet
634Kb / 1P
   Infrared Pin-Point LED Chip
logo
Roithner LaserTechnik G...
383-2UYC ROITHNER-383-2UYC Datasheet
23Kb / 1P
   YELLOW AlGaInP LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com