Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAS5414C-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5414C-Q1
Description  Four-Channel Automotive Digital Amplifiers
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5414C-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  TAS5414C-Q1 Datasheet HTML 1Page - Texas Instruments TAS5414C-Q1 Datasheet HTML 2Page - Texas Instruments TAS5414C-Q1 Datasheet HTML 3Page - Texas Instruments TAS5414C-Q1 Datasheet HTML 4Page - Texas Instruments TAS5414C-Q1 Datasheet HTML 5Page - Texas Instruments TAS5414C-Q1 Datasheet HTML 6Page - Texas Instruments TAS5414C-Q1 Datasheet HTML 7Page - Texas Instruments TAS5414C-Q1 Datasheet HTML 8Page - Texas Instruments TAS5414C-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 53 page
background image
P − Power Per Channel − W
0
10
20
30
40
50
60
70
80
90
100
0
4
8
12
16
20
24
28
32
G007
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TAS5414C-Q1, TAS5424C-Q1
SLOS795E – SEPTEMBER 2013 – REVISED JANUARY 2015
TAS54x4C-Q1 Four-Channel Automotive Digital Amplifiers
1 Features
2 Applications
OEM/Retail Head Units and Amplifier Modules
1
TAS5414C-Q1 – Single-Ended Input
Where
Feature
Densities
and
System
TAS5424C-Q1 – Differential Input
Configurations Require Reduction in Heat From
Four-Channel Digital Power Amplifier
the Audio Power Amplifier
Four Analog Inputs, Four BTL Power Outputs
Typical Output Power at 10% THD+N
3 Description
The TAS5414C-Q1 and TAS5424C-Q1 are four-
28 W/Ch Into 4
Ω at 14.4 V
channel digital audio amplifiers designed for use in
50 W/Ch Into 2
Ω at 14.4 V
automotive
head
units
and
external
amplifier
79 W/Ch Into 4
Ω at 24 V
modules. They provide four channels at 23 W
150 W/Ch Into 2
Ω at 24 V (PBTL)
continuously into 4
Ω at less than 1% THD+N from a
14.4-V supply. Each channel can also deliver 38 W
Channels Can Be Paralleled (PBTL) for High-
into 2
Ω at 1% THD+N. The TAS5414C-Q1 uses
Current Applications
single-ended analog inputs, whereas the TAS5424C-
THD+N < 0.02%, 1 kHz, 1 W Into 4
Ω
Q1 employs differential inputs for increased immunity
Patented Pop- and Click-Reduction Technology
to common-mode system noise. The digital PWM
topology
of
the
device
provides
dramatic
Soft Muting With Gain Ramp Control
improvements in efficiency over traditional linear
Common-Mode Ramping
amplifier solutions. This reduces the power dissipated
Patented AM Interference Avoidance
by the amplifier by a factor of ten under typical music
playback conditions. The device incorporates all the
Patented Cycle-by-Cycle Current Limit
functionality needed to perform in the demanding
75-dB PSRR
OEM applications area. The devices have built-in
Four-Address I2C Serial Interface for Device
load diagnostic functions for detecting and diagnosing
Configuration and Control
misconnected outputs to help to reduce test time
during the manufacturing process.
Channel Gains: 12-dB, 20-dB, 26-dB, 32-dB
Load Diagnostic Functions:
Device Information(1)
Output Open and Shorted Load
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Output-to-Power and -to-Ground Shorts
TAS5414C-Q1
HTQFP (64)
14.00mm x 14.00mm
Patented Tweeter Detection
TAS5424C-Q1
HSSOP (44)
3.50mm x 15.90mm
Protection and Monitoring Functions:
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Short-Circuit Protection
Load-Dump Protection to 50 V
Fortuitous Open-Ground and -Power Tolerant
Patented Output DC Level Detection While
Music Playing
Overtemperature Protection
Over- and Undervoltage Conditions
Clip Detection
44-Pin PSOP3 (DKE) Power SOP Package With
Heat Slug Up for TAS5424C-Q1
64-Pin QFP (PHD) Power Package With Heat
Slug Up for TAS5414C-Q1
Designed for Automotive EMC Requirements
Qualified According to AEC-Q100
ISO9000:2002 TS16949 Certified
–40°C to 105°C Ambient Temperature Range
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TAS5414C-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5414C-Q1 TI-TAS5414C-Q1 Datasheet
1Mb / 39P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414C-Q1 TI1-TAS5414C-Q1 Datasheet
1Mb / 63P
[Old version datasheet]   75-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier With Load-Dump Protection and I2C Diagnostics
TAS5414C-Q1 TI1-TAS5414C-Q1 Datasheet
1Mb / 51P
[Old version datasheet]   Four-Channel Aftermarket Automotive Class-D Amplifier
TAS5414C-Q1 TI1-TAS5414C-Q1 Datasheet
2Mb / 68P
[Old version datasheet]   2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier With Load-Dump Protection and I2C Diagnostics
TAS5414C-Q1 TI-TAS5414C-Q1_15 Datasheet
1Mb / 51P
[Old version datasheet]   TAS54x4C-Q1 Four-Channel Automotive Digital Amplifiers
More results

Similar Description - TAS5414C-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5414A TI-TAS5414A_15 Datasheet
1Mb / 53P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414A TI1-TAS5414A_17 Datasheet
3Mb / 55P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414A TI-TAS5414A Datasheet
990Kb / 44P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414B-Q1 TI1-TAS5414B-Q1 Datasheet
1,009Kb / 39P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414B-Q1 TI1-TAS5414B-Q1_16 Datasheet
2Mb / 46P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414B-Q1 TI-TAS5414B-Q1_15 Datasheet
1Mb / 43P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414_0705 TI-TAS5414_0705 Datasheet
886Kb / 44P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414CTPHDRQ1 TI-TAS5414CTPHDRQ1 Datasheet
1Mb / 39P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414 TI-TAS5414 Datasheet
880Kb / 41P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414A TI-TAS5414A_08 Datasheet
1Mb / 48P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com