Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAS2553 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TAS2553
Description  Mono Audio Amplifier with Class-G Boost and Speaker Sense
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS2553 Datasheet(HTML) 5 Page - Texas Instruments

  TAS2553 Datasheet HTML 1Page - Texas Instruments TAS2553 Datasheet HTML 2Page - Texas Instruments TAS2553 Datasheet HTML 3Page - Texas Instruments TAS2553 Datasheet HTML 4Page - Texas Instruments TAS2553 Datasheet HTML 5Page - Texas Instruments TAS2553 Datasheet HTML 6Page - Texas Instruments TAS2553 Datasheet HTML 7Page - Texas Instruments TAS2553 Datasheet HTML 8Page - Texas Instruments TAS2553 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 58 page
background image
TAS2553
www.ti.com
SLAS978B – SEPTEMBER 2013 – REVISED FEBRUARY 2014
6.5 Electrical Characteristics
VBAT = 3.6 V, AVDD = IOVDD = 1.8 V, EN = IOVDD, SWS = 0, Gain = 15 dB, ERC = 14 ns, RL = 8 Ω + 33 µH, 48 kHz
sample rate for digital input (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
BOOST CONVERTER
Average voltage (w/o including ripple).
Boost Output Voltage
Includes load regulation (0-0.6A) and line
7.5
V
regulation (VBAT = 3.0 – 4.8V).
Boost Converter Switching Frequency
1.8
MHz
CLASS-D CHANNEL
Max Analog Input
For THD+N < 1%
1
VRMS
Full-Scale DAC Output
All digital interface modes
1
VRMS
Load Resistance (Load Spec
6
8
Ω
Reisistance)
Class-D Frequency
764
kHz
VBAT = 3.0 – 4.8 V, Pout = 1 W
Class-D + Boost Efficiency
67%
(sinewave)
Class-D Output Current Limit (Short
VBOOST = 7.5 V, OUT– shorted to VBAT
3.7
A
Circuit Protection)
or VBOOST
VBAT = 3.6 V, AV = 15 dB, RL = 8
Ω,
Class-D Output Offset Voltage in
input shorted to ground through single
-7.4
4.6
mV
Analog Input Mode
capacitor
Class-D Output Offset Voltage in
VBAT = 3.6 V, AV = 15 dB, RL =8
Ω, 0's
-9.8
5.6
mV
Digital Input Mode
data
Programmable Channel Gain Range
Typical value, analog and digital input
-7
dB
(PGA + class-D), minimum
Programmable Channel Gain Range
Typical value, analog and digital input
24
dB
(PGA + class-D), maximum
Programmable Channel Gain Step
Typical value, analog and digital input
1
dB
(PGA + class-D)
Mute Attenuation
Device in shutdown, digital input only
103
dB
Ripple of 200mVpp @ 217 Hz, Gain = 15
63
dB, analog and digital input
VBAT Power Supply Rejection Ratio
Ripple of 200mVpp @ 1 kHz, Gain = 15
60
dB
(PSRR)
dB, analog and digital input
Ripple of 200mVpp @ 4 kHz, Gain = 15
60
dB, analog and digital input
Ripple of 200mVpp @ 217 Hz, Gain = 15
69
dB, analog and digital input
AVDD Power Supply Rejection Ratio
Ripple of 200mVpp @ 1 kHz, Gain = 15
67
dB
(PSRR)
dB, analog and digital input
Ripple of 200mVpp @ 4 kHz, Gain = 15
62
dB, analog and digital input
Ripple of 200mVpp @ 217 Hz, Gain = 15
Common Mode Rejection Ratio
59
dB
dB, analog input
1 kHz, Po = 0.1W, VBAT = 3.6 V,
0.6%
RL = 8
Ω
1 kHz, Po = 0.5W, VBAT = 3.6 V,
0.7%
THD+N
RL = 8
Ω
1 kHz, Po = 1 W, VBAT = 3.6 V, RL = 8
Ω
0.9%
1 kHz, Po = 2 W, VBAT = 3.6 V, RL = 8
Ω
1.3%
A-wt Filter, Gain = 15 dB, DAC modulator
131%
switching
Output Integrated Noise (20Hz-20kHz)
µV
- 8
Ω
A-wt Filter, Gain = 15 dB, Analog In,
173%
Inputs shorted
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TAS2553


Similar Part No. - TAS2553

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS2553 TI-TAS2553_15 Datasheet
1Mb / 58P
[Old version datasheet]   TAS2553 2.8-W Class-D Mono Audio Amplifier with Class-G Boost and Speaker Sense
More results

Similar Description - TAS2553

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS2552 TI1-TAS2552 Datasheet
1Mb / 60P
[Old version datasheet]   Mono Audio Amplifier with Class-G Boost and Speaker Sense
TAS2552 TI-TAS2552_15 Datasheet
1Mb / 60P
[Old version datasheet]   TAS2552 4.0-W Class-D Mono Audio Amplifier with Class-G Boost and Speaker Sense
TAS2553 TI-TAS2553_15 Datasheet
1Mb / 58P
[Old version datasheet]   TAS2553 2.8-W Class-D Mono Audio Amplifier with Class-G Boost and Speaker Sense
TAS2557 TI1-TAS2557 Datasheet
3Mb / 110P
[Old version datasheet]   5.7-W Class-D Mono Audio Amplifier with Class-H Boost and Speaker Sense
TAS2555 TI-TAS2555_15 Datasheet
857Kb / 12P
[Old version datasheet]   TAS2555 5.7-W Class-D Mono Audio Amplifier with Class-H Boost and Speaker Sense
TAS2559 TI1-TAS2559 Datasheet
3Mb / 107P
[Old version datasheet]   5.7-W Class-D Mono Audio Amplifier with Class-H Boost and Speaker Sense with Stereo Processing
LM49153 TI1-LM49153_15 Datasheet
2Mb / 31P
[Old version datasheet]   Mono Audio Subsystem with Class G Headphone Amplifier, Class D Speaker Amplifier, Noise Gate and Speaker Protection
logo
Fairchild Semiconductor
FAB2200 FAIRCHILD-FAB2200 Datasheet
962Kb / 33P
   Audio Subsystem with Stereo Class-G Headphone Amplifier and 1.2W Mono Class-D Speaker Amplifier
logo
Texas Instruments
TAS2780 TI-TAS2780_V01 Datasheet
2Mb / 97P
[Old version datasheet]   TAS2780 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
REVISED JUNE 2022
TAS2780 TI-TAS2780 Datasheet
3Mb / 96P
[Old version datasheet]   TAS2780 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
SLOSE75 ??NOVEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com