Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRC4192IDBR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SRC4192IDBR
Description  Stereo Asynchronous Sample-Rate Converters
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SRC4192IDBR Datasheet(HTML) 1 Page - Texas Instruments

  SRC4192IDBR Datasheet HTML 1Page - Texas Instruments SRC4192IDBR Datasheet HTML 2Page - Texas Instruments SRC4192IDBR Datasheet HTML 3Page - Texas Instruments SRC4192IDBR Datasheet HTML 4Page - Texas Instruments SRC4192IDBR Datasheet HTML 5Page - Texas Instruments SRC4192IDBR Datasheet HTML 6Page - Texas Instruments SRC4192IDBR Datasheet HTML 7Page - Texas Instruments SRC4192IDBR Datasheet HTML 8Page - Texas Instruments SRC4192IDBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
DSP
Data
LRCK
BCK
SRC4192
Data
LRCK
BCK
Reference
Clock
AES,
S/PDIF
Output
TX+
TX±
DIT4192
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
SRC4192, SRC4193
SBFS022C – JUNE 2003 – REVISED OCTOBER 2015
SRC419x 192-kHz Stereo Asynchronous Sample-Rate Converters
1 Features
3 Description
The
SRC4192
and
SRC4193
devices
are
1
Automatic Sensing of the Input-to-Output
asynchronous, sample-rate converters designed for
Sampling Ratio
professional and broadcast audio applications. The
Wide Input-to-Output Sampling Range: 16:1 to
SRC4192 and SRC4193 devices combine a wide
1:16
input-to-output
sampling
ratio
with
outstanding
dynamic range and ultra-low distortion. Input and
Supports Input and Output Sampling Rates Up to
output serial ports support standard audio formats, as
212 kHz
well as a Time Division Multiplexed (TDM) mode.
Dynamic Range: 144 dB (–60-dbFS Input, BW =
Flexible audio interfaces allow the SRC4192 and
20 Hz to fS/2, A-Weighted)
SRC4193 devices to connect to a wide range of
THD+N: –140 dB (0-dbFS Input, BW = 20 Hz to
audio data converters, digital audio receivers and
fS/2)
transmitters, and digital signal processors.
Attenuates Sampling and Reference Clock Jitter
The
SRC4192
device
is
a
standalone,
pin-
High-Performance, Linear-Phase Digital Filtering
programmed device, with control pins for mode, data
format, mute, bypass, and low group-delay functions.
with Stop Band Attenuation Greater than 140 dB
The SRC4193 device is a software-controlled device
Flexible Audio Serial Ports:
featuring a serial peripheral interface (SPI) port,
Master or Slave-Mode Operation
which is utilized to program all functions through the
Supports I2S, Left-Justified, Right-Justified,
internal control registers.
and TDM Data Formats
The SRC4192 and SRC4193 devices can operate
Supports 16, 18, 20, or 24-Bit Audio Data
from a single 3.3-V power supply. A separate digital
I/O supply (VIO) operates over the 1.65-V to 3.6-V
TDM Mode Allows Daisy-Chaining of up to
supply
range,
allowing
greater
flexibility
when
Eight Devices
interfacing to current and future generation signal
Supports 24-, 20-, 18-, or 16-Bit Input and Output
processors and logic devices. Both devices are
Data: All Output Data is Dithered from the Internal
available in a 28-pin SSOP package.
28-Bit Data Path
Low Group Delay Option for Interpolation Filter
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Direct Downsampling Option for Decimation Filter
(SRC4193 Only)
SRC4192
SSOP (28)
5.30 mm × 10.20 mm
SRC4193
SPI Port Provides Access to Internal Control
Registers (SRC4193 Only)
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Soft Mute Function
Bypass Mode
Simplified Application Diagram
Programmable Digital Output Attenuation
(SRC4193 Only); 256 Steps: 0 dB to –127.5 dB,
0.5-dB/step
Power Down Mode
Operates From a Single 3.3-V Power Supply
Small 28-Pin SSOP Package
Pin Compatible with the AD1896 (SRC4192 Only)
2 Applications
Digital Mixing Consoles
Digital Audio Workstations
Audio Distribution Systems
Broadcast Studio Equipment
High-End A/V Receivers
General Digital Audio Processing
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SRC4192IDBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SRC4192IDBR TI-SRC4192IDBR Datasheet
1Mb / 34P
[Old version datasheet]   192kHz Stereo Asynchronous Sample Rate Converters
SRC4192IDBRG4 TI-SRC4192IDBRG4 Datasheet
1Mb / 34P
[Old version datasheet]   192kHz Stereo Asynchronous Sample Rate Converters
More results

Similar Description - SRC4192IDBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SRC4192-Q1 TI1-SRC4192-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   Stereo Asynchronous Sample-Rate Converters
logo
Burr-Brown (TI)
SRC4192 BURR-BROWN-SRC4192 Datasheet
1Mb / 10P
   192kHz Stereo Asynchronous Sample Rate Converters
SRC4190 BURR-BROWN-SRC4190 Datasheet
1Mb / 10P
   192kHz Stereo Asynchronous Sample Rate Converters
logo
Texas Instruments
SRC4192IDBR TI-SRC4192IDBR Datasheet
1Mb / 34P
[Old version datasheet]   192kHz Stereo Asynchronous Sample Rate Converters
SRC4192IDB TI-SRC4192IDB Datasheet
1Mb / 34P
[Old version datasheet]   192kHz Stereo Asynchronous Sample Rate Converters
SRC4190 TI1-SRC4190_14 Datasheet
1Mb / 29P
[Old version datasheet]   192kHz Stereo Asynchronous Sample Rate Converters
logo
Analog Devices
AD1890 AD-AD1890 Datasheet
416Kb / 20P
   SamplePort Stereo Asynchronous Sample Rate Converters
REV. 0
logo
Burr-Brown (TI)
SRC4190 BURR-BROWN-SRC4190 Datasheet
1Mb / 25P
   192kHz Stereo Asynchronous Sample Rate Converters
logo
Analog Devices
AD1890 AD-AD1890_15 Datasheet
419Kb / 20P
   SamplePort Stereo Asynchronous Sample Rate Converters
REV. 0
AD1891 AD-AD1891_15 Datasheet
419Kb / 20P
   SamplePort Stereo Asynchronous Sample Rate Converters
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com