Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRC4192IDB Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SRC4192IDB
Description  Stereo Asynchronous Sample-Rate Converters
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SRC4192IDB Datasheet(HTML) 3 Page - Texas Instruments

  SRC4192IDB Datasheet HTML 1Page - Texas Instruments SRC4192IDB Datasheet HTML 2Page - Texas Instruments SRC4192IDB Datasheet HTML 3Page - Texas Instruments SRC4192IDB Datasheet HTML 4Page - Texas Instruments SRC4192IDB Datasheet HTML 5Page - Texas Instruments SRC4192IDB Datasheet HTML 6Page - Texas Instruments SRC4192IDB Datasheet HTML 7Page - Texas Instruments SRC4192IDB Datasheet HTML 8Page - Texas Instruments SRC4192IDB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
RCKI
NC
NC
SDIN
BCKI
LRCKI
VIO
DGND
BYPAS
NC
NC
NC
RST
MUTE
CDATA
CCLK
CS
BCKO
LRCKO
SDOUT
V
DD
DGND
TDMI
NC
NC
NC
RATIO
RDY
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
SRC4193
LGRP
RCKI
NC
SDIN
BCKI
LRCKI
VIO
DGND
BYPAS
IFMT0
IFMT1
IFMT2
RST
MUTE
MODE2
MODE1
MODE0
BCKO
LRCKO
SDOUT
VDD
DGND
TDMI
OFMT0
OFMT1
OWL0
OWL1
RDY
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
SRC4192
SRC4192, SRC4193
www.ti.com
SBFS022C – JUNE 2003 – REVISED OCTOBER 2015
5 Pin Configuration and Functions
SRC4192 DB Package
SRC4193 DB Package
28-Pin SSOP
28-Pin SSOP
Top View
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
SRC4192
SRC4193
BCKI
5
5
I
Input port bit clock I/O
BCKO
25
25
O
Output port bit clock I/O
BYPAS
9
9
I
ASRC bypass control input (Active High)
CCLK
27
I
SPI port data clock input
CDATA
28
I
SPI port serial data input
CS
26
I
SPI port chip select input (Active Low)
DGND
8, 21
8, 21
Digital ground
IFMT0
10
I
Input port data format control input
IFMT1
11
I
Input port data format control input
IFMT2
12
I
Input port data format control input
LGRP
1
I
Low group delay control input (active high)
LRCKI
6
6
I
Input port left/right word clock I/O
LRCKO
24
24
O
Output port left/right word clock I/O
MODE0
26
I
Serial port mode control input
MODE1
27
I
Serial port mode control input
MODE2
28
I
Serial port mode control input
MUTE
14
14
I
Output mute control input (active high)
2,3,10,11,12,
NC
3
No connection
17,18,19
OFMT0
19
I
Output port data format control input
OFMT1
18
I
Output port data format control input
OWL0
17
I
Output port data word length control input
OWL1
16
I
Output port data word length control input
Input-to-output ratio flag output
RATIO
16
O
Low output denotes output rate lower than input rate.
High output denotes output rate higher than input rate.
RCKI
2
1
I
Reference Clock Input
RDY
15
15
O
ASRC Ready Status Output (Active Low)
Copyright © 2003–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: SRC4192 SRC4193


Similar Part No. - SRC4192IDB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SRC4192IDB TI-SRC4192IDB Datasheet
1Mb / 34P
[Old version datasheet]   192kHz Stereo Asynchronous Sample Rate Converters
SRC4192IDB TI-SRC4192IDB Datasheet
1Mb / 34P
[Old version datasheet]   192kHz Stereo Asynchronous Sample Rate Converters
SRC4192IDBG4 TI-SRC4192IDBG4 Datasheet
1Mb / 34P
[Old version datasheet]   192kHz Stereo Asynchronous Sample Rate Converters
SRC4192IDBR TI-SRC4192IDBR Datasheet
1Mb / 34P
[Old version datasheet]   192kHz Stereo Asynchronous Sample Rate Converters
SRC4192IDBRG4 TI-SRC4192IDBRG4 Datasheet
1Mb / 34P
[Old version datasheet]   192kHz Stereo Asynchronous Sample Rate Converters
More results

Similar Description - SRC4192IDB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SRC4192-Q1 TI1-SRC4192-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   Stereo Asynchronous Sample-Rate Converters
logo
Burr-Brown (TI)
SRC4192 BURR-BROWN-SRC4192 Datasheet
1Mb / 10P
   192kHz Stereo Asynchronous Sample Rate Converters
SRC4190 BURR-BROWN-SRC4190 Datasheet
1Mb / 10P
   192kHz Stereo Asynchronous Sample Rate Converters
logo
Texas Instruments
SRC4192IDBR TI-SRC4192IDBR Datasheet
1Mb / 34P
[Old version datasheet]   192kHz Stereo Asynchronous Sample Rate Converters
SRC4192IDB TI-SRC4192IDB Datasheet
1Mb / 34P
[Old version datasheet]   192kHz Stereo Asynchronous Sample Rate Converters
SRC4190 TI1-SRC4190_14 Datasheet
1Mb / 29P
[Old version datasheet]   192kHz Stereo Asynchronous Sample Rate Converters
logo
Analog Devices
AD1890 AD-AD1890 Datasheet
416Kb / 20P
   SamplePort Stereo Asynchronous Sample Rate Converters
REV. 0
logo
Burr-Brown (TI)
SRC4190 BURR-BROWN-SRC4190 Datasheet
1Mb / 25P
   192kHz Stereo Asynchronous Sample Rate Converters
logo
Analog Devices
AD1890 AD-AD1890_15 Datasheet
419Kb / 20P
   SamplePort Stereo Asynchronous Sample Rate Converters
REV. 0
AD1891 AD-AD1891_15 Datasheet
419Kb / 20P
   SamplePort Stereo Asynchronous Sample Rate Converters
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com