Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM3168A Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3168A
Description  Audio Codec
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM3168A Datasheet(HTML) 7 Page - Texas Instruments

Back Button PCM3168A Datasheet HTML 3Page - Texas Instruments PCM3168A Datasheet HTML 4Page - Texas Instruments PCM3168A Datasheet HTML 5Page - Texas Instruments PCM3168A Datasheet HTML 6Page - Texas Instruments PCM3168A Datasheet HTML 7Page - Texas Instruments PCM3168A Datasheet HTML 8Page - Texas Instruments PCM3168A Datasheet HTML 9Page - Texas Instruments PCM3168A Datasheet HTML 10Page - Texas Instruments PCM3168A Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 66 page
background image
PCM3168A
www.ti.com
SBAS452A – SEPTEMBER 2008 – REVISED JANUARY 2016
8 Specifications
8.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted).
(1)
MIN
MAX
UNIT
VCCAD1
–0.3
6.5
VCCAD2
–0.3
6.5
VCCDA1
–0.3
6.5
Supply voltage
V
VCCDA2
–0.3
6.5
VDD1
–0.3
4
VDD2
–0.3
4
AGNDAD1
–0.1
0.1
AGNDAD2
–0.1
0.1
AGNDDA1
–0.1
0.1
Ground voltage differences
V
AGNDDA2
–0.1
0.1
DGND1
–0.1
0.1
DGND2
–0.1
0.1
VCCAD1
–0.1
0.1
VCCAD2
–0.1
0.1
VCCDA1
–0.1
0.1
Supply voltage differences
V
VCCDA2
–0.1
0.1
VDD1
–0.1
0.1
VDD2
–0.1
0.1
RST
–0.3
6.5
MS
–0.3
6.5
MC
–0.3
6.5
MDI
–0.3
6.5
SCK
–0.3
6.5
BCKAD/DA
–0.3
(VDD + 0.3) < +4.0
Digital input voltage
LRCKAD/DA
–0.3
(VDD + 0.3) < +4.0
V
DIN1/2/3/4
–0.3
(VDD + 0.3) < +4.0
DOUT1/2/3
–0.3
(VDD + 0.3) < +4.0
MODE
–0.3
(VDD + 0.3) < +4.0
OVF
–0.3
(VDD + 0.3) < +4.0
ZERO
–0.3
(VDD + 0.3) < +4.0
MDO
–0.3
(VDD + 0.3) < +4.0
VIN1-6±
–0.3
(VCC + 0.3) < +6.5
VCOMAD/DA
–0.3
(VCC + 0.3) < +6.5
Analog input voltage
V
VOUT1-8±
–0.3
(VCC + 0.3) < +6.5
VREFAD1/2
–0.3
(VCC + 0.3) < +6.5
Input current (all pins except supplies)
–10
10
mA
Ambient temperature range (under bias)
–40
125
°C
Junction temperature
150
°C
Lead temperature (soldering, 5s)
260
°C
Package temperature (IR reflow, peak)
260
°C
Storage temperature, Tstg
–55
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
Copyright © 2008–2016, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: PCM3168A


Similar Part No. - PCM3168A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM3168A TI-PCM3168A Datasheet
1Mb / 66P
[Old version datasheet]   24-Bit, 96-kHz/192-kHz, 6-In/8-Out Audio Codec with Differential Input/Output
PCM3168A-Q1 TI-PCM3168A-Q1 Datasheet
1Mb / 66P
[Old version datasheet]   24-Bit, 96-kHz/192-kHz, 6-In/8-Out Audio Codec with Differential Input/Output
PCM3168A-Q1 TI-PCM3168A-Q1 Datasheet
1Mb / 68P
[Old version datasheet]   24-Bit, 96-kHz/192-kHz, 6-In/8-Out Audio Codec with Differential Input/Output
PCM3168A-Q1 TI-PCM3168A-Q1_15 Datasheet
1Mb / 68P
[Old version datasheet]   24-Bit, 96-kHz/192-kHz, 6-In/8-Out Audio Codec with Differential Input/Output
PCM3168APAP TI-PCM3168APAP Datasheet
1Mb / 66P
[Old version datasheet]   24-Bit, 96-kHz/192-kHz, 6-In/8-Out Audio Codec with Differential Input/Output
More results

Similar Description - PCM3168A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UDA1342TS PHILIPS-UDA1342TS Datasheet
180Kb / 44P
   Audio CODEC
2000 Mar 29
logo
Analog Devices
ADAU1361 AD-ADAU1361 Datasheet
1Mb / 80P
   Audio Codec
logo
LAPIS Semiconductor Co....
ML7041 LAPIS-ML7041 Datasheet
381Kb / 28P
   Audio CODEC
logo
OKI electronic componet...
MSM7732-01 OKI-MSM7732-01 Datasheet
302Kb / 29P
   Audio CODEC
logo
Analog Devices
ADAU1761 AD-ADAU1761_18 Datasheet
1Mb / 93P
   Audio Codec
logo
Texas Instruments
TLV320AIC27 TI1-TLV320AIC27_05 Datasheet
738Kb / 10P
[Old version datasheet]   STEREO AUDIO CODEC
logo
Gennum Corporation
GS9023B GENNUM-GS9023B Datasheet
714Kb / 56P
   Embedded Audio CODEC
logo
List of Unclassifed Man...
VS1001K ETC2-VS1001K Datasheet
448Kb / 40P
   MPEG AUDIO CODEC
logo
STMicroelectronics
AN3225 STMICROELECTRONICS-AN3225 Datasheet
263Kb / 13P
   Audio software codec
logo
Texas Instruments
PCM3070 TI1-PCM3070_14 Datasheet
1Mb / 49P
[Old version datasheet]   Stereo Audio Codec
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com