Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM3070IRHBR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3070IRHBR
Description  Stereo Audio Codec
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM3070IRHBR Datasheet(HTML) 1 Page - Texas Instruments

  PCM3070IRHBR Datasheet HTML 1Page - Texas Instruments PCM3070IRHBR Datasheet HTML 2Page - Texas Instruments PCM3070IRHBR Datasheet HTML 3Page - Texas Instruments PCM3070IRHBR Datasheet HTML 4Page - Texas Instruments PCM3070IRHBR Datasheet HTML 5Page - Texas Instruments PCM3070IRHBR Datasheet HTML 6Page - Texas Instruments PCM3070IRHBR Datasheet HTML 7Page - Texas Instruments PCM3070IRHBR Datasheet HTML 8Page - Texas Instruments PCM3070IRHBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
SPI_Select
IN1_R
IN2_R
IN3_R
IN3_L
IN2_L
IN1_L
Left
ADC
DRC
tpl
Left
DAC
AGC
+
+
+
+
ADC
Signal
Proc.
DAC
Signal
Proc.
Right
ADC
DRC
tpr
Right
DAC
AGC
ADC
Signal
Proc.
DAC
Signal
Proc.
+
+
+
+
Vol . Ctrl
Vol . Ctrl
Data
Interface
Gain Adj .
Gain Adj .
0…
+47.5 dB
0.5 dB steps
0…+47.5 dB
0.5 dB
steps
-6...+29dB
1dB steps
-6...+29dB
1dB steps
-6...+29dB
1dB steps
-6...+29dB
1dB steps
SPI / I2C
Control Block
Pin Muxing/ Clock Routing
Secondary
I
2S IF
Primary
I
2S Interface
Interrupt
Ctrl
ALDO
DLDO
PLL
Ref
Ref
Supplies
HPVdd
miniDSP
miniDSP
HPL
LOL
HPR
LOR
Reset
-30...0 dB
-30...0 dB
-72...0dB
-72...0dB
´
´
´
´
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
PCM3070
SLAS724A – SEPTEMBER 2008 – REVISED NOVEMBER 2014
PCM3070 Stereo Audio Codec With Embedded miniDSP
1 Features
2 Applications
1
Stereo Audio DAC with 100dB SNR
Soundbar
Stereo Audio ADC with 93dB SNR
Flat Panel Television
Extensive Signal Processing Options
MP3 Docking stations
Embedded miniDSP
Cell Phone Docking Stations
Six Single-Ended or 3 Fully-Differential Analog
Other Stereo or 2.1 Home Audio systems
Inputs
3 Description
Stereo Headphone Outputs
The PCM3070 is a flexible stereo audio codec with
Stereo Line Outputs
programmable
inputs
and
outputs,
fully-
Very Low-Noise PGA
programmable
miniDSP,
fixed
predefined
and
Analog Bypass Mode
parameterizable signal processing blocks, integrated
PLL, integrated LDOs and flexible digital interfaces.
Programmable PLL
Integrated LDO
Device Information(1)
5 mm x 5 mm 32-Pin QFN Package
PART NUMBER
PACKAGE
BODY SIZE (NOM)
PCM3070
VQFN (32)
5.00 mm x 5.00 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
4 Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - PCM3070IRHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM3070IRHBR TI1-PCM3070IRHBR Datasheet
908Kb / 41P
[Old version datasheet]   Stereo Audio Codec With Embedded miniDSP
More results

Similar Description - PCM3070IRHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC27 TI1-TLV320AIC27_05 Datasheet
738Kb / 10P
[Old version datasheet]   STEREO AUDIO CODEC
TLV320AIC27 TI-TLV320AIC27 Datasheet
684Kb / 52P
[Old version datasheet]   STEREO AUDIO CODEC
TLC320AD90 TI1-TLC320AD90 Datasheet
232Kb / 51P
[Old version datasheet]   Stereo Audio Codec
TLC320AD90C TI1-TLC320AD90C Datasheet
232Kb / 51P
[Old version datasheet]   Stereo Audio Codec
logo
List of Unclassifed Man...
WM8734 ETC-WM8734 Datasheet
414Kb / 42P
   STEREO AUDIO CODEC
logo
Wolfson Microelectronic...
WM8734 WOLFSON-WM8734_06 Datasheet
529Kb / 46P
   Stereo Audio CODEC
logo
Texas Instruments
TLC320AD91 TI1-TLC320AD91 Datasheet
184Kb / 43P
[Old version datasheet]   Stereo Audio Codec
TLV320AIC3105 TI1-TLV320AIC3105 Datasheet
2Mb / 103P
[Old version datasheet]   Low-Power Stereo Audio Codec
TLV320AIC3104 TI1-TLV320AIC3104_14 Datasheet
1Mb / 95P
[Old version datasheet]   Low-Power Stereo Audio Codec
logo
Rohm
BU7807-00KV ROHM-BU7807-00KV Datasheet
302Kb / 5P
   Stereo audio interface with CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com