Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS3955-ATDT-S4 Datasheet(PDF) 8 Page - ams AG

Part # AS3955-ATDT-S4
Description  NFC Forum Compliant Dynamic Tag
Download  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3955-ATDT-S4 Datasheet(HTML) 8 Page - ams AG

Back Button AS3955-ATDT-S4 Datasheet HTML 4Page - ams AG AS3955-ATDT-S4 Datasheet HTML 5Page - ams AG AS3955-ATDT-S4 Datasheet HTML 6Page - ams AG AS3955-ATDT-S4 Datasheet HTML 7Page - ams AG AS3955-ATDT-S4 Datasheet HTML 8Page - ams AG AS3955-ATDT-S4 Datasheet HTML 9Page - ams AG AS3955-ATDT-S4 Datasheet HTML 10Page - ams AG AS3955-ATDT-S4 Datasheet HTML 11Page - ams AG AS3955-ATDT-S4 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 111 page
background image
Page 8
ams Datasheet
Document Feedback
[v1-01] 2015-Apr-29
AS3955 − Absolute Maximum R atings
Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. These are stress
ratings only. Functional operation of the device at these or any
other conditions beyond those indicated under Operating
Conditions is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device
reliability.
Figure 6:
Absolute Maximum Ratings
Symbol
Parameter
Min
Max
Unit
Comments
Electrical Parameters
VDD
DC supply voltage
-0.5
6.5
V
Vin
Input pin voltage except LC1
and LC2
-0.5
6.5
V
Input pin voltage pins LC1 and
LC2
-0.5
6.5
V
Peak current induced on pins
LC1 and LC2
100
mA
Iscr
Input current (latch-up
immunity)
-100
100
mA
Norm: Jedec 78
Electrostatic Discharge
ESDHBM
Electrostatic Discharge HBM
±2
kV
Norm: MIL 883 E method 3015
(Human Body Model)
ESDCDM
ESD – Machine and Charged
Device Models
±500
V
Temperature Ranges and Storage Conditions
Tstrg
Storage temperature
-55
150
°C
Tbody
Package body temperature
260
°C
Norm: IPC/JEDEC J-STD-020. The
reflow peak soldering
temperature (body temperature)
is specified according IPC/JEDEC
J-STD-020 “Moisture/Reflow
Sensitivity Classification for
Non-hermetic Solid State Surface
Mount Devices.” The lead finish
for Pb-free leaded packages is
matte tin (100% Sn).
RHNC
Relative Humidity
non-condensing
585
%
MSL
Moisture Sensitivity Level
3
Represents a max. floor life time
of 168h
Absolute Maximum Ratings


Similar Part No. - AS3955-ATDT-S4

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3955 AMSCO-AS3955 Datasheet
1Mb / 102P
   NFC Forum Compliant Dynamic Tag
2016-Feb-03
AS3955 AMSCO-AS3955_V01 Datasheet
1Mb / 102P
   NFC Forum Compliant Dynamic Tag
2016-Feb-03
More results

Similar Description - AS3955-ATDT-S4

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3955 AMSCO-AS3955_V01 Datasheet
1Mb / 102P
   NFC Forum Compliant Dynamic Tag
2016-Feb-03
AS3956 AMSCO-AS3956_V01 Datasheet
1Mb / 107P
   NFC Forum Compliant Dynamic Tag
2018-Nov-14
AS3956 AMSCO-AS3956 Datasheet
1Mb / 109P
   NFC Forum Compliant Dynamic Tag
logo
NXP Semiconductors
NCX3310 NXP-NCX3310 Datasheet
1Mb / 2P
   NFC Forum-compliant Tag IC with I2C for Automotive
REV 1
logo
STMicroelectronics
M24SR02-Y STMICROELECTRONICS-M24SR02-Y Datasheet
1Mb / 90P
   Dynamic NFC/RFID tag IC with 2-Kbit EEPROM, NFC Forum Type 4 Tag and I짼C interface
February 2017 Rev 10
logo
NXP Semiconductors
NT3H2211W0FHKH NXP-NT3H2211W0FHKH Datasheet
2Mb / 77P
   NTAG I2C plus, NFC Forum Type 2 Tag compliant IC with I2C interface
Rev. 3.0-3 February 2016
NTAG210 NXP-NTAG210 Datasheet
1,001Kb / 46P
   NFC Forum Type 2 Tag compliant IC with 48/128 bytes user memory
Rev. 3.0-14 March 2013
NT3H2111W0FTTJ NXP-NT3H2111W0FTTJ Datasheet
2Mb / 77P
   NTAG I2C plus, NFC Forum Type 2 Tag compliant IC with I2C interface
Rev. 3.0-3 February 2016
NT2H1311G0DUF NXP-NT2H1311G0DUF Datasheet
1Mb / 58P
   NFC Forum Type 2 Tag compliant IC with 144/504/888 bytes user memory
Rev. 3.0-24 July 2013
logo
STMicroelectronics
ST25TA64K STMICROELECTRONICS-ST25TA64K Datasheet
587Kb / 45P
   NFC Forum Type 4 Tag IC with 64-Kbit EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com