Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS3729 Datasheet(PDF) 4 Page - ams AG

Part # AS3729
Description  5A Power Stage
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3729 Datasheet(HTML) 4 Page - ams AG

  AS3729 Datasheet HTML 1Page - ams AG AS3729 Datasheet HTML 2Page - ams AG AS3729 Datasheet HTML 3Page - ams AG AS3729 Datasheet HTML 4Page - ams AG AS3729 Datasheet HTML 5Page - ams AG AS3729 Datasheet HTML 6Page - ams AG AS3729 Datasheet HTML 7Page - ams AG AS3729 Datasheet HTML 8Page - ams AG AS3729 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Page 4
ams Datasheet
Document Feedback
[v1-24] 2015-Aug-13
AS3729 − Absolute Maximum R atings
Stresses beyond those listed underAbsolute Maximum Ratings
may cause permanent damage to the device. These are stress
ratings only. Functional operation of the device at these or any
other conditions beyond those indicated under Electrical
Characteristicsis not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device
reliability.
Figure 5:
Absolute Maximum Ratings
Note(s) and/or Footnote(s):
1. Depending on actual PCB layout and PCB used.
2. The reflow peak soldering temperature (body temperature) is specified according IPC/JEDEC J-STD-020 “Moisture/Reflow Sensitivity
Classification for Nonhermetic Solid State Surface Mount Devices”.
Symbol
Parameter
Min
Max
Units
Comments
Electrical Parameters
Supply voltage to ground 5V
pins
-0.5
7.0
V
Applicable for pins VSUPx, LXx,
CTRLx
Supply voltage to ground 3V
pins
-0.5
5.0
V
Applicable for pin TEMP
Voltage difference between
ground terminals
-0.5
0.5
V
Applicable for pins PVSS, AGND
Input current
(latch-up immunity)
-100
100
mA
Norm: JEDEC JESD78
Continuous Power Dissipation (TA = 70°C)
PT
Continuous power dissipation
1
W
PT
(1) for WL-CSP16 package
(RTHJA ~ 55K/W)
Electrostatic Discharge
ESD
Electrostatic discharge HBM
±1.5
kV
Norm: JEDEC JESD22-A114F
Temperature Ranges and Storage Conditions
TA
Operating temperature
-40
85
°C
RTHJA
Junction to ambient thermal
resistance
°C/W
RTHJA typical 55K/W
TJ
Junction temperature
125
°C
TStrg
Storage temperature range
-55
125
°C
TBODY
Package body temperature
260
°C
Norm IPC/JEDEC J-STD-020 (2)
RHNC
Relative humidity
(non-condensing)
585
%
MSL
Moisture sensitivity level
1
Represents an unlimited floor
life time
Absolute Maximum Ratings


Similar Part No. - AS3729

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3729B AMSCO-AS3729B Datasheet
448Kb / 18P
   Support for single or dual phase operation
More results

Similar Description - AS3729

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6580 INTERSIL-ISL6580 Datasheet
1Mb / 31P
   Integrated Power Stage
logo
Fairchild Semiconductor
FDMS3669S FAIRCHILD-FDMS3669S Datasheet
587Kb / 16P
   PowerTrench짰 Power Stage
logo
Powersem GmbH
PSBM24 POWERSEM-PSBM24 Datasheet
155Kb / 2P
   Power MOSFET Stage
logo
Fairchild Semiconductor
FDMS3660AS FAIRCHILD-FDMS3660AS Datasheet
397Kb / 13P
   PowerTrench짰 Power Stage
logo
Powerex Power Semicondu...
RD750VA-SIP POWEREX-RD750VA-SIP Datasheet
122Kb / 1P
   Complete Power Stage
logo
Fairchild Semiconductor
FDMS3610S FAIRCHILD-FDMS3610S Datasheet
377Kb / 13P
   PowerTrench Power Stage
logo
Texas Instruments
BQ500101 TI1-BQ500101 Datasheet
376Kb / 20P
[Old version datasheet]   NexFET Power Stage
logo
Rohm
2SA2096 ROHM-2SA2096 Datasheet
81Kb / 4P
   Power transistor (-60V, -5A)
logo
Mospec Semiconductor
2N6542 MOSPEC-2N6542 Datasheet
209Kb / 4P
   POWER TRANSISTORS(5A,100W)
logo
Maxim Integrated Produc...
MAX17515EVKIT MAXIM-MAX17515EVKIT Datasheet
545Kb / 8P
   5A Integrated Power Module
Rev 1; 9/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com