Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

30KP110A Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # 30KP110A
Description  30kW TRANSIENT VOLTAGE SUPPRESSOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

30KP110A Datasheet(HTML) 1 Page - Digitron Semiconductors

  30KP110A Datasheet HTML 1Page - Digitron Semiconductors 30KP110A Datasheet HTML 2Page - Digitron Semiconductors 30KP110A Datasheet HTML 3Page - Digitron Semiconductors 30KP110A Datasheet HTML 4Page - Digitron Semiconductors 30KP110A Datasheet HTML 5Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
High-reliability discrete products
and engineering services since 1977
30KP22-30KP400
30kWTRANSIENTVOLTAGESUPPRESSOR
Rev. 20131216
FEATURES
Axial and radial available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number
Available as non-RoHS (Sn/Pb plating), standard, and as RoHS by adding “-PBF” suffix.
Available in both unidirectional and bidirectional construction (bidirectional “C” or “CA” suffix)
Available in both axial-leaded and radial packages (include “R” prefix for radial packages)
MAXIMUM RATINGS
Rating
Value
Peak pulse power dissipation @ 25°C
30,000W @ 10/1000µs
Impulse repetition rate (duty factor)
0.05%
tclamping (0 volts to V(BR) min)
< 100 ps theoretical for unidirectional and <5 ns for bidirectional
Operating and storage temperature
-65 to +150°C
Thermal resistance
17.5°C/W junction to lead or 77.5°C/W junction to ambient when mounted on FR4 PC
board with 4mm2 copper pads and track width 1mm, length 25mm
Steady state power dissipation
7W @ TL = 27.5°C, or 1.61W @ TA = 25°C when mounted on FR4 PC board with 4mm2
copper pads and track width 1mm, length 25mm
Forward surge
250A, 8.3 ms half-sine wave
Solder temperatures
260°C for 10s (maximum)
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Breakdown voltage
V(BR) @ I(BR)
Rated standoff
voltage
VWM
V(BR)
I(BR)
Maximum
clamping @ IPP
10/1000µs
VC
Maximum
reverse leakage
@ VWM
ID
Maximum peak
pulse current
IPP
Maximum V(BR)
temperature
coefficient
αVZ
Volts
Part number
Volts
Min
Max
mA
Volts
µAmps
Amps
mV/°C
30KP22
22
24.4
29.8
50
41.1
10000
730
27
30KP22A
22
24.4
26.9
50
37.1
10000
808
24
30KP24
24
26.7
32.6
50
45.0
10000
666
30
30KP24A
24
26.7
29.5
50
40.7
10000
738
27
30KP26
26
28.9
35.3
50
48.7
10000
616
32
30KP26A
26
28.9
31.9
50
44.0
10000
682
29
30KP28
28
31.1
38.0
50
52.4
8000
572
35
30KP28A
28
31.1
34.4
50
47.5
8000
632
31
30KP30
30
33.3
40.7
50
56.2
8000
534
37
30KP30A
30
33.3
36.9
50
50.7
8000
592
33
30KP33
33
36.7
44.9
50
64.6
5000
496
42
30KP33A
33
36.7
40.6
50
58.6
5000
548
38
30KP36
36
40.0
48.9
50
68.2
5000
454
46
30KP36A
36
40.0
44.2
50
61.8
5000
502
41
30KP40
40
44.4
54.3
20
75.8
1500
412
51
30KP40A
40
44.4
49.1
20
68.6
1500
456
46
30KP43
43
47.8
58.4
10
79.0
500
380
55
30KP43A
43
47.8
52.8
10
71.0
500
430
50
30KP45
45
50.0
61.1
5
80.7
150
372
57


Similar Part No. - 30KP110A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
30KP110A MICROSEMI-30KP110A Datasheet
188Kb / 3P
   30kW Transient Voltage Suppressor
logo
EIC discrete Semiconduc...
30KP110A EIC-30KP110A Datasheet
125Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
30KP110A NJSEMI-30KP110A Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Digitron Semiconductors
30KP110A DIGITRON-30KP110A Datasheet
152Kb / 4P
   30kW TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
30KP110A ETC2-30KP110A Datasheet
322Kb / 3P
   Transient Voltage Suppressor
More results

Similar Description - 30KP110A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
30KP70CA MICROSEMI-30KP70CA Datasheet
188Kb / 3P
   30kW Transient Voltage Suppressor
logo
Digitron Semiconductors
30KP22 DIGITRON-30KP22 Datasheet
152Kb / 4P
   30kW TRANSIENT VOLTAGE SUPPRESSOR
logo
TAITRON Components Inco...
30KPA28A TAITRON-30KPA28A Datasheet
212Kb / 6P
   30KW Transient Voltage Suppressor
logo
Shanghai Leiditech Elec...
30KP LEIDITECH-30KP Datasheet
790Kb / 5P
   30KW Transient Voltage Suppressor
logo
Microsemi Corporation
PLAD30KP10 MICROSEMI-PLAD30KP10 Datasheet
275Kb / 5P
   30kW Surface Mount Transient Voltage Suppressor
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com