Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS3435-EQFM Datasheet(PDF) 10 Page - ams AG

Part # AS3435-EQFM
Description  Integrated Active Noise Cancelling Solution with Bypass Feature
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3435-EQFM Datasheet(HTML) 10 Page - ams AG

Back Button AS3435-EQFM Datasheet HTML 6Page - ams AG AS3435-EQFM Datasheet HTML 7Page - ams AG AS3435-EQFM Datasheet HTML 8Page - ams AG AS3435-EQFM Datasheet HTML 9Page - ams AG AS3435-EQFM Datasheet HTML 10Page - ams AG AS3435-EQFM Datasheet HTML 11Page - ams AG AS3435-EQFM Datasheet HTML 12Page - ams AG AS3435-EQFM Datasheet HTML 13Page - ams AG AS3435-EQFM Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 102 page
background image
AS3415/AS3435 – 10
ams Datasheet, Confidential: 2014-Jun-13 [v1-30]
E l ec t r i c al C h a r ac teri sti c s
Block Power Requirements @ 1.5V VBAT
IOFF
Off mode current
MODE pin low, device switched off
1
μA
ISYS
Reference supply
current
Bias generation, oscillator, POR
0.46
mA
IVNEG
VNEG Charge Pump
0.36
mA
ILIN
LineIn gain stage
current
No signal, stereo, normal mode
1.4
mA
No signal, stereo, ECO mode
1
mA
IMIC
Mic gain stage
current
No signal, stereo, normal mode
1.5
mA
No signal, stereo, ECO mode
1.1
mA
IHP
Headphone stage
current
No signal, normal mode
2.4
mA
No signal, ECO mode
2
mA
IMICS
MICS charge pump
current
No load
400
μA
IOP1
OP1 supply current
OP1L and OP1R enabled, normal mode
1.4
mA
OP1L and OP1R enabled, ECO mode
1
mA
IOP2
OP2 supply current
OP2L and OP2R enabled, normal mode
1.4
mA
OP2L and OP2R enabled, ECO mode
1
mA
Typical System Power Consumption
PFF
Typical power
consumption feed
forward application
OP1L, OP1R enabled
OP2L, OP2R disabled
500μA microphone load
ILED disabled
13.5
mW
PFF_ECO
Typical power
consumption feed
forward application
in ECO mode
All blocks in ECO mode
OP1L, OP1R enabled
OP2L, OP2R disabled
500μA microphone load
ILED disabled
10.5
mW
PFB
Typical power
consumption feed
forward application
OP1L, OP1R enabled
OP2L, OP2R enabled
500μA microphone load
ILED disabled
15.5
mW
PFB_ECO
Typical power
consumption
feedback application
in ECO mode
All blocks in ECO mode
OP1L, OP1R enabled
OP2L, OP2R enabled
500μA microphone load
ILED disabled
13
mW
Symbol
Parameter
Conditions
Min
Typ
Max
Unit


Similar Part No. - AS3435-EQFM

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3430 AMSCO-AS3430 Datasheet
198Kb / 3P
   Low Power Ambient Noise-Cancelling Speaker Driver
AS3430 AMSCO-AS3430 Datasheet
1Mb / 51P
   Low Power Ambient Noise-Cancelling Speaker Driver
AS3430 AMSCO-AS3430 Datasheet
1Mb / 51P
   Low Power Ambient Noise-Cancelling Speaker Driver
AS3430-EK-ST AMSCO-AS3430-EK-ST Datasheet
1Mb / 51P
   Low Power Ambient Noise-Cancelling Speaker Driver
More results

Similar Description - AS3435-EQFM

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9895A MAXIM-MAX9895A Datasheet
1Mb / 22P
   Active Noise-Cancelling Solution for Stereo Headsets
19-4478; Rev 0; 10/09
logo
AVAGO TECHNOLOGIES LIMI...
ALM-11036 AVAGO-ALM-11036 Datasheet
417Kb / 12P
   Low Noise, High Linearity Amplifier Module with Fail-Safe Bypass Feature
ALM-11136 AVAGO-ALM-11136 Datasheet
414Kb / 12P
   Low Noise, High Linearity Amplifier Module with Fail-Safe Bypass Feature
ALM-11236 AVAGO-ALM-11236 Datasheet
391Kb / 12P
   Low Noise, High Linearity Amplifier Module with Fail-Safe Bypass Feature
ALM-11036 AVAGO-ALM-11036_15 Datasheet
417Kb / 12P
   Low Noise, High Linearity Amplifier Module with Fail-Safe Bypass Feature
logo
Broadcom Corporation.
ALM-11136 BOARDCOM-ALM-11136 Datasheet
414Kb / 12P
   Low Noise, High Linearity Amplifier Module with Fail-Safe Bypass Feature
logo
AVAGO TECHNOLOGIES LIMI...
ALM-11336 AVAGO-ALM-11336 Datasheet
398Kb / 12P
   Low Noise, High Linearity Amplifier Module with Fail-Safe Bypass Feature
logo
Broadcom Corporation.
ALM-11236 BOARDCOM-ALM-11236 Datasheet
391Kb / 12P
   Low Noise, High Linearity Amplifier Module with Fail-Safe Bypass Feature
DEMO-ALM-11X36 BOARDCOM-DEMO-ALM-11X36 Datasheet
417Kb / 12P
   Low Noise, High Linearity Amplifier Module with Fail-Safe Bypass Feature
ALM-11036 BOARDCOM-ALM-11036 Datasheet
417Kb / 12P
   Low Noise, High Linearity Amplifier Module with Fail-Safe Bypass Feature
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com