Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS3435 Datasheet(PDF) 7 Page - ams AG

Part # AS3435
Description  Integrated Active Noise Cancelling Solution with Bypass Feature
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3435 Datasheet(HTML) 7 Page - ams AG

Back Button AS3435 Datasheet HTML 3Page - ams AG AS3435 Datasheet HTML 4Page - ams AG AS3435 Datasheet HTML 5Page - ams AG AS3435 Datasheet HTML 6Page - ams AG AS3435 Datasheet HTML 7Page - ams AG AS3435 Datasheet HTML 8Page - ams AG AS3435 Datasheet HTML 9Page - ams AG AS3435 Datasheet HTML 10Page - ams AG AS3435 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 102 page
background image
ams Datasheet, Confidential: 2014-Jun-13 [v1-30]
AS3415/AS3435 – 7
Abs o lute M a ximum R a tings
Stresses beyond those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device. These are
stress ratings only. Functional operation of the device at these
or any other conditions beyond those indicated under
“Operating Conditions” is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Figure 6:
Absolute Maximum Ratings
Parameter
Min
Max
Units
Comments
Reference Ground
Defined as in GND
Supply terminals
-0.5
2.0
V
Applicable for pin VBAT
Ground terminals
-0.5
0.5
V
Applicable for pin AGND
Negative terminals
-2.0
0.5
V
Applicable for pins VNEG
Charge Pump pins
VNEG-0.5
VBAT+0.5
V
Applicable for pins CPN and CPP
Headphone pins
VNEG-0.5
VBAT+0.5
V
Applicable for pins HPR and HPL
Analog pins
VNEG-0.5
VBAT+0.5
V
Applicable for pins LINL, LINR,
MICL/R, HPR, HPL, QMICL/R,
QLINL/R, IOPx, QOPx, CPP, CPN,
TRSCL, TRSDA, MICACL, MICACR,
MIXR, MIXL, BPL, BPR and ILED
Control Pins
VNEG-0.5
5V
Applicable for pins MICS,
ANC/CSDA, MODE/CSCL
Other Pins
VNEG-0.5
5
V
Applicable for pin MICS
Input Current (latch-up immunity)
-100
100
mA
Norm: JEDEC 17
Continuous Power Dissipation (TA = +70ºC)
Continuous Power Dissipation
-
200
mW
PT(1) for QFN32/36 package
Electrostatic Discharge
Electrostatic Discharge HBM
± 2
kV
Norm: JEDEC JESD22-A114C
Absolute Maximum Ratings


Similar Part No. - AS3435

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3430 AMSCO-AS3430 Datasheet
198Kb / 3P
   Low Power Ambient Noise-Cancelling Speaker Driver
AS3430 AMSCO-AS3430 Datasheet
1Mb / 51P
   Low Power Ambient Noise-Cancelling Speaker Driver
AS3430 AMSCO-AS3430 Datasheet
1Mb / 51P
   Low Power Ambient Noise-Cancelling Speaker Driver
AS3430-EK-ST AMSCO-AS3430-EK-ST Datasheet
1Mb / 51P
   Low Power Ambient Noise-Cancelling Speaker Driver
More results

Similar Description - AS3435

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9895A MAXIM-MAX9895A Datasheet
1Mb / 22P
   Active Noise-Cancelling Solution for Stereo Headsets
19-4478; Rev 0; 10/09
logo
AVAGO TECHNOLOGIES LIMI...
ALM-11036 AVAGO-ALM-11036 Datasheet
417Kb / 12P
   Low Noise, High Linearity Amplifier Module with Fail-Safe Bypass Feature
ALM-11136 AVAGO-ALM-11136 Datasheet
414Kb / 12P
   Low Noise, High Linearity Amplifier Module with Fail-Safe Bypass Feature
ALM-11236 AVAGO-ALM-11236 Datasheet
391Kb / 12P
   Low Noise, High Linearity Amplifier Module with Fail-Safe Bypass Feature
ALM-11036 AVAGO-ALM-11036_15 Datasheet
417Kb / 12P
   Low Noise, High Linearity Amplifier Module with Fail-Safe Bypass Feature
logo
Broadcom Corporation.
ALM-11136 BOARDCOM-ALM-11136 Datasheet
414Kb / 12P
   Low Noise, High Linearity Amplifier Module with Fail-Safe Bypass Feature
logo
AVAGO TECHNOLOGIES LIMI...
ALM-11336 AVAGO-ALM-11336 Datasheet
398Kb / 12P
   Low Noise, High Linearity Amplifier Module with Fail-Safe Bypass Feature
logo
Broadcom Corporation.
ALM-11236 BOARDCOM-ALM-11236 Datasheet
391Kb / 12P
   Low Noise, High Linearity Amplifier Module with Fail-Safe Bypass Feature
DEMO-ALM-11X36 BOARDCOM-DEMO-ALM-11X36 Datasheet
417Kb / 12P
   Low Noise, High Linearity Amplifier Module with Fail-Safe Bypass Feature
ALM-11036 BOARDCOM-ALM-11036 Datasheet
417Kb / 12P
   Low Noise, High Linearity Amplifier Module with Fail-Safe Bypass Feature
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com