Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

30KP48 Datasheet(PDF) 3 Page - Digitron Semiconductors

Part # 30KP48
Description  30kW TRANSIENT VOLTAGE SUPPRESSOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

30KP48 Datasheet(HTML) 3 Page - Digitron Semiconductors

  30KP48 Datasheet HTML 1Page - Digitron Semiconductors 30KP48 Datasheet HTML 2Page - Digitron Semiconductors 30KP48 Datasheet HTML 3Page - Digitron Semiconductors 30KP48 Datasheet HTML 4Page - Digitron Semiconductors 30KP48 Datasheet HTML 5Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
High-reliability discrete products
and engineering services since 1977
30KP22-30KP400
30kWTRANSIENTVOLTAGESUPPRESSOR
Rev. 20131216
Breakdown voltage
V(BR) @ I(BR)
Rated standoff
voltage
VWM
V(BR)
I(BR)
Maximum
clamping @ IPP
10/1000µs
VC
Maximum
reverse leakage
@ VWM
ID
Maximum peak
pulse current
IPP
Maximum V(BR)
temperature
coefficient
αVZ
Volts
Part number
Volts
Min
Max
mA
Volts
µAmps
Amps
mV/°C
30KP180
180
200.0
244.0
5
321.0
10
94
242
30KP180A
180
200.0
221.0
5
291.0
10
104
219
30KP200
200
222.0
271.0
5
356.0
10
84
269
30KP200A
200
222.0
245.0
5
322.0
10
94
243
30KP220
220
245.0
299.0
5
393.0
10
76
297
30KP220A
220
245.0
271.0
5
356.0
10
84
269
30KP250A
250
278.0
308.0
5
403.0
10
74
306
30KP260A
260
289.0
320.0
5
419.0
10
71
318
30KP280A
280
311.0
345.0
5
451.0
10
66
344
30KP300A
300
333.0
369.0
5
483.0
10
62
368
30KP350A
350
389.0
431.0
5
564.0
10
53
430
30KP400A
400
444.0
492.0
5
644.0
10
46
490


Similar Part No. - 30KP48

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
30KP48 MICROSEMI-30KP48 Datasheet
188Kb / 3P
   30kW Transient Voltage Suppressor
logo
New Jersey Semi-Conduct...
30KP48 NJSEMI-30KP48 Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP48 NJSEMI-30KP48 Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP48 NJSEMI-30KP48 Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
30KP48 EIC-30KP48 Datasheet
125Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 30KP48

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
30KP70CA MICROSEMI-30KP70CA Datasheet
188Kb / 3P
   30kW Transient Voltage Suppressor
logo
Digitron Semiconductors
30KP22 DIGITRON-30KP22 Datasheet
152Kb / 4P
   30kW TRANSIENT VOLTAGE SUPPRESSOR
logo
TAITRON Components Inco...
30KPA28A TAITRON-30KPA28A Datasheet
212Kb / 6P
   30KW Transient Voltage Suppressor
logo
Shanghai Leiditech Elec...
30KP LEIDITECH-30KP Datasheet
790Kb / 5P
   30KW Transient Voltage Suppressor
logo
Microsemi Corporation
PLAD30KP10 MICROSEMI-PLAD30KP10 Datasheet
275Kb / 5P
   30kW Surface Mount Transient Voltage Suppressor
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com