Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM1862DBT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1862DBT
Description  4ch Audio ADCs With Universal Front End
Download  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1862DBT Datasheet(HTML) 4 Page - Texas Instruments

  PCM1862DBT Datasheet HTML 1Page - Texas Instruments PCM1862DBT Datasheet HTML 2Page - Texas Instruments PCM1862DBT Datasheet HTML 3Page - Texas Instruments PCM1862DBT Datasheet HTML 4Page - Texas Instruments PCM1862DBT Datasheet HTML 5Page - Texas Instruments PCM1862DBT Datasheet HTML 6Page - Texas Instruments PCM1862DBT Datasheet HTML 7Page - Texas Instruments PCM1862DBT Datasheet HTML 8Page - Texas Instruments PCM1862DBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 115 page
background image
VINR3 / VIN3P 30
VINL3 / VIN4P 29
VINR4 / VIN3M 28
VINL4 / VIN4M 27
5 Mic Bias
INT 19
MD6 20
1 VINL2 / VIN1M
2 VINR2 / VIN2M
3 VINL1 / VIN1P
4 VINR1 / VIN2P
6 VREF
7 AGND
8 AVDD
9 XO
10 XI
11 LDO
MD5 21
MD4 22
MD3 24
12 DGND
13 DVDD
MD2 23
MD1 25
14 IOVDD
15 SCKI (3.3V)
LRCK 16
MD0 26
DOUT 18
BCK 17
PCM1860, PCM1862, PCM1864, PCM1864-Q1
SLASE55A – NOVEMBER 2014 – REVISED DECEMBER 2014
www.ti.com
7 Pin Configuration and Functions
7.1 Pin Assignments PCM1860
Figure 1. Device Pin Assignments, PCM1860
Pin Functions PCM1860
PIN
I/O
DESCRIPTIONS
NAME
NO.
VINL2/VIN1M
1
I
Analog input 2, L-channel (or Differential M input for input 1)
VINR2/VIN2M
2
I
Analog input 2, R-channel (or Differential M input for input 2)
VINL1/VIN1P
3
I
Analog input 1, L-channel (or Differential P input for input 1)
VINR1/VIN2P
4
I
Analog input 1, R-channel (or Differential P input for input 2)
Mic Bias
5
Mic Bias
VREF
6
Reference voltage decoupling (= 0.5 AVDD)
AGND
7
Analog GND
AVDD
8
Analog power supply, +3.3 V
XO
9
Oscillation amplifier output
XI
10
I
Oscillation amplifier input
LDO
11
LDO output (or +1.8V input to bypass LDO)
DGND
12
Digital GND
DVDD
13
Digital power supply, +3.3 V
IOVDD
14
Power Supply for I/O Voltages (for example, +3.3 V or +1.8 V)
SCKI
15
I
CMOS Level (+3.3 V) Master Clock Input
LRCK
16
I/O
Audio data word clock (Left Right Clock) input/output(1)
BCK
17
I/O
Audio data bit clock input/output (1)
DOUT
18
O
Audio data digital output
INT
19
O
Interrupt Output (for Analog Input Detect). Pull High for Active Mode, Pull Low for Idle.
(1)
Schmitt trigger input with internal pull-down (50k
Ω typically).
4
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: PCM1860 PCM1862 PCM1864 PCM1864-Q1


Similar Part No. - PCM1862DBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1862 TI1-PCM1862 Datasheet
2Mb / 141P
[Old version datasheet]   Automotive, 4-Channel or 2-Channel, 192-kHz, Audio ADCs
PCM1862-Q1 TI1-PCM1862-Q1 Datasheet
2Mb / 141P
[Old version datasheet]   Automotive, 4-Channel or 2-Channel, 192-kHz, Audio ADCs
PCM1862QDBTRQ1 TI1-PCM1862QDBTRQ1 Datasheet
2Mb / 141P
[Old version datasheet]   Automotive, 4-Channel or 2-Channel, 192-kHz, Audio ADCs
More results

Similar Description - PCM1862DBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1861 TI-PCM1861_15 Datasheet
5Mb / 115P
[Old version datasheet]   PCM186x 110dB 2ch and 4ch Audio ADCs with Universal Front End
PCM1860 TI-PCM1860_15 Datasheet
5Mb / 115P
[Old version datasheet]   PCM186x 103 dB 2ch and 4ch Audio ADCs With Universal Front End
PCM1865-Q1 TI1-PCM1865-Q1 Datasheet
5Mb / 108P
[Old version datasheet]   Universal Front End
logo
ams AG
AS3510 AMSCO-AS3510 Datasheet
60Kb / 2P
   Analog Audio Front-End
AS1488 AMSCO-AS1488 Datasheet
875Kb / 20P
   Analog Audio Front End
AS3510 AMSCO-AS3510_04 Datasheet
875Kb / 20P
   ANALOG AUDIO FRONT-END
logo
Vicor Corporation
VI-AIM VICOR-VI-AIM Datasheet
51Kb / 2P
   Universal AC Input Front End Module
VI-AIM-E1 VICOR-VI-AIM-E1_17 Datasheet
164Kb / 4P
   Universal AC Input Front End Module
logo
Asahi Kasei Microsystem...
AK7722 AKM-AK7722 Datasheet
457Kb / 28P
   24bit 4ch ADC 24bit 4ch DAC with Audio DSP
logo
NXP Semiconductors
UCB1100 PHILIPS-UCB1100 Datasheet
290Kb / 36P
   Advanced modem/audio analog front-end
1998 May 08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com