Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM1755DBQR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1755DBQR
Description  Multi-Level Delta-Sigma Audio Digital-to- Analog Converter
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1755DBQR Datasheet(HTML) 1 Page - Texas Instruments

  PCM1755DBQR Datasheet HTML 1Page - Texas Instruments PCM1755DBQR Datasheet HTML 2Page - Texas Instruments PCM1755DBQR Datasheet HTML 3Page - Texas Instruments PCM1755DBQR Datasheet HTML 4Page - Texas Instruments PCM1755DBQR Datasheet HTML 5Page - Texas Instruments PCM1755DBQR Datasheet HTML 6Page - Texas Instruments PCM1755DBQR Datasheet HTML 7Page - Texas Instruments PCM1755DBQR Datasheet HTML 8Page - Texas Instruments PCM1755DBQR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
Enhanced
Multilevel
Delta-Sigma
Modulator
Power Supply
VOUTL
4x/8x
Oversampling
Digital Filter
and Function
Control
Audio
Serial
Port
BCK
LRCK
DA TA
Output Amp
And
Low-Pass Filter
System
Clock Manager
TEST
SCK
Zero Detect
MUTE
FMT
Serial
Control
Port
DEMP
DAC
VCOM
System C lock
Output Amp
And
Low-Pass Filter
DAC
VOUTR
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
PCM1753, PCM1754, PCM1755
SLES092D – APRIL 2010 – REVISED AUGUST 2015
PCM175x 24-Bit 192-kHz Sampling Enhanced Multi-Level Delta-Sigma Audio Digital-to-
Analog Converter
1 Features
3 Description
The PCM175x devices are stereo digital-to-analog
1
24-Bit Resolution
converters (DACs) based on TI's enhanced delta-
Analog Performance (VCC = 5 V)
sigma architecture which employ 4th-order noise
Dynamic Range: 106 dB
shaping and 8-level amplitude quantization to achieve
excellent dynamic performance and improved clock
SNR: 106 dB, Typical
jitter tolerance. The PCM175x devices easily interface
THD+N: 0.002%, Typical
with audio DSP and decoder chips because of the
Full-Scale Output: 4 VPP, Typical
devices' support of industry-standard audio data
formats with 16- and 24-bit data. The PCM175x
4×/8× Oversampling Digital Filter
devices can be controlled in a hardware mode, or a
Stop-Band Attenuation: –50 dB
full set of user-programmable functions is accessible
Pass-Band Ripple: ±0.04 dB
through
a
three-wire
serial
control
port,
which
Sampling Frequency: 5 kHz to 200 kHz
supports register-write functions.
System Clock: 128 fS, 192 fS, 256 fS, 384 fS, 512
The PCM1753 is pin-compatible with the PCM1748,
fS, 768 fS, 1152 fS with Auto Detect
PCM1742, and PCM1741, except for pin 5.
Hardware Control (PCM1754)
Device Information(1)
I2S and 16-Bit Word, Right-Justified
PART NUMBER
PACKAGE
BODY SIZE (NOM)
44.1 kHz Digital De-Emphasis
PCM1753
Soft Mute
PCM1754
SSOP (16)
3.90 mm × 4.90 mm
Zero Flag for L-, R-Channel Common Output
PCM1755
Power Supply: 5-V Single Supply
(1) For all available packages, see the orderable addendum at
Small 16-Lead SSOP Package, Lead-Free
the end of the data sheet.
2 Applications
A/V Receivers
HDTV Receivers
Car Audio Systems
Other Applications Requiring 24-Bit Audio
Functional Block Diagram
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - PCM1755DBQR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1755DBQR BURR-BROWN-PCM1755DBQR Datasheet
309Kb / 33P
   24-BIT, 192 kHz SAMPLING ENHANCED MULTI-LEVEL, DELTA-SIGMA, AUDIO DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - PCM1755DBQR

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145074 MOTOROLA-MC145074 Datasheet
183Kb / 14P
   Stero Audio Sigma-Delta Digital-to-Analog Converter
logo
Burr-Brown (TI)
PCM1737 BURR-BROWN-PCM1737 Datasheet
180Kb / 27P
   24-Bit, 192kHz Sampling Enhanced Multi-Level, Delta-Sigma, Audio DIGITAL-TO-ANALOG CONVERTER
PCM1739 BURR-BROWN-PCM1739 Datasheet
140Kb / 16P
   24-Bit, 192kHz Sampling, Enhanced Multi-Level, Delta-Sigma, Audio DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1608 TI1-PCM1608_15 Datasheet
1,012Kb / 46P
[Old version datasheet]   Delta-Sigma Digital-to-Analog Converter
logo
Burr-Brown (TI)
DSD1702 BURR-BROWN-DSD1702 Datasheet
417Kb / 28P
   ENHANCED MULTIFORMAT, DELTA-SIGMA, AUDIO DIGITAL-TO-ANALOG CONVERTER
PCM1754 BURR-BROWN-PCM1754 Datasheet
309Kb / 33P
   24-BIT, 192 kHz SAMPLING ENHANCED MULTI-LEVEL, DELTA-SIGMA, AUDIO DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1754-Q1 TI1-PCM1754-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   24-BIT 192-kHz SAMPLING ENHANCED MULTI-LEVEL DELTA-SIGMA AUDIO DIGITAL-TO-ANALOG CONVERTER
TLC320AD58C TI-TLC320AD58C Datasheet
178Kb / 27P
[Old version datasheet]   Sigma-Delta Stereo Analog-to-Digital Converter
TLC320AD57 TI1-TLC320AD57 Datasheet
135Kb / 21P
[Old version datasheet]   Sigma-Delta Stereo Analog-to-Digital Converter
TLC320AD57C TI-TLC320AD57C Datasheet
133Kb / 21P
[Old version datasheet]   Sigma-Delta Stereo Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com