Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM1753-Q1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1753-Q1
Description  Audio Digital-to-Analog Converter
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1753-Q1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button PCM1753-Q1 Datasheet HTML 2Page - Texas Instruments PCM1753-Q1 Datasheet HTML 3Page - Texas Instruments PCM1753-Q1 Datasheet HTML 4Page - Texas Instruments PCM1753-Q1 Datasheet HTML 5Page - Texas Instruments PCM1753-Q1 Datasheet HTML 6Page - Texas Instruments PCM1753-Q1 Datasheet HTML 7Page - Texas Instruments PCM1753-Q1 Datasheet HTML 8Page - Texas Instruments PCM1753-Q1 Datasheet HTML 9Page - Texas Instruments PCM1753-Q1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
PCM1753-Q1, PCM1754-Q1
SLES254D – APRIL 2010 – REVISED JULY 2015
www.ti.com
7.5 Electrical Characteristics
All specifications at TA = 25°C, VCC = 5 V, fS = 44.1 kHz, system clock = 384 fS, and 24-bit data (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Resolution
24
Bits
DATA FORMAT
fS
Sampling frequency
5
200
kHz
128 fS
192 fS
256 fS
System clock frequency(1)
384 fS
kHz
512 fS
768 fS
1152 fS
DIGITAL INPUT/OUTPUT
Logic family
TTL compatible
VIH
Input logic level, high
2
VDC
VIL
Input logic level, low
0.8
Input logic current, high (SCK, BCK, DATA,
IIH
VIN = VCC
10
µA
and LRCK pins)
Input logic current, low (SCK, BCK, DATA,
IIL
VIN = 0 V
–10
µA
and LRCK pins)
Input logic current, high (TEST, DEMP,
IIH
VIN = VCC
65
100
µA
MUTE, and FMT pins)
Input logic current, low (TEST, DEMP,
IIL
VIN = 0 V
–10
µA
MUTE, and FMT pins)
VOH
Output logic level, high (ZEROA pin)
IOH = –1 mA
2.4
VDC
VOL
Output logic level, low (ZEROA pin)
IOL = 1 mA
0.4
VDC
DYNAMIC PERFORMANCE(2)(3)
fS = 44.1 kHz
0.00%
0.01%
THD+N at VOUT = 0 dB
fS = 96 kHz
0.00%
fS = 192 kHz
0.00%
fS = 44.1 kHz
0.65%
THD+N at VOUT = -60 dB
fS = 96 kHz
0.80%
fS = 192 kHz
0.95%
EIAJ, A-weighted, fS = 44.1 kHz
100
106
Dynamic range
A-weighted, fS = 96 kHz
104
dB
A-weighted, fS = 192 kHz
102
EIAJ, A-weighted, fS = 44.1 kHz
100
106
Signal-to-noise ratio
A-weighted, fS = 96 kHz
104
dB
A-weighted, fS = 192 kHz
102
fS = 44.1 kHz
97
103
Channel separation
fS = 96 kHz
101
dB
fS = 192 kHz
100
Level linearity error
VOUT = -90 dB
±0.5
dB
(1)
System Clock: 128 fS, 192 fS, 256 fS, 384 fS, 512 fS, 768 fS, 1152 fS with auto detect.
(2)
Analog performance specifications are measured using the System Two™ Cascade audio measurement system by Audio Precision™ in
the averaging mode.
(3)
Conditions in 192-kHz operation are system clock = 128 fS and oversampling rate = 64 fS of register 18.
6
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: PCM1753-Q1 PCM1754-Q1


Similar Part No. - PCM1753-Q1

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1753 BURR-BROWN-PCM1753 Datasheet
309Kb / 33P
   24-BIT, 192 kHz SAMPLING ENHANCED MULTI-LEVEL, DELTA-SIGMA, AUDIO DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1753 TI1-PCM1753 Datasheet
1Mb / 38P
[Old version datasheet]   Multi-Level Delta-Sigma Audio Digital-to- Analog Converter
logo
Burr-Brown (TI)
PCM1753DBQ BURR-BROWN-PCM1753DBQ Datasheet
309Kb / 33P
   24-BIT, 192 kHz SAMPLING ENHANCED MULTI-LEVEL, DELTA-SIGMA, AUDIO DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1753DBQ TI1-PCM1753DBQ Datasheet
1Mb / 38P
[Old version datasheet]   Multi-Level Delta-Sigma Audio Digital-to- Analog Converter
PCM1753DBQG4 TI1-PCM1753DBQG4 Datasheet
1Mb / 38P
[Old version datasheet]   Multi-Level Delta-Sigma Audio Digital-to- Analog Converter
More results

Similar Description - PCM1753-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1789 TI1-PCM1789 Datasheet
1Mb / 41P
[Old version datasheet]   Audio Digital-to-Analog Converter
PCM1780 TI1-PCM1780_15 Datasheet
724Kb / 35P
[Old version datasheet]   Audio Digital-to-Analog Converter
PCM1748 TI1-PCM1748_15 Datasheet
974Kb / 38P
[Old version datasheet]   Audio Digital-to-Analog Converter
PCM1795 TI1-PCM1795 Datasheet
1Mb / 63P
[Old version datasheet]   Stereo Audio Digital-to-Analog Converter
PCM1793 TI1-PCM1793_08 Datasheet
454Kb / 29P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM1710U BURR-BROWN-PCM1710U Datasheet
192Kb / 17P
   Stereo Audio DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1794A TI1-PCM1794A Datasheet
995Kb / 34P
[Old version datasheet]   Audio Stereo Digital-to-Analog Converter
PCM1738 TI1-PCM1738_15 Datasheet
709Kb / 47P
[Old version datasheet]   Audio-Stereo Digital-to-Analog Converter
PCM1791A TI1-PCM1791A_09 Datasheet
694Kb / 61P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PCM1794 TI1-PCM1794_09 Datasheet
429Kb / 30P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com