Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM48511SQ Datasheet(PDF) 5 Page - Texas Instruments

Part # LM48511SQ
Description  Mono, Class D Audio Power Amplifier
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM48511SQ Datasheet(HTML) 5 Page - Texas Instruments

  LM48511SQ Datasheet HTML 1Page - Texas Instruments LM48511SQ Datasheet HTML 2Page - Texas Instruments LM48511SQ Datasheet HTML 3Page - Texas Instruments LM48511SQ Datasheet HTML 4Page - Texas Instruments LM48511SQ Datasheet HTML 5Page - Texas Instruments LM48511SQ Datasheet HTML 6Page - Texas Instruments LM48511SQ Datasheet HTML 7Page - Texas Instruments LM48511SQ Datasheet HTML 8Page - Texas Instruments LM48511SQ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
ÌLM48511
www.ti.com
SNAS416H – JULY 2007 – REVISED AUGUST 2015
6.5 Electrical Characteristics VDD = 5 V
The following specifications apply for VDD = 5 V, PV1 = 7.8 V (continuos mode), AV = 2 V/V, R3 = 25.5 kΩ, RLS = 4.87 kΩ,
RL = 8 Ω, f = 1 kHz, SS/FF = GND, unless otherwise specified. Limits apply for TA = 25°C.
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP(2)
MAX
UNIT
Fixed Frequency Mode (FF)
13.5
mA
Quiescent Power Supply
IDD
VIN = 0, RLOAD = ∞
Current
Spread Spectrum Mode (SS)
14.5
22
mA
ISD
Shutdown Current(3)
VSD_BOOST = VSD_AMP = SS = FB_SEL = GND
0.11
1
μA
VIH
Logic Voltage Input High
1.4
V
VIL
Logic Voltage Input Low
0.4
V
TWU
Wake-up Time
CSS = 0.1 μF
49
ms
VOS
Output Offset Voltage
See (4)
0.01
3
mV
RL = 8 Ω
FF
3
f = 1 kHz, BW = 22 kHz
W
SS
2.6
3
THD+N = 1%
RL = 8 Ω
FF
3.8
f = 1 kHz, BW = 22 kHz
W
SS
3.8
THD+N = 10%
PO
Output Power
RL = 4 Ω
FF
5.4
f = 1 kHz, BW = 22 kHz
W
SS
5.4
THD+N = 1%
RL = 4 Ω
FF
6.7
f = 1 kHz, BW = 22 kHz
W
SS
6.7
THD+N = 10%
FF
0.03%
PO = 2 W, f = 1 kHz,
RL = 8 Ω
SS
0.03%
Total Harmonic
THD+N
Distortion + Noise
FF
0.04%
PO = 3 W, f = 1 kHz,
RL = 4 Ω
SS
0.05%
f = 20 Hz to 20 kHz
FF
32
Inputs to AC GND, No
µVRMS
SS
32
weighting
εOS
Output Noise
f = 20 Hz to 20 kHz
FF
22
Inputs to AC GND, A
µVRMS
SS
22
weighted
VRIPPLE = 200 mVP-P
FF
88
Sine,
dB
SS
87
fRIPPLE = = 217 Hz
Power Supply Rejection
VRIPPLE = 200 mVP-P
FF
88
PSRR
Ratio
Sine,
dB
SS
85
(Input Referred)
fRIPPLE = = 1 kHz
VRIPPLE = 200 mVP-P
FF
77
Sine,
dB
SS
76
fRIPPLE = = 10 kHz
Common-Mode
VRIPPLE = 1 VP-P, fRIPPLE = 217 Hz
CMRR
Rejection Ratio
73
dB
(Input Referred)
η
Efficiency
f = 1 kHz, RL = 8 Ω, PO = 1 W
80%
Feedback Pin Reference
VFB
1.23
V
Voltage(5)
(1)
RL is a resistive load in series with two inductors to simulate an actual speaker load for RL = 8Ω, the load is 15μH+8Ω+15μH. For
RL = 4 Ω, the load is 15 μH + 4 Ω + 15 μH.
(2)
Typical values represent most likely parametric norms at TA = +25ºC, and at the Recommended Operation Conditions at the time of
product characterization and are not specified.
(3)
Shutdown current is measured with components R1 and R2 removed.
(4)
Offset voltage is determined by: (IDD (with load) — IDD (no load)) x RL.
(5)
Feedback pin reference voltage is measured with the Audio Amplifier disconnected from the Boost converter (the Boost converter is
unloaded).
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: ÌLM48511


Similar Part No. - LM48511SQ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM48511SQ NSC-LM48511SQ Datasheet
440Kb / 22P
   3W, Ultra-Low EMI, Filterless, Mono, Class D Audio Power Amplifier with Spread Spectrum
LM48511SQ NSC-LM48511SQ Datasheet
442Kb / 22P
   3W, Ultra-Low EMI, Filterless, Mono, Class D Audio Power Amplifier with Spread Spectrum
logo
Texas Instruments
LM48511SQBD TI-LM48511SQBD Datasheet
144Kb / 2P
[Old version datasheet]   The LM48511 Integrates a Boost Converter with a High Efficiency
More results

Similar Description - LM48511SQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2028D1 TI1-TPA2028D1 Datasheet
2Mb / 43P
[Old version datasheet]   Mono Class-D Audio Amplifier
TAS2555 TI1-TAS2555 Datasheet
879Kb / 12P
[Old version datasheet]   Class-D Mono Audio Amplifier
logo
Anpec Electronics Corop...
APA2012 ANPEC-APA2012_18 Datasheet
293Kb / 19P
   3W Mono Class-D Audio Power Amplifier
APA2010B ANPEC-APA2010B Datasheet
542Kb / 19P
   3W Mono Class-D Audio Power Amplifier
logo
Eutech Microelectronics...
EUA2068 EUTECH-EUA2068 Datasheet
1,023Kb / 1P
   3.3W Mono Class-D Audio Power Amplifier
logo
Anpec Electronics Corop...
APA2012 ANPEC-APA2012 Datasheet
344Kb / 19P
   3W Mono Class-D Audio Power Amplifier
logo
Diodes Incorporated
PAM8301 DIODES-PAM8301 Datasheet
287Kb / 10P
   FILTERLESS CLASS-D MONO AUDIO AMPLIFIER
logo
Power Analog Micoelectr...
PAM8301 PAM-PAM8301 Datasheet
223Kb / 11P
   Filterless Class-D Mono Audio Amplifier
logo
Diodes Incorporated
PAM8304 DIODES-PAM8304 Datasheet
413Kb / 11P
   3W MONO CLASS D AUDIO AMPLIFIER
PAM8320 DIODES-PAM8320 Datasheet
640Kb / 11P
   20W Mono Class D Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com