Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WLG4S-3E1134H Datasheet(PDF) 2 Page - SICK AG

Part # WLG4S-3E1134H
Description  Photoelectric retroreflective sensor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

WLG4S-3E1134H Datasheet(HTML) 2 Page - SICK AG

  WLG4S-3E1134H Datasheet HTML 1Page - SICK AG WLG4S-3E1134H Datasheet HTML 2Page - SICK AG WLG4S-3E1134H Datasheet HTML 3Page - SICK AG WLG4S-3E1134H Datasheet HTML 4Page - SICK AG WLG4S-3E1134H Datasheet HTML 5Page - SICK AG WLG4S-3E1134H Datasheet HTML 6Page - SICK AG WLG4S-3E1134H Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Photoelectric sensorsAAAAAAAAAAAAA© SICK AG. Subject to change without notice.AAAAAAAAAAAAA2/4/2016 2:14:59 AM
Photoelectric sensors
W4S-3 Inox Hygiene Glass, Photoelectric retro-reflective sensor,
autocollimation
Type
> WLG4S-3E1134H
Part No.
> 1048124
At a glance
Hygienic designed stainless steel housing and accessories (316L/1.4404)
Hygienic mounting using M12-adapter thread or D12-adapter shaft
IP 66, IP 67, IP 68 and IP 69K enclosure rating and Ecolab certified
Resistant to a variety of common cleaning and disinfection agents
PinPoint LED technology provides a highly visible laser-like light spot
Teach-in stainless steel metal membrane or external teach-in
Your benefits
Smooth hygienic housing and accessories with no grooves or crevices eliminates
the potential for bacteria to grow, providing a more hygienic solution.
Long service life in harsh conditions ensures less downtime and fewer
replacement costs
Reliable detection of all transparent objects in the pharmaceutical and food and
beverage industries
Quick and easy adjustment via a stainless steel metal membrane teach-in
pushbutton
Quick and easy alignment due to highly visible PinPoint emitter LED
Remote monitoring and fast diagnostics via IO-Link (optional)
Illustration may differ
Features
Sensor/detection principle:
Photoelectric retro-reflective sensor, autocollimation
Dimensions (W x H x D):
15.25 mm x 49.2 mm x 22.15 mm
Housing design:
Hygiene
Housing design (light emission):
Rectangular, Slim
Sensing range max.:
0 m ... 5 m 1)
Sensing range:
0 m ... 3 m 2)
Type of light:
Visible red light
Light source:
PinPoint LED 3)
Wave length:
650 nm
Teach-in:
Single teach-in button
Adjustment:
Teach-in
cable 4)
Light spot size (distance):
Ø 45 mm (1.5 m)
Continuous threshold adaption:
ü


Similar Part No. - WLG4S-3E1134H

ManufacturerPart #DatasheetDescription
logo
SICK AG
WLG4S-3E1134 SICK-WLG4S-3E1134 Datasheet
3Mb / 8P
   PHOTOELECTRIC SENSORS
WLG4S-3E1134V SICK-WLG4S-3E1134V Datasheet
1Mb / 7P
   Photoelectric retro-reflective sensor
More results

Similar Description - WLG4S-3E1134H

ManufacturerPart #DatasheetDescription
logo
SICK AG
WLG4S-3N1132H SICK-WLG4S-3N1132H Datasheet
1Mb / 7P
   Photoelectric retroreflective sensor
WL4S-3P5230H SICK-WL4S-3P5230H Datasheet
1Mb / 6P
   Photoelectric retroreflective sensor
WLG4S-3F3234HS01 SICK-WLG4S-3F3234HS01 Datasheet
1Mb / 6P
   Photoelectric retroreflective sensor
WLG4S-3P3232HS02 SICK-WLG4S-3P3232HS02 Datasheet
1Mb / 6P
   Photoelectric retroreflective sensor
WLG4S-3V3232H SICK-WLG4S-3V3232H Datasheet
1Mb / 7P
   Photoelectric retroreflective sensor
WL4S-3N1132H SICK-WL4S-3N1132H Datasheet
1Mb / 7P
   Photoelectric retroreflective sensor
WLG4S-3P3232HS03 SICK-WLG4S-3P3232HS03 Datasheet
1Mb / 6P
   Photoelectric retroreflective sensor
WLG4S-3E1135H SICK-WLG4S-3E1135H Datasheet
1Mb / 7P
   Photoelectric retroreflective sensor
WLG4S-3F3234H SICK-WLG4S-3F3234H Datasheet
1Mb / 7P
   Photoelectric retroreflective sensor
WL4S-3P1032HS01 SICK-WL4S-3P1032HS01 Datasheet
1Mb / 6P
   Photoelectric retroreflective sensor
WLG4SC-3P3235HS05 SICK-WLG4SC-3P3235HS05 Datasheet
857Kb / 7P
   Photoelectric retroreflective sensor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com