Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDD8N50NZ Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FDD8N50NZ
Description  Uninterruptible Power Supply
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD8N50NZ Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FDD8N50NZ Datasheet HTML 1Page - Fairchild Semiconductor FDD8N50NZ Datasheet HTML 2Page - Fairchild Semiconductor FDD8N50NZ Datasheet HTML 3Page - Fairchild Semiconductor FDD8N50NZ Datasheet HTML 4Page - Fairchild Semiconductor FDD8N50NZ Datasheet HTML 5Page - Fairchild Semiconductor FDD8N50NZ Datasheet HTML 6Page - Fairchild Semiconductor FDD8N50NZ Datasheet HTML 7Page - Fairchild Semiconductor FDD8N50NZ Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
©2010 Fairchild Semiconductor Corporation
FDD8N50NZ Rev. C1
www.fairchildsemi.com
4
Typical Performance Characteristics (Continued)
Figure 7. Breakdown Voltage Variation
Figure 8. On-Resistance Variation
vs. Temperature
vs. Temperature
Figure 9. Maximum Safe Operating Area
Figure 10. Maximum Drain Current
vs. Case Temperature
Figure 11. Transient Thermal Response Curve
-100
-50
0
50
100
150
0.0
0.5
1.0
1.5
2.0
2.5
3.0
*Notes:
1. VGS = 10V
2. ID = 3.25A
TJ, Junction Temperature [
oC]
-100
-50
0
50
100
150
0.8
0.9
1.0
1.1
1.2
*Notes:
1. VGS = 0V
2. ID = 250μA
TJ, Junction Temperature [
oC]
1
10
100
1000
0.01
0.1
1
10
50
30μs
100μs
1ms
10ms
VDS, Drain-Source Voltage [V]
Operation in This Area
is Limited by R DS(on)
*Notes:
1. TC = 25
oC
2. TJ = 150
oC
3. Single Pulse
DC
25
50
75
100
125
150
0.0
1.4
2.8
4.2
5.6
7.0
TC, Case Temperature [
oC]
10
-5
10
-4
10
-3
10
-2
10
-1
1
0.01
0.1
1
2
0.01
0.1
0.2
0.05
0.02
*Notes:
1. ZθJC(t) = 1.4
oC/W Max.
2. Duty Factor, D= t1/t2
3. TJM - TC = PDM * ZθJC(t)
0.5
Single pulse
Rectangular Pulse Duration [sec]
t1
PDM
t2
t1, Rectangular Pulse Duration [sec]


Similar Part No. - FDD8N50NZ

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FDD8N50NZ ISC-FDD8N50NZ Datasheet
251Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FDD8N50NZTM FAIRCHILD-FDD8N50NZTM Datasheet
326Kb / 8P
   N-Channel UniFETTM II MOSFET?
FDD8N50NZTM FAIRCHILD-FDD8N50NZTM Datasheet
298Kb / 14P
   DESIGN/PROCESS CHANGE NOTIFICATION
More results

Similar Description - FDD8N50NZ

ManufacturerPart #DatasheetDescription
logo
Ultralife Corporation.
EL8000-UPS ULTRALIFE-EL8000-UPS Datasheet
3Mb / 2P
   Uninterruptible Power Supply
Rev 3
logo
IXYS Corporation
IXA37IF1200HJ IXYS-IXA37IF1200HJ Datasheet
150Kb / 6P
   Uninterruptible power supply
logo
Fairchild Semiconductor
FDD10N20LZ FAIRCHILD-FDD10N20LZ Datasheet
615Kb / 8P
   Uninterruptible Power Supply
logo
International Rectifier
IRLS3034-7PPBF IRF-IRLS3034-7PPBF_15 Datasheet
331Kb / 9P
   Uninterruptible Power Supply
logo
PHOENIX CONTACT
107563 PHOENIX-107563 Datasheet
925Kb / 34P
   Uninterruptible power supply
2018-05-02
logo
Murata Power Solutions ...
SP1650 MURATA-PS-SP1650 Datasheet
84Kb / 1P
   CATV Uninterruptible Power Supply
logo
PHOENIX CONTACT
2905909 PHOENIX-2905909 Datasheet
115Kb / 9P
   Uninterruptible power supply -TRIOUPS-
09/12/2020
2905908 PHOENIX-2905908 Datasheet
116Kb / 9P
   Uninterruptible power supply -TRIOUPS-
09/12/2020
logo
Omron Electronics LLC
BY75SW OMRON-BY75SW Datasheet
2Mb / 70P
   Uninterruptible Power Supply (UPS)
logo
Murata Power Solutions ...
SP1490 MURATA-PS-SP1490 Datasheet
67Kb / 1P
   Telephony / CATV Uninterruptible Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com