Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3403.0279.23 Datasheet(PDF) 1 Page - Schurter Inc.

Part # 3403.0279.23
Description  Surface Mount Fuse, 5.3 x 16 mm, Time-Lag T, 277 VAC / 250 VDC, Breaking Capacity 1500 A
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

3403.0279.23 Datasheet(HTML) 1 Page - Schurter Inc.

  3403.0279.23 Datasheet HTML 1Page - Schurter Inc. 3403.0279.23 Datasheet HTML 2Page - Schurter Inc. 3403.0279.23 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Non resettable fuses
UMT-H
www.schurter.com/PG01_2
Fuses
Surface Mount Fuse, 5.3 x 16 mm, Time-Lag T, 277 VAC / 250 VDC, Breaking Capacity 1500 A
UL 248-14 · 277VAC · 250VDC · Time-Lag T
Description
- 21 rated currents from 160 mA to 16 A
- Square design: 5.3 x 16
- Impermeable to potting compound used to achieve hermetic seal for
use in intrinsically safe applications according to ATEx and IECEx re-
quirements.
Unique Selling Proposition
- High breaking capacity of 1500 A
- High rated voltages up to 277 VAC / 250 VDC
- Compact design
Standards
- IEC 60127-7
- UL 248-14
- CSA C22.2
Approvals
- VDE Certificate Number: 40039476
- UL File Number: E41599
Applications
- Primary protection on SMD PCBs
- Industrial electronic
- Sensors
- Power supplies
- Explosion protection
- Lighting
References
Packaging Details
Fuse Kit Fuse Kit UMT-H
Weblinks
pdf-datasheet, html-datasheet, General Product Information, Approvals,
CE declaration of conformity, RoHS, CHINA-RoHS, REACH, e-Shop,
SCHURTER-Stock-Check, Distributor-Stock-Check, Detailed request for
product, Video
Technical Data
Rated Voltage
250 - 277 VAC, 125 - 250 VDC
Rated current
0.16 - 16 A
Breaking Capacity
1500 A
Characteristic
Time-Lag T
Mounting
PCB,SMT
Admissible Ambient Air Temp. -55 °C to 125 °C
Climatic Category
55/125/21 acc. to IEC 60068-1
Material: Housing
Ceramic
Material: Terminals
Ni/Sn-Plated Copper Alloy
Unit Weight
1.42 g
Storage Conditions
0 °C to 40 °C, max. 70% r.h.
Product Marking
, Rated current, Voltage, Characteri-
stic, Breaking Capacity, Approvals
Soldering Methods
Reflow
Soldering Profile
Solderability
245 °C / 3 sec acc. to IEC 60068-2-58
Resistance to Soldering Heat
260 °C / 10 sec acc. to IEC 60068-2-58
Life Test
1000h @ 0.60 x In @ 70°C
(acc. to EIA/IS-722, Test 4.4.1)
Moisture Resistance Test
MIL-STD-202, Method 106E
(acc. to EIA/IS-722, Test 4.4.3)
Terminal Strength
(Deflection of board 1 mm for 1 minute)
(acc. to EIA/IS-722, Test 4.5.5)
Mechanical Shock
MIL-STD-202, Method 213B
(Shock 50g, half sine wave, 11 ms)
Resistance to Solvents
MIL-STD-202, Method 215A
(EIA-722, 4.11)
Dimension
15.4 ±0.20
3.2
>
10
2.8 0.4
R0.35
R0.7
Ø
2.25
5.35 ±0.05
3.75
10
Soldering pads


Similar Part No. - 3403.0279.23

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
3403.0279.23 SCHURTER-3403.0279.23 Datasheet
408Kb / 4P
   Surface Mount Fuse, 5.3 x 16 mm, Time-Lag T, 277 VAC / 250 VDC, Breaking Capacity 1500 A
More results

Similar Description - 3403.0279.23

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
UMT-H SCHURTER-UMT-H_V02 Datasheet
498Kb / 5P
   Surface Mount Fuse, 5.3 x 16 mm, Time-Lag T, 277 VAC / 250 VDC, Breaking Capacity 1500 A
04.01.2022
UMT-H SCHURTER-UMT-H_18 Datasheet
474Kb / 5P
   Surface Mount Fuse, 5.3 x 16 mm, Time-Lag T, 277 VAC / 250 VDC, Breaking Capacity 1500 A
UMT-H SCHURTER-UMT-H_16 Datasheet
408Kb / 4P
   Surface Mount Fuse, 5.3 x 16 mm, Time-Lag T, 277 VAC / 250 VDC, Breaking Capacity 1500 A
OMT SCHURTER-OMT_18 Datasheet
273Kb / 4P
   Surface Mount Fuse, 11 x 4.6 mm, Time-Lag T, 250 VAC, 125 VDC
UMT SCHURTER-UMT Datasheet
546Kb / 3P
   Surface Mount Fuse, 10.1 x 3 mm, Time-Lag T, 250 VAC, 125 VDC
OMT SCHURTER-OMT_V01 Datasheet
284Kb / 4P
   Surface Mount Fuse, 11 x 4.6 mm, Time-Lag T, 250 VAC, 125 VDC
UMT250 SCHURTER-UMT250_V02 Datasheet
487Kb / 5P
   Surface Mount Fuse, 3 x 10.1 mm, Time-Lag T, 250 VAC, 125 VDC
04.01.2022
OMT SCHURTER-OMT_16 Datasheet
244Kb / 3P
   Surface Mount Fuse, 11 x 4.6 mm, Time-Lag T, 250 VAC, 125 VDC
UMT250 SCHURTER-UMT250 Datasheet
350Kb / 3P
   Surface Mount Fuse, 3 x 10.1 mm, Time-Lag T, 250 VAC, 125 VDC
OMT SCHURTER-OMT_V02 Datasheet
284Kb / 4P
   Surface Mount Fuse, 11 x 4.6 mm, Time-Lag T, 250 VAC, 125 VDC
04.01.2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com