Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG-113 Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # SG-113
Description  Photointerrupters(Reflective)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SG-113 Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  SG-113 Datasheet HTML 1Page - KODENSHI_AUK CORP. SG-113 Datasheet HTML 2Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 1-
SG-113
Photointerrupters(Reflective)
KODENSHI
The SG-113 reflective sensor for paper sensing
combine high-output GaAs IRED with high sensitivity
phototransistor.It is most applicable to paper sensor.
FEATURES
•Long focal distance type
•Adopted the three pins connector
APPLICATIONS
•Copiers
•Printers
•Facsimiles
DIMENSIONS
(Unit : mm)
Supply voltage
High level output voltage
Low level output voltage
Frequency
Current consumption
Rating
Symbol
Item
MAXIMUM RATINGS
Supply voltage
Output consumption
Operating temp.
Storage temp.
VCC
IO
Topr.
Tstg.
7
1
-10~+70
-20~+80
V
mA
Unit
(Ta=25℃)
(Ta=25℃)
ELECTRO-OPTICAL CHARACTERISTICS
d=5mm
d=5mm
d=5mm
Item
Typ.
5.0
3.0
0.6
1.8
VCC
VOH
VOL
f
ICC
4.5
2.1
5.5
3.9
0.8
170
35
V
V
V
Hz
mA
Symbol
Conditions
Min.
Max.
Unit.


Similar Part No. - SG-113

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SG-112 KODENSHI-SG-112 Datasheet
274Kb / 2P
   Photointerrupters(Reflective)
More results

Similar Description - SG-113

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SG-2BC KODENSHI-SG-2BC Datasheet
284Kb / 2P
   Photointerrupters(Reflective)
SG-107F3 KODENSHI-SG-107F3 Datasheet
284Kb / 2P
   Photointerrupters(Reflective)
SG-105F KODENSHI-SG-105F Datasheet
284Kb / 2P
   Photointerrupters(Reflective)
DG-105 KODENSHI-DG-105 Datasheet
232Kb / 2P
   Photointerrupters(Reflective)
SG-112 KODENSHI-SG-112 Datasheet
274Kb / 2P
   Photointerrupters(Reflective)
SG-103 KODENSHI-SG-103 Datasheet
223Kb / 2P
   Photointerrupters(Reflective)
SG-105 KODENSHI-SG-105 Datasheet
279Kb / 2P
   Photointerrupters(Reflective)
SG-107 KODENSHI-SG-107 Datasheet
279Kb / 2P
   Photointerrupters(Reflective)
SG-107F4 KODENSHI-SG-107F4 Datasheet
285Kb / 2P
   Photointerrupters(Reflective)
logo
Lite-On Technology Corp...
LTH-209-01 LITEON-LTH-209-01 Datasheet
347Kb / 4P
   Reflective Photointerrupters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com