Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4435.0002 Datasheet(PDF) 2 Page - Schurter Inc.

Part # 4435.0002
Description  Circuit Breaker for Equipment thermal, Rocker actuation, 2 pole
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

4435.0002 Datasheet(HTML) 2 Page - Schurter Inc.

  4435.0002 Datasheet HTML 1Page - Schurter Inc. 4435.0002 Datasheet HTML 2Page - Schurter Inc. 4435.0002 Datasheet HTML 3Page - Schurter Inc. 4435.0002 Datasheet HTML 4Page - Schurter Inc. 4435.0002 Datasheet HTML 5Page - Schurter Inc. 4435.0002 Datasheet HTML 6Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Thermal (T- and TA-Line)
TA35 Rocker 2Pole
www.schurter.com/PG17_18_19
Circuit Breakers
Accessories / CZM21, factory mounted transparent cover, IP65
32
6.1
11
26
6.3 x 0.8 mm
33.8
39
2.3
21.3
L
24.1
27.9
26
+0.2
0
+0.3
Panel 1.0 − 3.5 mm
Accessories / CZM23, factory mounted raised collar with transparent cover, IP65
29
6.1
11
26
6.3 x 0.8 mm
33.8
36
2.3
21.3
L
32
39
26
+0.2
0
Panel 1.0 − 3.5 mm
Accessories / CZM24, factory mounted raised collar without cover, IP40
29
6.1
11
26
6.3 x 0.8 mm
33.8
36
2.3
21.3
L
26
+0.2
0
+0.3
Panel 1.0 − 3.5 mm
Accessories / CZM25, factory mounted transparent cover, antibacterial, IP65
32
6.1
11
26
6.3 x 0.8 mm
33.8
39
2.3
21.3
L
24.1
27.9
26
+0.2
0
+0.3
Panel 1.0 − 3.5 mm


Similar Part No. - 4435.0002

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4435.0007 SCHURTER-4435.0007 Datasheet
571Kb / 6P
   Circuit Breaker for Equipment thermal, Rocker actuation, 1 pole
More results

Similar Description - 4435.0002

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
TA45 SCHURTER-TA45_V01 Datasheet
1Mb / 14P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation
14.04.2022
TA45-2R SCHURTER-TA45-2R Datasheet
601Kb / 8P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation
TA35ROCKER2POLE SCHURTER-TA35ROCKER2POLE_18 Datasheet
992Kb / 8P
   Circuit Breaker for Equipment thermal, Rocker actuation, 2 pole
TA45-2R SCHURTER-TA45-2R_18 Datasheet
603Kb / 8P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation
TA35ROCKER1POLE SCHURTER-TA35ROCKER1POLE Datasheet
506Kb / 6P
   Circuit Breaker for Equipment thermal, Rocker actuation, 1 pole
TA45-3R SCHURTER-TA45-3R Datasheet
474Kb / 6P
   Circuit Breaker for Equipment thermal, 3 pole, Rocker actuation
TA45-2RU SCHURTER-TA45-2RU Datasheet
707Kb / 10P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation, with undervoltage
4435.0456 SCHURTER-4435.0456 Datasheet
571Kb / 6P
   Circuit Breaker for Equipment thermal, Rocker actuation, 1 pole
TA45-2RA SCHURTER-TA45-2RA Datasheet
525Kb / 7P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation, with auxiliary contact
TA45-3RU SCHURTER-TA45-3RU Datasheet
465Kb / 6P
   Circuit Breaker for Equipment thermal, 3 pole, Rocker actuation, with undervoltage
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com