Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4410.9004 Datasheet(PDF) 5 Page - Schurter Inc.

Part # 4410.9004
Description  Circuit Breaker for Equipment thermal with Metal Actuator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

4410.9004 Datasheet(HTML) 5 Page - Schurter Inc.

  4410.9004 Datasheet HTML 1Page - Schurter Inc. 4410.9004 Datasheet HTML 2Page - Schurter Inc. 4410.9004 Datasheet HTML 3Page - Schurter Inc. 4410.9004 Datasheet HTML 4Page - Schurter Inc. 4410.9004 Datasheet HTML 5Page - Schurter Inc. 4410.9004 Datasheet HTML 6Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
Thermal (T- and TA-Line)
T12-MSM
www.schurter.com/PG17_18_19
Circuit Breakers
Time-Current-Curves
10'000
60
2´000
1´000
500
200
100
50
20
10
5
2
1
0, 5
0, 3
0, 2
0, 1
[ sec]
[ min ]
10
5
1
30
20
1,05
10
8
5
4
3
2
1,32
< 7,0 A
> 7,0 A
Multiple of Rated Current In
Reference Temperature +23°
Lettering
The last three digits in the order number define the lettering:
000
No Lettering
001-074
Standard Lettering
101-
Customized Lettering
Lettering options see on Datasheet MSM LA 22
All Variants
Circuit Breakers
Momentary Action
Switch
Order Number
Type
Rated cur-
connection type
Type
Illumination
T12-221-10
10A
Quick connect terminals 6.3 x 0.8 mm
MSM LA 19
non-illuminated
4410.9001
T12-221-16
16A
Quick connect terminals 6.3 x 0.8 mm
MSM LA 19
non-illuminated
4410.9002
T12-221-10
10A
Quick connect terminals 6.3 x 0.8 mm
MSM LA 22
non-illuminated
4410.9003
T12-221-16
16A
Quick connect terminals 6.3 x 0.8 mm
MSM LA 22
non-illuminated
4410.9004
T12-221-10
10A
Quick connect terminals 6.3 x 0.8 mm
MSM LA 19
Point Illumination, blue
4410.9005
T12-221-16
16A
Quick connect terminals 6.3 x 0.8 mm
MSM LA 19
Point Illumination, blue
4410.9006
T12-221-10
10A
Quick connect terminals 6.3 x 0.8 mm
MSM LA 22
Point Illumination, blue
4410.9007
T12-221-16
16A
Quick connect terminals 6.3 x 0.8 mm
MSM LA 22
Point Illumination, blue
4410.9008
T12-221-10
10A
Quick connect terminals 6.3 x 0.8 mm
MSM LA 19
Ring Illumination, blue, 24 VDC
4410.9009
T12-221-16
16A
Quick connect terminals 6.3 x 0.8 mm
MSM LA 19
Ring Illumination, blue, 24 VDC
4410.9010
T12-221-10
10A
Quick connect terminals 6.3 x 0.8 mm
MSM LA 22
Ring Illumination, blue, 24 VDC
4410.9011
T12-221-16
16A
Quick connect terminals 6.3 x 0.8 mm
MSM LA 22
Ring Illumination, blue, 24 VDC
4410.9012
T12-222-10
10A
Bolts and nuts
MSM LA 22
non-illuminated
4410.9017
T12-222-16
16A
Bolts and nuts
MSM LA 22
non-illuminated
4410.9018
T12-221-15
15A
Quick connect terminals 6.3 x 0.8 mm
MSM LA 22
non-illuminated
4410.9019
T12-221-15
15A
Quick connect terminals 6.3 x 0.8 mm
MSM LA 22
Ring Illumination, blue, 24 VDC
4410.9021


Similar Part No. - 4410.9004

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4410.9013 SCHURTER-4410.9013 Datasheet
522Kb / 6P
   Circuit Breaker for Equipment thermal-magnetically with Metal Actuator
4410.9013 SCHURTER-4410.9013 Datasheet
560Kb / 7P
   Circuit Breaker for Equipment thermal-magnetically with Metal Actuator
16.09.2021
4410.9014 SCHURTER-4410.9014 Datasheet
522Kb / 6P
   Circuit Breaker for Equipment thermal-magnetically with Metal Actuator
4410.9014 SCHURTER-4410.9014 Datasheet
560Kb / 7P
   Circuit Breaker for Equipment thermal-magnetically with Metal Actuator
16.09.2021
4410.9015 SCHURTER-4410.9015 Datasheet
522Kb / 6P
   Circuit Breaker for Equipment thermal-magnetically with Metal Actuator
More results

Similar Description - 4410.9004

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
T12-MSM SCHURTER-T12-MSM_18 Datasheet
574Kb / 7P
   Circuit Breaker for Equipment thermal with Metal Actuator
TM12-MSM SCHURTER-TM12-MSM Datasheet
522Kb / 6P
   Circuit Breaker for Equipment thermal-magnetically with Metal Actuator
TM12-MSM SCHURTER-TM12-MSM_V01 Datasheet
560Kb / 7P
   Circuit Breaker for Equipment thermal-magnetically with Metal Actuator
16.09.2021
AS168XDC3 SCHURTER-AS168XDC3 Datasheet
455Kb / 6P
   Circuit Breaker for Equipment thermal-magnetic, 3 poles
AS168XDC2 SCHURTER-AS168XDC2 Datasheet
453Kb / 6P
   Circuit Breaker for Equipment thermal-magnetic, 2 poles
AS168XDC1 SCHURTER-AS168XDC1 Datasheet
441Kb / 6P
   Circuit Breaker for Equipment thermal-magnetic, 1 pole
TA45-3RU SCHURTER-TA45-3RU Datasheet
465Kb / 6P
   Circuit Breaker for Equipment thermal, 3 pole, Rocker actuation, with undervoltage
TA45-2RU SCHURTER-TA45-2RU Datasheet
707Kb / 10P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation, with undervoltage
TA35ROCKER1POLE SCHURTER-TA35ROCKER1POLE Datasheet
506Kb / 6P
   Circuit Breaker for Equipment thermal, Rocker actuation, 1 pole
TA45-2R SCHURTER-TA45-2R Datasheet
601Kb / 8P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com