Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA35ROCKER2POLE Datasheet(PDF) 3 Page - Schurter Inc.

Part # TA35ROCKER2POLE
Description  Circuit Breaker for Equipment thermal, Rocker actuation, 2 pole
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

TA35ROCKER2POLE Datasheet(HTML) 3 Page - Schurter Inc.

  TA35ROCKER2POLE Datasheet HTML 1Page - Schurter Inc. TA35ROCKER2POLE Datasheet HTML 2Page - Schurter Inc. TA35ROCKER2POLE Datasheet HTML 3Page - Schurter Inc. TA35ROCKER2POLE Datasheet HTML 4Page - Schurter Inc. TA35ROCKER2POLE Datasheet HTML 5Page - Schurter Inc. TA35ROCKER2POLE Datasheet HTML 6Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Thermal (T- and TA-Line)
TA35 Rocker 2Pole
www.schurter.com/PG17_18_19
Circuit Breakers
Diagrams
2-pole, 0 bimetal, illuminated
P1
7
P2
8
1)
2)
1) Line, 2) Load
Codepos AAA = C02, C04, C07, C08, C09
2-pole, 0 bimetal, non illuminated
P1
7
P2
8
1)
2)
1) Line, 2) Load
Codepos AAA = CBC, CEC
2-pole, 1 bimetal, illuminated
P1
4
P2
8
1)
2)
1) Line, 2) Load
Codepos AAA = C12, C14, C17, C18, C19
2-pole, 1 bimetal, non illuminated
P1
4
P2
8
1)
2)
1) Line, 2) Load
Codepos AAA = CBT, CET
2-pole, 2 bimetal, illuminated
P1
4
P2
5
1)
2)
1) Line, 2) Load
Codepos AAA = C32, C34, C37, C38, C39
2-pole, 2 bimetal, non illuminated
P1
4
P2
5
1)
2)
1) Line, 2) Load
Codepos AAA = CBD, CED
The keys / codepos are listed in the key table of the basic function for selection.
Approvals
Approval
Rated current
Rated voltage AC
Rated voltage DC
UL 1077
0.05...20 A
240 V
60 V
CSA C22.2
235
0.05...20 A
240 V
60 V
IEC 60934
0.05...20 A
240 V
60 V
GB 17701
0.05...20 A
240 V
60 V
Typical internal resistance
Rated Current [A]
Internal Resistance [
Ω]
0.05
200.000
0.1
70.000
0.5
2.750
1.0
0.720
1.5
0.340
2.0
0.187
2.5
0.115
2.8
0.089
3.0
0.059
4.0
0.059
5.0
0.044
6.0
0.028
7.0
0.0142
8.0
0.0142
10.0
0.0109
12.0
0.0086
13.0
0.0072
14.0
0.0072
15.0
0.0056
16.0
0.0056
18.0
0.0052
20.0
0.0052


Similar Part No. - TA35ROCKER2POLE

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
TA35ROCKER2POLE SCHURTER-TA35ROCKER2POLE Datasheet
992Kb / 8P
   Circuit Breaker for Equipment thermal, Rocker actuation, 2 pole
TA35ROCKER2POLE SCHURTER-TA35ROCKER2POLE_18 Datasheet
992Kb / 8P
   Circuit Breaker for Equipment thermal, Rocker actuation, 2 pole
More results

Similar Description - TA35ROCKER2POLE

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
TA45 SCHURTER-TA45_V01 Datasheet
1Mb / 14P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation
14.04.2022
TA45-2R SCHURTER-TA45-2R Datasheet
601Kb / 8P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation
TA35ROCKER2POLE SCHURTER-TA35ROCKER2POLE_18 Datasheet
992Kb / 8P
   Circuit Breaker for Equipment thermal, Rocker actuation, 2 pole
TA45-2R SCHURTER-TA45-2R_18 Datasheet
603Kb / 8P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation
TA35ROCKER1POLE SCHURTER-TA35ROCKER1POLE Datasheet
506Kb / 6P
   Circuit Breaker for Equipment thermal, Rocker actuation, 1 pole
TA45-3R SCHURTER-TA45-3R Datasheet
474Kb / 6P
   Circuit Breaker for Equipment thermal, 3 pole, Rocker actuation
TA45-2RU SCHURTER-TA45-2RU Datasheet
707Kb / 10P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation, with undervoltage
4435.0456 SCHURTER-4435.0456 Datasheet
571Kb / 6P
   Circuit Breaker for Equipment thermal, Rocker actuation, 1 pole
TA45-2RA SCHURTER-TA45-2RA Datasheet
525Kb / 7P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation, with auxiliary contact
TA45-3RU SCHURTER-TA45-3RU Datasheet
465Kb / 6P
   Circuit Breaker for Equipment thermal, 3 pole, Rocker actuation, with undervoltage
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com