Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4301.5203 Datasheet(PDF) 7 Page - Schurter Inc.

Part # 4301.5203
Description  IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole, optional Voltage Selector (step switch)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

4301.5203 Datasheet(HTML) 7 Page - Schurter Inc.

Back Button 4301.5203 Datasheet HTML 2Page - Schurter Inc. 4301.5203 Datasheet HTML 3Page - Schurter Inc. 4301.5203 Datasheet HTML 4Page - Schurter Inc. 4301.5203 Datasheet HTML 5Page - Schurter Inc. 4301.5203 Datasheet HTML 6Page - Schurter Inc. 4301.5203 Datasheet HTML 7Page - Schurter Inc. 4301.5203 Datasheet HTML 8Page - Schurter Inc. 4301.5203 Datasheet HTML 9Page - Schurter Inc. 4301.5203 Datasheet HTML 10Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
Power Entry Modules with Line Filter
KFA
www.schurter.com/PG06
Connectors
Rated Current
[A]
Filter-Type
Panel mounting
Mounting
side
Fuseholder
Terminal
Voltage Selector
Order Number
1
Standard Version
Screw
Front Side
2-pole
Quick connect terminals 6.3 x
0.8 mm
-
4301.5001
1
Standard Version
Screw
Front Side
2-pole
Quick connect terminals 6.3 x
0.8 mm
3 pos.
4301.5041
1
Standard Version
Screw
Rear Side
1-pole
Flexible wire AWG18
-
4301.7311
1
Standard Version
Screw
Rear Side
2-pole
Flexible wire AWG18
-
4301.7301
1
Standard Version
Screw
Rear Side
2-pole
Quick connect terminals 6.3 x
0.8 mm
-
4301.7001
2
Standard Version
Screw
Front Side
1-pole
Quick connect terminals 6.3 x
0.8 mm
-
4301.5012
2
Standard Version
Screw
Front Side
1-pole
Quick connect terminals 6.3 x
0.8 mm
3 pos.
4301.5052
2
Standard Version
Screw
Front Side
2-pole
Quick connect terminals 6.3 x
0.8 mm
-
4301.5002
2
Standard Version
Screw
Front Side
2-pole
Quick connect terminals 6.3 x
0.8 mm
3 pos.
4301.5042
2
Standard Version
Screw
Rear Side
2-pole
Quick connect terminals 6.3 x
0.8 mm
-
4301.7002
4
Standard Version
Screw
Front Side
1-pole
Quick connect terminals 6.3 x
0.8 mm
-
4301.5013
4
Standard Version
Screw
Front Side
1-pole
Quick connect terminals 6.3 x
0.8 mm
3 pos.
4301.5053
4
Standard Version
Screw
Front Side
2-pole
Quick connect terminals 6.3 x
0.8 mm
-
4301.5003
4
Standard Version
Screw
Front Side
2-pole
Quick connect terminals 6.3 x
0.8 mm
3 pos.
4301.5043
4
Standard Version
Screw
Rear Side
1-pole
Quick connect terminals 6.3 x
0.8 mm
-
4301.7013
4
Standard Version
Screw
Rear Side
2-pole
Quick connect terminals 6.3 x
0.8 mm
-
4301.7003
6
Standard Version
Screw
Front Side
1-pole
Quick connect terminals 6.3 x
0.8 mm
-
4301.5014
6
Standard Version
Screw
Front Side
1-pole
Quick connect terminals 6.3 x
0.8 mm
3 pos.
4301.5054
6
Standard Version
Screw
Front Side
2-pole
Quick connect terminals 6.3 x
0.8 mm
-
4301.5004
6
Standard Version
Screw
Front Side
2-pole
Quick connect terminals 6.3 x
0.8 mm
3 pos.
4301.5044
6
Standard Version
Screw
Rear Side
1-pole
Quick connect terminals 6.3 x
0.8 mm
-
4301.7014
6
Standard Version
Screw
Rear Side
2-pole
Quick connect terminals 6.3 x
0.8 mm
-
4301.7004
10
Standard Version
Screw
Front Side
1-pole
Quick connect terminals 6.3 x
0.8 mm
-
4301.5015
10
Standard Version
Screw
Front Side
1-pole
Quick connect terminals 6.3 x
0.8 mm
3 pos.
4301.5055
10
Standard Version
Screw
Front Side
2-pole
Quick connect terminals 6.3 x
0.8 mm
-
4301.5005
10
Standard Version
Screw
Front Side
2-pole
Quick connect terminals 6.3 x
0.8 mm
3 pos.
4301.5045
10
Standard Version
Screw
Rear Side
1-pole
Quick connect terminals 6.3 x
0.8 mm
-
4301.7015
10
Standard Version
Screw
Rear Side
2-pole
Quick connect terminals 6.3 x
0.8 mm
-
4301.7005
1
Standard Version with Ground
Line Choke
Screw
Front Side
2-pole
Quick connect terminals 6.3 x
0.8 mm
-
4301.8050
2
Standard Version with Ground
Line Choke
Screw
Front Side
2-pole
Quick connect terminals 6.3 x
0.8 mm
-
4301.8051
4
Standard Version with Ground
Line Choke
Screw
Front Side
2-pole
Quick connect terminals 6.3 x
0.8 mm
-
4301.8052
6
Standard Version with Ground
Line Choke
Screw
Front Side
2-pole
Quick connect terminals 6.3 x
0.8 mm
-
4301.8053
10
Standard Version with Ground
Line Choke
Screw
Front Side
2-pole
Quick connect terminals 6.3 x
0.8 mm
-
4301.8054
1
Medical Version (M5)
Snap-in
Front Side
2-pole
Quick connect terminals 6.3 x
0.8 mm
-
4301.6201


Similar Part No. - 4301.5203

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4301.5203 SCHURTER-4301.5203 Datasheet
1Mb / 11P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole, optional Voltage Selector (step switch)
04.01.2022
More results

Similar Description - 4301.5203

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
KFA SCHURTER-KFA_V01 Datasheet
1Mb / 11P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole, optional Voltage Selector (step switch)
04.01.2022
KFA SCHURTER-KFA_18 Datasheet
1Mb / 11P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole, optional Voltage Selector
KFC SCHURTER-KFC_V01 Datasheet
668Kb / 7P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), optional Voltage Selector (step switch)
04.01.2022
KEC SCHURTER-KEC_18 Datasheet
822Kb / 7P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole and Voltage Selector
KEC SCHURTER-KEC_V01 Datasheet
874Kb / 8P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole and Voltage Selector
08.12.2021
KE151100151 SCHURTER-KE151100151_V01 Datasheet
698Kb / 6P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole and Voltage Selector
08.12.2021
KE151100151 SCHURTER-KE151100151 Datasheet
576Kb / 4P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole and Voltage Selector
KEC SCHURTER-KEC Datasheet
730Kb / 4P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole and Voltage Selector
KFC SCHURTER-KFC_17 Datasheet
612Kb / 6P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole
5220 SCHURTER-5220_V01 Datasheet
613Kb / 6P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com