Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN53525UC48X Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FAN53525UC48X
Description  3.0A, 2.4MHz, Digitally Programmable TinyBuck Regulator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN53525UC48X Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FAN53525UC48X Datasheet HTML 1Page - Fairchild Semiconductor FAN53525UC48X Datasheet HTML 2Page - Fairchild Semiconductor FAN53525UC48X Datasheet HTML 3Page - Fairchild Semiconductor FAN53525UC48X Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
July 2014
© 2012 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN53525 • Rev. 1.0.1
FAN53525
3.0A, 2.4MHz, Digitally Programmable TinyBuck® Regulator
Features
Fixed-Frequency Operation: 2.4 MHz
Best-in-Class Load Transient
Continuous Output Current Capability: 3.0 A
2.5 V to 5.5 V Input Voltage Range
Digitally Programmable Output Voltage:
- 0.600 V to 1.39375 V in 6.25 mV Steps
Programmable Slew Rate for Voltage Transitions
I2C-Compatible Interface Up to 3.4 Mbps
PFM Mode for High Efficiency in Light Load
Quiescent Current in PFM Mode: 50 µA (Typical)
Input Under-Voltage Lockout (UVLO)
Thermal Shutdown and Overload Protection
15-Bump Wafer-Level Chip Scale Package (WLCSP)
Applications
Application, Graphic, and DSP Processors
-
ARM™, Tegra™, OMAP™, NovaThor™,
ARMADA™, Krait™, etc.
Hard Disk Drives, LPDDR3
Tablets, Netbooks, Ultra-Mobile PCs
Smart Phones
Gaming Devices
All trademarks are the property of their respective owners.
Description
The FAN53525 is a step-down switching voltage regulator
that delivers a digitally programmable output from an input
voltage supply of 2.5 V to 5.5 V. The output voltage is
programmed through an I
2C interface capable of operating
up to 3.4 MHz.
Using
a
proprietary
architecture
with
synchronous
rectification, the FAN53525 is capable of delivering 3.0 A
continuous at over 80% efficiency, maintaining that efficiency
at load currents as low as 10 mA. The regulator operates at
a nominal fixed frequency of 2.4 MHz, which reduces the
value of the external components to 330 nH for the output
inductor and as low as 20 µF for the output capacitor.
Additional output capacitance can be added to improve
regulation during load transients without affecting stability,
allowing inductance up to 1.2 µH to be used.
At moderate and light loads, Pulse Frequency Modulation
(PFM) is used to operate in Power-Save Mode with a typical
quiescent current of 50 µA at room temperature. Even with
such a low quiescent current, the part exhibits excellent
transient response during large load swings. At higher loads,
the system automatically switches to fixed-frequency control,
operating at 2.4 MHz. In Shutdown Mode, the supply current
drops below 1 µA, reducing power consumption. PFM Mode
can be disabled if fixed frequency is desired. The FAN53525
is available in a 15-bump, 1.310 mm x 2.015 mm, 0.4 mm
ball pitch WLCSP.
Figure 1.
Typical Application


Similar Part No. - FAN53525UC48X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN53525UC48X ONSEMI-FAN53525UC48X Datasheet
509Kb / 6P
   3.0A, 2.4MHz, Digitally Programmable TinyBuck Regulator
Rev. 1.0.1
More results

Similar Description - FAN53525UC48X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN53525 ONSEMI-FAN53525 Datasheet
509Kb / 6P
   3.0A, 2.4MHz, Digitally Programmable TinyBuck Regulator
Rev. 1.0.1
FAN53526 ONSEMI-FAN53526 Datasheet
1Mb / 25P
   Digitally Programmable TinyBuck Regulator
July 2017 Rev. 3.1
FAN53200 ONSEMI-FAN53200 Datasheet
785Kb / 16P
   Digitally Programmable TinyBuck Regulator
January, 2018 ??Rev. 2
FAN53202 ONSEMI-FAN53202 Datasheet
1Mb / 21P
   5 A, 2.4 MHz, Digitally Programmable TinyBuck Regulator
Rev. 1.0
FAN53526 ONSEMI-FAN53526_17 Datasheet
1Mb / 22P
   3.0 A, 2.4 MHz, Digitally Programmable TinyBuck Regulator
December, 2017 ??Rev. 4
FAN53555 ONSEMI-FAN53555 Datasheet
1Mb / 32P
   5 A, 2.4 MHz, Digitally Programmable TinyBuck Regulator
March, 2018 ??Rev. 3
logo
Kinetic Technologies.
KTB8330 KINETIC-KTB8330 Datasheet
154Kb / 2P
   3A, 2.4MHz, Low-Voltage, I2C Programmable Buck Regulator
December 2021 - Revision 04b
KTB8331 KINETIC-KTB8331 Datasheet
1Mb / 25P
   3A, 2.4MHz, Low-Voltage, I2C Programmable Buck Regulator
December 2021 - Revision 04b
logo
Fairchild Semiconductor
FAN5365 FAIRCHILD-FAN5365 Datasheet
1,020Kb / 24P
   1A / 0.8A, 6MHz Digitally Programmable Regulator
FAN5355 FAIRCHILD-FAN5355_10 Datasheet
2Mb / 26P
   1A / 0.8A, 3MHz Digitally Programmable Regulator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com