Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN48632BUC33X Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # FAN48632BUC33X
Description  2.5 MHz, 2.0 A Pulsed-Load Synchronous TinyBoost
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN48632BUC33X Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button FAN48632BUC33X Datasheet HTML 5Page - Fairchild Semiconductor FAN48632BUC33X Datasheet HTML 6Page - Fairchild Semiconductor FAN48632BUC33X Datasheet HTML 7Page - Fairchild Semiconductor FAN48632BUC33X Datasheet HTML 8Page - Fairchild Semiconductor FAN48632BUC33X Datasheet HTML 9Page - Fairchild Semiconductor FAN48632BUC33X Datasheet HTML 10Page - Fairchild Semiconductor FAN48632BUC33X Datasheet HTML 11Page - Fairchild Semiconductor FAN48632BUC33X Datasheet HTML 12Page - Fairchild Semiconductor FAN48632BUC33X Datasheet HTML 13Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
© 2013 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN48632
• Rev. 1.0.3
9
Circuit Description
FAN48632 is a synchronous
boost regulator, typically
operating at 2.5 MHz in Continuous Conduction Mode (CCM),
which occurs at moderate to heavy load current and low VIN
voltages. The regulator includes a Bypass Mode that activates
when VIN is above the boost regulator’s set point.
In anticipation of a heavy load transition, the set point can be
adjusted upward by fixed amounts with the VSEL pin to
reduce the required system headroom during lighter-load
operation to save power.
Table 2. Operating States
Mode
Description
Invoked When
LIN
Linear Startup
VIN > VOUT
SS
Boost Soft-Start
VOUT < VOUT(MIN)
BST
Boost Operating Mode
VOUT = VOUT(MIN)
BPS
True Bypass Mode
VIN > VOUT(MIN)
Boost Mode
The FAN48632 uses a current-mode modulator to achieve
excellent transient response and smooth transitions between
CCM and Discontinuous Conduction Mode (DCM) operation.
During CCM operation, the device maintains a switching
frequency of about 2.5 MHz. In light-load operation (DCM),
frequency is reduced to maintain high efficiency.
Table 3. Boost Startup Sequence
Start
State
Entry
Exit
End
State
Timeout
(µs)
LIN1
VIN > UVLO,
EN=1
VOUT > VIN-
300 mV
SS
LIN2
512
LIN2
LIN1 Exit
VOUT > VIN-
300 mV
SS
TIMEOUT
FAULT
1024
SS
LIN1 or
LIN2 Exit
VOUT=VOUT(MIN)
BST
OVERLOAD
TIMEOUT
FAULT
64
Shutdown and Startup
If EN is LOW, all bias circuits are off and the regulator is in
Shutdown Mode. During shutdown, current flow is prevented
from VIN to VOUT, as well as reverse flow from VOUT to VIN.
During startup, it is recommended to keep DC current draw
below 500 mA.
LIN State
When EN is HIGH and VIN > UVLO, the regulator attempts to
bring VOUT within 300 mV of VIN using the internal fixed current
source from VIN (Q3). The current is limited to LIN1 set point.
If VOUT reaches VIN-300 mV during LIN1 Mode, the SS state is
initiated. Otherwise, LIN1 times out after 512
s and LIN2
Mode is entered.
In LIN2 Mode, the current source is incremented to 2 A. If
VOUT fails to reach VIN-300 mV after 1024 s, a fault condition
is declared.
SS State
Upon the successful completion of the LIN state (VOUT>VIN-
300 mV), the regulator begins switching with boost pulses
current limited to 50% of nominal level.
During SS state, VOUT is ramped up by stepping the internal
reference. If VOUT fails to reach regulation during the SS ramp
sequence for more than 64 µs, a fault condition is declared. If
large COUT is used, the reference is automatically stepped
slower to avoid excessive input current draw.
BST State
This is a normal operating state of the regulator.
BPS State
If VIN is above VREG when the SS Mode successfully
completes, the device transitions directly to BPS Mode.
FAULT State
The regulator enters the FAULT state under any of the
following conditions:
V
OUT fails to achieve the voltage required to advance from
LIN state to SS state.
V
OUT fails to achieve the voltage required to advance from
SS state to BST state.
Boost current limit triggers for 2 ms during the BST state.
V
DS protection threshold is exceeded during BPS state.
Once a fault is triggered, the regulator stops switching and
presents a high-impedance path between VIN and VOUT. After
waiting 20 ms, a restart is attempted.
Power Good
Power good is 0 FAULT, 1 POWER GOOD, open-drain input.
The Power good pin is provided for signaling the system when
the regulator has successfully completed soft-start and no
faults have occurred. Power good also functions as an early
warning flag for high die temperature and overload conditions.
PG is released HIGH when the soft-start sequence is
successfully completed.
PG is pulled LOW when PMOS current limit has triggered
for 64 µs OR the die the temperature exceeds 120°C. PG
is re-asserted when the device cools below to 100°C.
Any FAULT condition causes PG to be de-asserted.
Over-Temperature
The regulator shuts down when the die temperature exceeds
150°C.
Restart
occurs
when
the
IC
has
cooled
by
approximately 20°C.


Similar Part No. - FAN48632BUC33X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN48632BUC33X ONSEMI-FAN48632BUC33X Datasheet
1Mb / 15P
   Pulsed-Load Synchronous TinyBoost Regulator with Bypass Mode for GSM PA Supply
April 2014 Rev. 1.0.3
More results

Similar Description - FAN48632BUC33X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN48695 ONSEMI-FAN48695 Datasheet
620Kb / 14P
   Synchronous Regulator, TINYBOOST, 2.5 MHz
March, 2020 ??Rev. 1
FAN48610 ONSEMI-FAN48610 Datasheet
775Kb / 12P
   2.5 MHz, Fixed-Output Synchronous TinyBoost Regulator
August 2015 Rev. 1.5
logo
Fairchild Semiconductor
FAN48610 FAIRCHILD-FAN48610 Datasheet
1Mb / 13P
   2.5 MHz, Fixed-Output Synchronous TinyBoost Regulator
logo
ON Semiconductor
FAN48632 ONSEMI-FAN48632 Datasheet
1Mb / 15P
   Pulsed-Load Synchronous TinyBoost Regulator with Bypass Mode for GSM PA Supply
April 2014 Rev. 1.0.3
FAN4860 ONSEMI-FAN4860 Datasheet
1Mb / 21P
   3 MHz, Synchronous TinyBoost Regulator
February 2014 Rev. 1.1.1
FAN4868 ONSEMI-FAN4868 Datasheet
309Kb / 12P
   3 MHz, Synchronous TinyBoost Regulator
October, 2018 ??Rev. 3
logo
Fairchild Semiconductor
FAN48630 FAIRCHILD-FAN48630 Datasheet
1Mb / 15P
   2.5 MHz, 1500 mA, Synchronous TinyBoost??Regulator with Bypass Mode
logo
ON Semiconductor
NCP5252 ONSEMI-NCP5252 Datasheet
1Mb / 16P
   2.0 A, 1.0 MHz Integrated Synchronous Buck Regulator with Light Load Efficiency
January, 2010 ??Rev. 0
NCP5252 ONSEMI-NCP5252_12 Datasheet
1Mb / 16P
   2.0 A, 1.0 MHz Integrated Synchronous Buck Regulator with Light Load Efficiency
July, 2012 ??Rev. 4
NCP1597A ONSEMI-NCP1597A Datasheet
350Kb / 13P
   1 MHz, 2.0 A Synchronous Buck Regulator
June, 2010 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com