Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1241.3664 Datasheet(PDF) 6 Page - Schurter Inc.

Part # 1241.3664
Description  Available in version Standard and lettered, from diameter 22 mm with Point Illumination or Ring Illumination
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

1241.3664 Datasheet(HTML) 6 Page - Schurter Inc.

  1241.3664 Datasheet HTML 1Page - Schurter Inc. 1241.3664 Datasheet HTML 2Page - Schurter Inc. 1241.3664 Datasheet HTML 3Page - Schurter Inc. 1241.3664 Datasheet HTML 4Page - Schurter Inc. 1241.3664 Datasheet HTML 5Page - Schurter Inc. 1241.3664 Datasheet HTML 6Page - Schurter Inc. 1241.3664 Datasheet HTML 7Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
Metal Line Switches
PSE NO 22
www.schurter.com/PG70
Switches
All Variants
Mounting
Diameter
Terminal
Housing Material,
Torsion Protection
Colour of Housing Actuator area
Illumination, LED
Config. Code
Order Number
22
Flexible wire
Stainless Steel ,no
-
F
non-illuminated
PSE M 22 NO
1241.3004
22
Flexible wire
Stainless Steel ,yes -
E
Point Illumination, green, 24 VDC
PSE M 22 NO PI
1241.3594.M
22
Flexible wire
Aluminum ,yes
Alu natural
F
Ring Illumination, blue, 12 VDC
PSE M 22 NO RI
1241.3390
22
Flexible wire
Aluminum ,yes
Alu natural
E
Ring Illumination, green, 12 VDC
PSE M 22 NO RI
1241.3251
22
Flexible wire
Aluminum ,yes
Alu natural
E
Ring Illumination, red / green, 12 VDC
PSE M 22 NO RI
1241.3252
22
Flexible wire
Aluminum ,yes
Alu natural
E
Ring Illumination, red, 12 VDC
PSE M 22 NO RI
1241.3250
22
Flexible wire
Aluminum ,yes
Alu natural
F
Ring Illumination, blue, 24 VDC
PSE M 22 NO RI
1241.3413
22
Flexible wire
Aluminum ,yes
Alu natural
E
Ring Illumination, green, 24
PSE M 22 NO RI
1241.3257
22
Flexible wire
Aluminum ,yes
Alu natural
E
Ring Illumination, red / green, 24 VDC
PSE M 22 NO RI
1241.3258
22
Flexible wire
Aluminum ,yes
Alu natural
E
Ring Illumination, red, 24 VDC
PSE M 22 NO RI
1241.3256
22
Flexible wire
Aluminum ,no
Alu natural
F
Ring Illumination, red / green / blue,
5 - 28 VDC
PSE M 22 NO RI
1241.3663
22
Flexible wire
Aluminum ,no
Alu natural
F
Ring Illumination, red / green / yellow,
5 - 28 VDC
PSE M 22 NO RI
1241.3664
22
Flexible wire
Stainless Steel ,no
-
E
Ring Illumination, red / green / blue,
5 - 28 VDC
PSE M 22 NO RI
1241.3669
22
Plug Connector
Aluminum ,yes
Alu natural
E
Ring Illumination, green, 12 VDC
PSE M 22 NO RI
1241.3254
22
Plug Connector
Aluminum ,yes
Alu natural
E
Ring Illumination, red, 12 VDC
PSE M 22 NO RI
1241.3253
22
Plug Connector
Aluminum ,yes
Alu natural
E
Ring Illumination, green, 24 VDC
PSE M 22 NO RI
1241.3260
22
Plug Connector
Aluminum ,yes
Alu natural
E
Ring Illumination, red / green, 24 VDC
PSE M 22 NO RI
1241.3261
22
Plug Connector
Aluminum ,yes
Alu natural
E
Ring Illumination, red, 24 VDC
PSE M 22 NO RI
1241.3259
22
Quick Connect
Terminal
Aluminum ,no
Alu natural
F
Point Illumination, blue, 24 VDC
PSE M 22 NO PI
1241.3244.M
22
Quick Connect
Terminal
Aluminum ,no
Alu natural
F
Point Illumination, green, 24 VDC
PSE M 22 NO PI
1241.3089.M
22
Quick Connect
Terminal
Aluminum ,no
green
F
Point Illumination, green, 24 VDC
PSE M 22 NO PI
1241.3167.M
22
Quick Connect
Terminal
Aluminum ,no
Alu natural
F
Point Illumination, red, 24 VDC
PSE M 22 NO PI
1241.3020.M
22
Quick Connect
Terminal
Aluminum ,no
red
F
Point Illumination, red, 24 VDC
PSE M 22 NO PI
1241.3166.M
22
Quick Connect
Terminal
Aluminum ,no
Alu natural
F
Point Illumination, yellow, 24 VDC
PSE M 22 NO PI
1241.3047.M
22
Quick Connect
Terminal
Aluminum ,no
gold
F
Point Illumination, yellow, 24 VDC
PSE M 22 NO PI
1241.3222.M
22
Molex connection
Aluminum ,yes
Alu natural
E
Ring Illumination, red / green, 12 VDC
PSE M 22 NO RI
1241.3255
22
Pins
Aluminum ,no
red
F
non-illuminated
PSE M 22 NO
1241.3005
22
Pins
Aluminum ,no
green
F
non-illuminated
PSE M 22 NO
1241.3006
22
Pins
Aluminum ,no
black
F
non-illuminated
PSE M 22 NO
1241.3007
22
Pins
Aluminum ,no
Alu natural
F
non-illuminated
PSE M 22 NO
1241.3008
22
Pins
Stainless Steel ,no
-
F
non-illuminated
PSE M 22 NO
1241.3075
Legend:
Type: PSE
NO = normaly open
IV = prolonged signal
RU = PI = Point Illumination
RI = Ring Illumination
LE = Lettered
K = Plastics
Alu = Aluminium
ES = Stainless steel
F = Finger guidance
E = without finger guidance
Plastic nut with gasket are enclosed in the box.
Other mounting diameters, materials, colors, connections, supply voltages possible available on request.
Special materials e.g. Marine grade stainless steel for use in salt and chlorinated environment on request.
Most Popular.
Availability for all products can be searched real-time:http://www.schurter.com/Stock-Check/Stock-Check-SCHURTER
Packaging unit
10 in box with insert or packed in air cushion bags


Similar Part No. - 1241.3664

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
1241.3665 SCHURTER-1241.3665 Datasheet
804Kb / 5P
   Available in version Standard and lettered, from diameter 22 mm with Point Illumination or Ring Illumination
1241.3666 SCHURTER-1241.3666 Datasheet
761Kb / 5P
   Available in version Standard and lettered, from diameter 22 mm with Point Illumination or Ring Illumination
More results

Similar Description - 1241.3664

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
PSENO27 SCHURTER-PSENO27 Datasheet
761Kb / 5P
   Available in version Standard and lettered, from diameter 22 mm with Point Illumination or Ring Illumination
PSENO24 SCHURTER-PSENO24 Datasheet
804Kb / 5P
   Available in version Standard and lettered, from diameter 22 mm with Point Illumination or Ring Illumination
PSEAE30 SCHURTER-PSEAE30 Datasheet
550Kb / 4P
   The indicators are available with Lettering, Point Illumination Ring Illumination or Area Illumination
logo
Visual Communications C...
1092 VCC-1092 Datasheet
872Kb / 5P
   LED illumination
logo
Rohm
BD2802GU ROHM-BD2802GU Datasheet
553Kb / 28P
   6LEDs Illumination
logo
Cree, Inc
450TR5050M-S18000 CREE-450TR5050M-S18000_16 Datasheet
385Kb / 5P
   General Illumination
logo
Rohm
BD6086GU ROHM-BD6086GU_11 Datasheet
1Mb / 81P
   13LEDs ALC* Flash and Illumination
logo
Texas Instruments
TPS99000-Q1 TI1-TPS99000-Q1 Datasheet
388Kb / 9P
[Old version datasheet]   System Management and Illumination Controller
logo
List of Unclassifed Man...
701972-6WD481 ETC2-701972-6WD481 Datasheet
275Kb / 2P
   Single or double-sided sign box illumination
logo
Texas Instruments
TPS99000-Q1 TI1-TPS99000-Q1_18 Datasheet
3Mb / 81P
[Old version datasheet]   System Management and Illumination Controller
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com