Electronic Components Datasheet Search |
|
54ACT253F Datasheet(PDF) 6 Page - National Semiconductor (TI) |
|
|
54ACT253F Datasheet(HTML) 6 Page - National Semiconductor (TI) |
6 / 8 page AC Electrical Characteristics 54AC V CC T A = −55˚C Fig. Symbol Parameter (V) to +125˚C Units No. (Note 8) C L = 50 pF Min Max t PLH Propagation Delay 3.3 1.0 18.0 ns S n to Zn 5.0 1.0 12.5 t PHL Propagation Delay 3.3 1.0 18.5 ns S n to Zn 5.0 1.0 13.5 t PLH Propagation Delay 3.3 1.0 17.0 ns I n to Zn 5.0 1.0 11.5 t PHL Propagation Delay 3.3 1.0 15.0 ns I n to Zn 5.0 1.0 11.5 t PZH Output Enable Time 3.3 1.0 9.0 ns 5.0 1.0 7.0 t PZL Output Enable Time 3.3 1.0 9.5 ns 5.0 1.0 8.0 t PHZ Output Disable Time 3.3 1.0 10.5 ns 5.0 1.0 9.0 t PLZ Output Disable Time 3.3 1.0 9.5 ns 5.0 1.0 8.0 Note 8: Voltage Range 3.3 is 3.3V ±0.3V Voltage Range 5.0 is 5.0V ±0.5V AC Electrical Characteristics 54ACT V CC T A = −55˚C Fig. Symbol Parameter (V) to +125˚C Units No. (Note 9) C L = 50 pF Min Max t PLH Propagation Delay 5.0 1.0 14.5 ns S n to Zn t PHL Propagation Delay 5.0 1.0 16.0 ns S n to Zn t PLH Propagation Delay 5.0 1.0 12.0 ns I n to Zn t PHL Propagation Delay 5.0 1.0 13.5 ns I n to Zn t PZH Output Enable Time 5.0 1.0 9.5 ns t PZL Output Enable Time 5.0 1.0 9.5 ns t PHZ Output Disable Time 5.0 1.0 11.0 ns t PLZ Output Disable Time 5.0 1.0 9.0 ns Note 9: Voltage Range 5.0 is 5.0V ±0.5V Capacitance Symbol Parameter Typ Units Conditions C IN Input Capacitance 4.5 pF V CC = OPEN C PD Power Dissipation 50.0 pF V CC = 5.0V Capacitance www.national.com 6 |
Similar Part No. - 54ACT253F |
|
Similar Description - 54ACT253F |