Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4301.6001 Datasheet(PDF) 1 Page - Schurter Inc.

Part # 4301.6001
Description  IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole, optional Voltage Selector (step switch)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

4301.6001 Datasheet(HTML) 1 Page - Schurter Inc.

  4301.6001 Datasheet HTML 1Page - Schurter Inc. 4301.6001 Datasheet HTML 2Page - Schurter Inc. 4301.6001 Datasheet HTML 3Page - Schurter Inc. 4301.6001 Datasheet HTML 4Page - Schurter Inc. 4301.6001 Datasheet HTML 5Page - Schurter Inc. 4301.6001 Datasheet HTML 6Page - Schurter Inc. 4301.6001 Datasheet HTML 7Page - Schurter Inc. 4301.6001 Datasheet HTML 8Page - Schurter Inc. 4301.6001 Datasheet HTML 9Page - Schurter Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Power Entry Modules with Line Filter
KFA
www.schurter.com/PG06
Connectors
IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole, optional Voltage Selector (step switch)
Screw-on mounting from front side
Version with ground line choke
without voltage selector
Fuse drawer must be ordered separately (see
accessories).
Snap-in mounting from front side
without voltage selector
Fuse drawer must be ordered separately (see
accessories).
Screw-on mounting from rear side
without voltage selector
Fuse drawer must be ordered separately (see
accessories).
Plug removal necessary for fuse
replacement
C14
70° C
Description
- Panel Mount:
Screw-on version from front or rear side, snap-in version from front
side
- 4 Functions:
Appliance Inlet Protection class I, Fuseholder for fuse-links 5 x 20 mm
1- or 2-pole, with or without voltage selector (step switch), Line filter in
standard and medical version
- V-Lock notch standard
- Quick connect terminals or wires
Unique Selling Proposition
- Reduces noise on the ground wire
- Interrupts ground loops
- High asymmetrical attenuation
- V-Lock cord retaining
Approvals
- VDE Certificate Number: 40004665 (FKE, FKF, FKV, FKW)
- UL File Number: E72928 (FKE, FKF, FKV, FKW)
Characteristics
- Rear side mounting for efficient costsaving assembly
Suitable for assembly in metal plated plastic housings
- All single elements are already wired
- Plug removal necessary for fuse-link replacement
- Suitable for use in equipment according to IEC/UL 60950
Suitable for use in medical equipment according to IEC/UL 60601-1
Other versions on request
- Capacity CX 100 nF
References
Alternative: version without line filter KEA
Alternative: Standard version
Weblinks
pdf-datasheet, html-datasheet, General Product Information, Approvals,
CE declaration of conformity, RoHS, CHINA-RoHS, REACH, Mating
Connectors, e-Shop, SCHURTER-Stock-Check, Distributor-Stock-
Check, CAD-Drawings, Accessories, Wire Harnessing, Detailed request
for product
Technical Data
Ratings IEC
1 - 10 A @ Ta 40 °C / 250 VAC; 50 Hz
Ratings UL/CSA
1 - 10 A @ Ta 40 °C / 125 VAC; 60 Hz
Leakage Current
standard < 0.5 mA (250 V / 60 Hz)
medical < 5 µA (250 V / 60 Hz)
Dielectric Strength
> 1.7 kVDC between L-N
> 2.7 kVDC between L/N-PE
Test voltage (2 sec)
Allowable Operation Temp.
-25 °C to 85 °C
Climatic Category
25/085/21 acc. to IEC 60068-1
Degree of Protection
from front side IP 40 acc. to IEC 60529
Protection Class
Suitable for appliances with protection
class I acc. to IEC 61140
Terminal
Quick connect terminals 6.3 x 0.8 mm
Flexible wire AWG18, 150 mm
Panel Thickness s
Screw: max 8 mm
Mounting screw torque max 0.5 Nm
Snap-in: 0.8 mm to 3 mm
Material: Housing
Thermoplastic, black, UL 94V-0
Appliance-Inlet/-Outlet
C14 acc. to IEC 60320,
UL 498, CSA C22.2 no. 42 (for cold
conditions) pin-temperature 70 °C, 10 A,
Protection Class I
Fuseholder
1 or 2 pole, Shocksafe category PC2
acc. to IEC 60127-6,
for fuse-links 5 x 20 mm
Rated Power Acceptance @
Ta 23 °C
5 x 20: 2 W (1 pole)/ 1.6 W (2-pole) per
pole
Power Acceptance @ Ta >
23°C
Admissible power acceptance at higher
ambient temperature see derating cur-
ves
Voltage Selector
optional, step, 3 pos.
Line Filter
Standard and Medical Version, IEC
60939, UL 1283, CSA C22.2 no. 8
Technical Details
MTBF
> 1'700'000 h acc. to MIL-HB-217 F


Similar Part No. - 4301.6001

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4301.0001 SCHURTER-4301.0001 Datasheet
576Kb / 4P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
4301.0001 SCHURTER-4301.0001 Datasheet
757Kb / 6P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
08.12.2021
4301.0002 SCHURTER-4301.0002 Datasheet
576Kb / 4P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
4301.0003 SCHURTER-4301.0003 Datasheet
576Kb / 4P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
4301.0004 SCHURTER-4301.0004 Datasheet
576Kb / 4P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
More results

Similar Description - 4301.6001

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
KFA SCHURTER-KFA_V01 Datasheet
1Mb / 11P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole, optional Voltage Selector (step switch)
04.01.2022
KFA SCHURTER-KFA_18 Datasheet
1Mb / 11P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole, optional Voltage Selector
KFC SCHURTER-KFC_V01 Datasheet
668Kb / 7P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), optional Voltage Selector (step switch)
04.01.2022
KEC SCHURTER-KEC_18 Datasheet
822Kb / 7P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole and Voltage Selector
KEC SCHURTER-KEC_V01 Datasheet
874Kb / 8P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole and Voltage Selector
08.12.2021
KE151100151 SCHURTER-KE151100151_V01 Datasheet
698Kb / 6P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole and Voltage Selector
08.12.2021
KE151100151 SCHURTER-KE151100151 Datasheet
576Kb / 4P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole and Voltage Selector
KEC SCHURTER-KEC Datasheet
730Kb / 4P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole and Voltage Selector
KFC SCHURTER-KFC_17 Datasheet
612Kb / 6P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole
5220 SCHURTER-5220_V01 Datasheet
613Kb / 6P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com