Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3409.0009 Datasheet(PDF) 2 Page - Schurter Inc.

Part # 3409.0009
Description  Surface Mount Fuse for High Current Space Application, ESCC QPL Listed (pending)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

3409.0009 Datasheet(HTML) 2 Page - Schurter Inc.

  3409.0009 Datasheet HTML 1Page - Schurter Inc. 3409.0009 Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Non resettable fuses
HCSF
www.schurter.com/PG01_2
Fuses
Packaging Unit
Blister Tape on 18 cm Reel in ESD Plastic Bag
The specifications, descriptions and illustrations indicated in this document are based on current
information. All content is subject to modifications and amendments. Information furnished is believed
to be accurate and reliable. However, users should independently evaluate the suitability and test each
product selected for their own applications.
Variants
Rated Cur-
rent [A]
Rated Vol-
tage [VAC]
Rated Vol-
tage [VDC]
Breaking
Capacity
Voltage Drop
1 In typ.
[mV]
Cold Resi-
stance typ.
[m
Ω]
Melting I²t
10 In typ.
[A²s]
ESCC
Component
Number
Order Number
5
63
125
1)
86
1.9
4008xxxxx
3409.0007
6.3
63
125
1)
4008xxxxx
3409.0008
7.5
63
125
1)
92
4
4008xxxxx
3409.0009
8
63
125
1)
4008xxxxx
3409.0010
10
63
125
1)
90
12.7
4008xxxxx
3409.0011
12
63
125
1)
4008xxxxx
3409.0013
15
63
125
1)
86
31.3
4008xxxxx
3409.0015
Availability for all products can be searched real-time: http://www.schurter.com/en/Stock-Check/Stock-Check-SCHURTER
1) 200 A @ 63 VAC, p.f. > 0.999 / 1000 A @ 125 VDC, L/R < 1 ms


Similar Part No. - 3409.0009

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3409 ETC2-3409 Datasheet
158Kb / 3P
   3/8 Square Drive Sockets, SAE
logo
KIA Semiconductor Techn...
3409 KIA-3409 Datasheet
118Kb / 5P
   -2.6A竊?30V P-CHANNEL MOSFET
logo
Heyco.
3409 HEYCO-3409 Datasheet
114Kb / 1P
   Heyco® PG and Metric Threaded Plugs
logo
List of Unclassifed Man...
3409001000 ETC2-3409001000 Datasheet
2Mb / 164P
   We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
logo
Molex Electronics Ltd.
34091-0005 MOLEX11-34091-0005 Datasheet
60Kb / 1P
   MX150 Sealed Female Receptacle
More results

Similar Description - 3409.0009

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
MGA-S SCHURTER-MGA-S Datasheet
370Kb / 3P
   Surface Mount Fuse for Space Application, ESCC QPL Listed
MGA-S SCHURTER-MGA-S_15 Datasheet
260Kb / 4P
   Surface Mount Fuse for Space Application, ESCC QPL Listed
logo
Tyco Electronics
1206SFH MACOM-1206SFH Datasheet
123Kb / 3P
   Surface Mount Fuse High Current
logo
Eaton All Rights Reserv...
2822HC EATON-2822HC Datasheet
1Mb / 6P
   High current surface mount Brick fuse
February 2022
logo
Micro Commercial Compon...
ESDLC2V8P8U MCC-ESDLC2V8P8U Datasheet
617Kb / 3P
   For space saving application
logo
Nanjing International G...
FSM11 DGNJDZ-FSM11 Datasheet
106Kb / 2P
   For Surface Mount Application
logo
ATMEL Corporation
AT7908E ATMEL-AT7908E Datasheet
77Kb / 7P
   CAN Controller for Space Application
AT7908E ATMEL-AT7908E_09 Datasheet
751Kb / 50P
   CAN Controller for Space Application
logo
Schurter Inc.
HCF SCHURTER-HCF_V02 Datasheet
366Kb / 4P
   Solid State, Thin Film, SMD 3220 Fuse for High Current Application
04.01.2022
HCF SCHURTER-HCF Datasheet
314Kb / 3P
   Solid State, Thin Film, SMD 3220 Fuse for High Current Application
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com