Electronic Components Datasheet Search |
|
KFA Datasheet(PDF) 1 Page - Schurter Inc. |
|
KFA Datasheet(HTML) 1 Page - Schurter Inc. |
1 / 10 page 1 Power Entry Modules with Line Filter KFA www.schurter.com/PG06 Connectors IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole, optional Voltage Selector (step switch) Screw-on mounting from front side Version with ground line choke without voltage selector Fuse drawer must be ordered separately (see accessories). Snap-in mounting from front side without voltage selector Fuse drawer must be ordered separately (see accessories). Screw-on mounting from rear side without voltage selector Fuse drawer must be ordered separately (see accessories). Plug removal necessary for fuse replacement C14 70° C Description - Panel Mount: Screw-on version from front or rear side, snap-in version from front side - 4 Functions: Appliance Inlet Protection class I, Fuseholder for fuse-links 5 x 20 mm 1- or 2-pole, with or without voltage selector (step switch), Line filter in standard and medical version - V-Lock notch standard - Quick connect terminals or wires Unique Selling Proposition - Reduces noise on the ground wire - Interrupts ground loops - High asymmetrical attenuation - V-Lock cord retaining Approvals - VDE Certificate Number: 40004665 (FKE, FKF, FKV, FKW) - UL File Number: E72928 (FKE, FKF, FKV, FKW) Characteristics - Rear side mounting for efficient costsaving assembly Suitable for assembly in metal plated plastic housings - All single elements are already wired - Plug removal necessary for fuse-link replacement - Suitable for use in equipment according to IEC/UL 60950 Suitable for use in medical equipment according to IEC/UL 60601-1 Other versions on request - Capacity CX 100 nF References Alternative: version without line filter KEA Alternative: Standard version Weblinks pdf-datasheet, html-datasheet, General Product Information, Approvals, CE declaration of conformity, RoHS, CHINA-RoHS, REACH, Mating Connectors, e-Shop, SCHURTER-Stock-Check, Distributor-Stock- Check, CAD-Drawings, Accessories, Wire Harnessing, Detailed request for product Technical Data Ratings IEC 1 - 10 A @ Ta 40 °C / 250 VAC; 50 Hz Ratings UL/CSA 1 - 10 A @ Ta 40 °C / 125 VAC; 60 Hz Leakage Current standard < 0.5 mA (250 V / 60 Hz) medical < 5 µA (250 V / 60 Hz) Dielectric Strength > 1.7 kVDC between L-N > 2.7 kVDC between L/N-PE Test voltage (2 sec) Allowable Operation Temp. -25 °C to 85 °C Climatic Category 25/085/21 acc. to IEC 60068-1 Degree of Protection from front side IP 40 acc. to IEC 60529 Protection Class Suitable for appliances with protection class I acc. to IEC 61140 Terminal Quick connect terminals 6.3 x 0.8 mm Flexible wire AWG18, 150 mm Panel Thickness s Screw: max 8 mm Mounting screw torque max 0.5 Nm Snap-in: 0.8 mm to 3 mm Material: Housing Thermoplastic, black, UL 94V-0 Appliance-Inlet/-Outlet C14 acc. to IEC 60320, UL 498, CSA C22.2 no. 42 (for cold conditions) pin-temperature 70 °C, 10 A, Protection Class I Fuseholder 1 or 2 pole, Shocksafe category PC2 acc. to IEC 60127-6, for fuse-links 5 x 20 mm Rated Power Acceptance @ Ta 23 °C 5 x 20: 2 W (1 pole)/ 1.6 W (2-pole) per pole Power Acceptance @ Ta > 23°C Admissible power acceptance at higher ambient temperature see derating cur- ves Voltage Selector optional, step, 3 pos. Line Filter Standard and Medical Version, IEC 60939, UL 1283, CSA C22.2 no. 8 Technical Details MTBF > 1'700'000 h acc. to MIL-HB-217 F |
Similar Part No. - KFA |
|
Similar Description - KFA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |