Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3101.0071 Datasheet(PDF) 2 Page - Schurter Inc.

Part # 3101.0071
Description  Surface Mount Device with stabilizing Posts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

3101.0071 Datasheet(HTML) 2 Page - Schurter Inc.

  3101.0071 Datasheet HTML 1Page - Schurter Inc. 3101.0071 Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Fuseholders
FPG7
www.schurter.com/PG02
Fuses
+0.1
0
5.5
5.5
ø1.6
0
- 0.1
6.5
13.5±0.05
Soldering pads and mounting holes
Derating Curves
1.5
1.0
0.5
0.0
2.5
2.0
020406080
100
I = << In
I = 0.7 In
I = 1.0 In
Ambient air temperature Ta °C
All Variants
Holder
Cap
Material
Reflow Condition
Remark
Order
Number
l
slotted
Spec. Thermoplastic
acc. to JEDEC J-STD-020D, Tp=260 +0/-5 °C, tp = max. 30 s
-
3101.0071
l
Fingergrip
Spec. Thermoplastic
acc. to JEDEC J-STD-020D, Tp=260 +0/-5 °C, tp = max. 30 s
-
3101.0076
Availability for all products can be searched real-time:http://www.schurter.com/en/Stock-Check/Stock-Check-SCHURTER
Spec. thermoplastic meets the new requirements of IEC 60335-1 for appliances in unattended use (clause 30.2.3). This standard includes the enhanced requi-
rements of glow wire tests acc. to IEC 60695-2-12 and -13.
Packaging Unit
xxxx.xxxx
Bulk 186 x 91 x 91 mm (100 pcs.)
xxxx.xxxx.D2
Blister Tape 38 cm Reel (250 pcs.)
The specifications, descriptions and illustrations indicated in this document are based on current
information. All content is subject to modifications and amendments. Information furnished is believed
to be accurate and reliable. However, users should independently evaluate the suitability and test each
product selected for their own applications.


Similar Part No. - 3101.0071

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
3101.0071 SCHURTER-3101.0071 Datasheet
436Kb / 2P
   Shock-Safe Fuseholder, 5 x 20 mm, horizontal, Slot/Fingergrip, SMD, IEC 60335-1
More results

Similar Description - 3101.0071

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
HQ MERITEK-HQ Datasheet
533Kb / 8P
   Surface mount device with high reliability
logo
Visual Communications C...
6300T1 VCC-6300T1 Datasheet
537Kb / 8P
   Surface mount device
logo
Advanced Power Electron...
AP2306AGEN-HF A-POWER-AP2306AGEN-HF_16 Datasheet
102Kb / 5P
   Surface Mount Device
AP2333EN-HF A-POWER-AP2333EN-HF_14 Datasheet
58Kb / 4P
   Surface Mount Device
AP2338GN-HF A-POWER-AP2338GN-HF_14 Datasheet
101Kb / 4P
   Surface Mount Device
AP2313GN A-POWER-AP2313GN_16 Datasheet
64Kb / 5P
   Surface Mount Device
AP2305GN A-POWER-AP2305GN_16 Datasheet
101Kb / 5P
   Surface Mount Device
AP2305BGN A-POWER-AP2305BGN_16 Datasheet
101Kb / 5P
   Surface Mount Device
AP2325GEN A-POWER-AP2325GEN_16 Datasheet
66Kb / 5P
   Surface Mount Device
AP3P080N A-POWER-AP3P080N Datasheet
110Kb / 6P
   Surface Mount Device
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com