Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DA22.9321.11 Datasheet(PDF) 1 Page - Schurter Inc.

Part # DA22.9321.11
Description  IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole, for PCB Mounting
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

DA22.9321.11 Datasheet(HTML) 1 Page - Schurter Inc.

  DA22.9321.11 Datasheet HTML 1Page - Schurter Inc. DA22.9321.11 Datasheet HTML 2Page - Schurter Inc. DA22.9321.11 Datasheet HTML 3Page - Schurter Inc. DA22.9321.11 Datasheet HTML 4Page - Schurter Inc. DA22.9321.11 Datasheet HTML 5Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Power Entry Modules with Line Filter
DA22
www.schurter.com/PG06
Connectors
IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole, for PCB Mounting
Standard- or Medical-Filter and
-Fuse drawer
C14
70° C
Description
- Panel Mount:
Screw-on mounting on PCB, from rear-side
- 3 Functions:
Appliance Inlet, Fuseholder for fuse-links 5 x 20 mm, Line filter in stan-
dard and medical version
- V-Lock notch standard
- PCB terminals
Approvals
- VDE Certificate Number: 40001522
- UL File Number: E72928
Characteristics
- Ultra-compact design
- All single elements are already wired
- For added safety "Extra-Safe" fuse drawers are available
- Suitable for use in equipment according to IEC/UL 60950
Suitable for use in medical equipment according to IEC/UL 60601-1
Other versions on request
- Fixing on PCB with self-tapping screws 3 mm or pre-inserted nuts M3
- Fuse drawer 1-pole, plus spare fuse case
- Fuse drawer 2-pole, with shorting bar
- Medical version M80, 220 nF X capacitors
- Class X1- and Y1-capacitors for enhanced withstand voltage
- Protection class II, 70°C
References
Alternative: version for panel mounting KFA
Weblinks
pdf-datasheet, html-datasheet, General Product Information, Approvals,
CE declaration of conformity, RoHS, CHINA-RoHS, REACH, Mating
Connectors, e-Shop, SCHURTER-Stock-Check, Distributor-Stock-
Check, CAD-Drawings, Accessories, Detailed request for product
Technical Data
Ratings IEC
1 - 10 A @ Ta 40 °C / 250 VAC; 50 Hz
Ratings UL/CSA
1 - 10 A @ Ta 40 °C / 250 VAC;
50/60 Hz ¹
Leakage Current
standard < 0.5 mA (250 V / 60 Hz)
medical < 5 µA (250 V / 60 Hz)
Dielectric Strength
> 1.7 kVDC between L-N
> 2.7 kVDC between L/N-PE
Test voltage (1 min/50 Hz)
Allowable Operation Temp.
-25 °C to 85 °C
Climatic Category
25/085/21 acc. to IEC 60068-1
Degree of Protection
from front side IP 40 acc. to IEC 60529
Protection Class
Suitable for appliances with protection
class I acc. to IEC 61140
Terminal
For PCB mounting ; Additional for
ground terminal: Quick connect termi-
nals 6.3 x 0.8 mm angled to pin axis
Panel Thickness s
Screw-on mounting: max 3 mm
Mounting screw torque max 0.5 Nm
Material: Housing
Thermoplastic, black, UL 94V-0
Appliance-Inlet/-Outlet
C14 acc. to IEC 60320
UL 498 CSA C22.2 no. 42 (for cold
conditions) pin-temperature 70 °C, 10 A,
Protection Class I
Fuseholder
1 or 2 pole, Shocksafe category PC2
acc. to IEC 60127-6,
for fuse-links 5 x 20 mm
Rated Power Acceptance @
Ta 23 °C
5 x 20: 2 W (1 pole)/ 1.4 W (2-pole) per
pole
Power Acceptance @ Ta >
23°C
Admissible power acceptance at higher
ambient temperature see derating cur-
ves
Line Filter
Standard and Medical Version, IEC
60939, UL 1283, CSA C22.2 no. 8
Technical Details
MTBF
> 2'000'000 h acc. to MIL-HB-217 F
1) UL appovals: 1-pole versions up to 10 A, 2-pole versions up to 8 A


Similar Part No. - DA22.9321.11

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
DA22.9321.11 SCHURTER-DA22.9321.11 Datasheet
903Kb / 5P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole, for PCB Mounting
More results

Similar Description - DA22.9321.11

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
DA22 SCHURTER-DA22 Datasheet
903Kb / 5P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole, for PCB Mounting
DA22 SCHURTER-DA22_18 Datasheet
579Kb / 6P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole, for PCB Mounting
DA22 SCHURTER-DA22_V01 Datasheet
613Kb / 7P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole, for PCB Mounting
04.01.2022
43013211 SCHURTER-43013211 Datasheet
541Kb / 4P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole for PCB
KEA-PRINT SCHURTER-KEA-PRINT Datasheet
449Kb / 5P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole for PCB
KEA-PRINT SCHURTER-KEA-PRINT_V01 Datasheet
469Kb / 5P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole for PCB
08.12.2021
KFC SCHURTER-KFC_17 Datasheet
612Kb / 6P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole
KEA-PRINT SCHURTER-KEA-PRINT_18 Datasheet
463Kb / 5P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole for PCB
5220 SCHURTER-5220_V01 Datasheet
613Kb / 6P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole
5220 SCHURTER-5220_17 Datasheet
591Kb / 6P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com