Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5500.2637.01 Datasheet(PDF) 6 Page - Schurter Inc.

Part # 5500.2637.01
Description  AC Filter, High Symmetrical Attenuation
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

5500.2637.01 Datasheet(HTML) 6 Page - Schurter Inc.

  5500.2637.01 Datasheet HTML 1Page - Schurter Inc. 5500.2637.01 Datasheet HTML 2Page - Schurter Inc. 5500.2637.01 Datasheet HTML 3Page - Schurter Inc. 5500.2637.01 Datasheet HTML 4Page - Schurter Inc. 5500.2637.01 Datasheet HTML 5Page - Schurter Inc. 5500.2637.01 Datasheet HTML 6Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
1-Phase AC Filters / DC Filters
FMAB NEO
www.schurter.com/PG84
EMC Products
All Variants
Rated
current
Filter-Type
Terminal
Design
Lea-
kage
Ri
Power
Loss
Weight
Housing
Packa-
ging
Order Number
[A]
[mA]
[m
Ω]
[W]
[g]
[ST]
1
Standard Version Quick connect terminal 6.3 x 0.8 mm
N
0.5
475
1
72 g
PG
15
5500.2630.01
3
Standard Version Quick connect terminal 6.3 x 0.8 mm
N
0.5
83
1.5
104 g
PH
15
5500.2631.01
4
Standard Version Quick connect terminal 6.3 x 0.8 mm
N
0.5
53
1.7
108 g
PH
15
5500.2632.01
6
Standard Version Quick connect terminal 6.3 x 0.8 mm
N
0.5
32.5
2.4
109 g
PH
15
5500.2633.01
8
Standard Version Quick connect terminal 6.3 x 0.8 mm
N
0.5
29.2
3.8
190 g
PI
10
5500.2634.01
10
Industrial Version Quick connect terminal 6.3 x 0.8 mm
N
1
22.8
4.6
200 g
PI
10
5500.2635.01
12
Industrial Version Quick connect terminal 6.3 x 0.8 mm
N
1
13.2
3.8
201 g
PI
10
5500.2636.01
16
Industrial Version Quick connect terminal 6.3 x 0.8 mm
N
1
7.2
3.7
308 g
PK
10
5500.2637.01
20
Industrial Version Quick connect terminal 6.3 x 0.8 mm
N
1
6.0
4.8
322 g
PK
10
5500.2638.01
30
Industrial Version Bolt and nut M4
N
1
2.9
5.2
355 g
PK
10
5500.2639.03
1
Medical (M5)
Quick connect terminal 6.3 x 0.8 mm
N
0.005
475
1
72 g
PG
15
5500.2630.04
3
Medical (M5)
Quick connect terminal 6.3 x 0.8 mm
N
0.005
83
1.5
104 g
PH
15
5500.2631.04
4
Medical (M5)
Quick connect terminal 6.3 x 0.8 mm
N
0.005
53
1.7
108 g
PH
15
5500.2632.04
6
Medical (M5)
Quick connect terminal 6.3 x 0.8 mm
N
0.005
32.5
2.4
109 g
PH
15
5500.2633.04
8
Medical (M5)
Quick connect terminal 6.3 x 0.8 mm
N
0.005
29.2
3.8
190 g
PI
10
5500.2634.04
10
Medical (M5)
Quick connect terminal 6.3 x 0.8 mm
N
0.005
22.8
4.6
200 g
PI
10
5500.2635.04
12
Medical (M5)
Quick connect terminal 6.3 x 0.8 mm
N
0.005
13.2
3.8
201 g
PI
10
5500.2636.04
16
Medical (M5)
Quick connect terminal 6.3 x 0.8 mm
N
0.005
7.2
3.7
308 g
PK
10
5500.2637.04
20
Medical (M5)
Quick connect terminal 6.3 x 0.8 mm
N
0.005
6.0
4.8
322 g
PK
10
5500.2638.04
30
Medical (M5)
Bolt and nut M4
N
0.005
2.9
5.2
355 g
PK
10
5500.2639.06
Availability for all products can be searched real-time:http://www.schurter.com/en/Stock-Check/Stock-Check-SCHURTER
The specifications, descriptions and illustrations indicated in this document are based on current
information. All content is subject to modifications and amendments. Information furnished is believed
to be accurate and reliable. However, users should independently evaluate the suitability and test each
product selected for their own applications.


Similar Part No. - 5500.2637.01

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
5500.2635.01 SCHURTER-5500.2635.01 Datasheet
1Mb / 13P
   AC Filter, High Symmetrical Attenuation
23.11.2021
More results

Similar Description - 5500.2637.01

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FMABNEO SCHURTER-FMABNEO_V02 Datasheet
1Mb / 13P
   AC Filter, High Symmetrical Attenuation
23.11.2021
FMABNEO SCHURTER-FMABNEO_V01 Datasheet
1Mb / 13P
   AC Filter, High Symmetrical Attenuation
FMABHV SCHURTER-FMABHV Datasheet
668Kb / 6P
   AC / DC Filter, High Symmetrical Attenuation
FSS SCHURTER-FSS Datasheet
532Kb / 3P
   AC Filter 2-Stage, Very High Symmetrical Attenuation
FSW SCHURTER-FSW Datasheet
587Kb / 3P
   AC Filter 2-Stage, Very High Symmetrical and Asymmetrical Attenuation
FSW SCHURTER-FSW_V01 Datasheet
495Kb / 5P
   AC Filter 2-Stage, Very High Symmetrical and Asymmetrical Attenuation
FSW SCHURTER-FSW_17 Datasheet
396Kb / 4P
   AC Filter 2-Stage, Very High Symmetrical and Asymmetrical Attenuation
FMAB SCHURTER-FMAB_V01 Datasheet
373Kb / 3P
   AC Filter, Broad Band Attenuation
FMAB SCHURTER-FMAB Datasheet
410Kb / 2P
   AC Filter, Broad Band Attenuation
FSS SCHURTER-FSS_V01 Datasheet
444Kb / 4P
   AC Filter 2-Stage, Very High Symmetrical Attenuationl
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com