Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6173.0023 Datasheet(PDF) 1 Page - Schurter Inc.

Part # 6173.0023
Description  IEC Appliance Inlet C22, for very hot conditions 155째C, Screw-on or Snap-in Mounting, Front Side
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

6173.0023 Datasheet(HTML) 1 Page - Schurter Inc.

  6173.0023 Datasheet HTML 1Page - Schurter Inc. 6173.0023 Datasheet HTML 2Page - Schurter Inc. 6173.0023 Datasheet HTML 3Page - Schurter Inc. 6173.0023 Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Connectors (Inlets/Outlets)
1681
www.schurter.com/PG07
Connectors
IEC Appliance Inlet C22, for very hot conditions 155°C, Screw-on or Snap-in Mounting, Front Side
C22
155° C
Description
- Panel Mount
- Snap-in or screw-on mounting, from front side
- 1 Function:
- Appliance Inlet, Pin temperature 155 °C, Protection class I
- Meets the requirements of IEC 60335-1 for appliances in unattended
use. This includes the enhanced requirements of glow wire tests acc.
to IEC 60695-2-12 and -13.
- Solder, Quick Connect or Screw Terminals
Approvals
- ENEC File Number: 2151856.01
- UL File Number: E96454
References
Alternative: version with line filter C22F
Weblinks
pdf-datasheet, html-datasheet, General Product Information, Approvals,
CE declaration of conformity, RoHS, CHINA-RoHS, REACH, Mating
Connectors, e-Shop, SCHURTER-Stock-Check, Distributor-Stock-
Check, CAD-Drawings, Accessories, Detailed request for product
Technical Data
Ratings IEC
16 A / 250 VAC; 50 Hz
Ratings UL/CSA
20 A / 250 VAC; 60 Hz
Dielectric Strength
> 6 kVAC between L-N
> 4 kVAC between L/N-PE
(1 min/50 Hz)
Allowable Operation Temp.
-25 °C to 155 °C
Degree of Protection
from front side IP 20 acc. to IEC 60529
Protection Class
Suitable for appliances with protection
class I acc. to IEC 61140
Terminal
Solder, Quick Connect or Screw Ter-
minals
Panel Thickness s
Snap-in version
1/1.5/2/2.5/3 mm
Material: Housing
PA, black, UL 94V-0
Appliance Inlet
C22 acc. to IEC 60320
UL 498, CSA C22.2 no. 42 (for hot con-
ditions) pin-temperature 155 °C, 16 A,
Protection Class I


Similar Part No. - 6173.0023

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
6173.0023 SCHURTER-6173.0023 Datasheet
272Kb / 4P
   IEC Appliance Inlet C22, for very hot conditions, Screw-on or Snap-in Mounting, Front Side
6173.0023 SCHURTER-6173.0023 Datasheet
351Kb / 6P
   IEC Appliance Inlet C22, for very hot conditions 155째C, Screw-on or Snap-in Mounting, Front Side
More results

Similar Description - 6173.0023

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
1681 SCHURTER-1681_21 Datasheet
372Kb / 5P
   IEC Appliance Inlet C22, for very hot conditions 155째C, Screw-on or Snap-in Mounting, Front Side
1681 SCHURTER-1681_V01 Datasheet
372Kb / 5P
   IEC Appliance Inlet C22, for very hot conditions 155째C, Screw-on or Snap-in Mounting, Front Side
05.01.2022
1681_1810 SCHURTER-1681_1810 Datasheet
351Kb / 6P
   IEC Appliance Inlet C22, for very hot conditions 155째C, Screw-on or Snap-in Mounting, Front Side
1681 SCHURTER-1681 Datasheet
272Kb / 4P
   IEC Appliance Inlet C22, for very hot conditions, Screw-on or Snap-in Mounting, Front Side
1681 SCHURTER-1681_18 Datasheet
311Kb / 5P
   IEC Appliance Inlet C22, for very hot conditions 155, Screw-on or Snap-in Mounting, Front Side
C22F SCHURTER-C22F_18 Datasheet
537Kb / 5P
   IEC Appliance Inlet C22 for hot Conditions, with Filter for high Temperatures, front side Mounting
C22F SCHURTER-C22F_V01 Datasheet
574Kb / 6P
   IEC Appliance Inlet C22 for hot Conditions, with Filter for high Temperatures, front side Mounting
04.01.2022
0184 SCHURTER-0184 Datasheet
300Kb / 2P
   IEC Appliance Inlet C16A, Snap-in Mounting, Front Side, Quick-connect or Screw-on Terminal
1624 SCHURTER-1624 Datasheet
395Kb / 3P
   IEC Appliance Inlet C20, Snap-in Mounting, Front Side, Solder or Quick-connect or Screw-on Terminal
1061 SCHURTER-1061 Datasheet
406Kb / 3P
   IEC Appliance Inlet C14, Snap-in Mounting, Front Side, Solder or Quick-connect or Screw-on Terminal
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com