Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DA22.6111.11 Datasheet(PDF) 5 Page - Schurter Inc.

Part # DA22.6111.11
Description  IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole, for PCB Mounting
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

DA22.6111.11 Datasheet(HTML) 5 Page - Schurter Inc.

  DA22.6111.11 Datasheet HTML 1Page - Schurter Inc. DA22.6111.11 Datasheet HTML 2Page - Schurter Inc. DA22.6111.11 Datasheet HTML 3Page - Schurter Inc. DA22.6111.11 Datasheet HTML 4Page - Schurter Inc. DA22.6111.11 Datasheet HTML 5Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
Power Entry Modules with Line Filter
DA22
www.schurter.com/PG06
Connectors
Accessories
Cord retaining kits
Cord retaining strain relief
Flat head, H
4700.0008
Mating Outlets/Connectors
Category / Description
Appliance Outlet Overview complete
IEC Appliance Outlet F, Screw-on Mounting, Front Side, Solder Terminal
4787
IEC Appliance Outlet F, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
4788
IEC Appliance Outlet F or H, Screw-on Mounting, Front Side, Solder, PCB or Quick-connect Terminal
5091
Appliance Outlet further types to DA22
Connector Overview complete
4782 Mounting: Power Cord, 3 x 1 mm² / 3 x 18 AWG, Cable, Connector: IEC C13
4782
4022 Mounting: Power Supply Cord, 3 x 1.5 mm², Screw clamps, Connector: IEC C13
4022
4785 Mounting: Power Cord, 3 x 1 mm² / 3 x 18 AWG, Cable, Connector: IEC C13
4785
4300-06 Mounting: Power Cord, 3 x 1 mm² / 3 x 18 AWG, Cable, Connector: IEC C13
4300-06
4012 Mounting: Power Supply Cord, 3 x 1.5 mm², Screw clamps, Connector: IEC C13
4012
Connector further types to DA22
...
Mating Outlets/Connectors shuttered
Power Cord Overview complete
VAC17KS, North America, 2.0 m, Connector C17, cord end:
6051.2801
VAC17KS, Europlug, 2.0 m, Connector IEC C17, cord end:
6051.2803
VAC17KS, Europlug, 2.0 m, Connector IEC C17, cord end:
6051.2813
VAC13KS, Overview, diverse Connector IEC C13, cord end:
VAC13KS
Power Cord further types to DA22
The specifications, descriptions and illustrations indicated in this document are based on current
information. All content is subject to modifications and amendments. Information furnished is believed
to be accurate and reliable. However, users should independently evaluate the suitability and test each
product selected for their own applications.


Similar Part No. - DA22.6111.11

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
DA22.6111.11 SCHURTER-DA22.6111.11 Datasheet
903Kb / 5P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole, for PCB Mounting
More results

Similar Description - DA22.6111.11

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
DA22 SCHURTER-DA22 Datasheet
903Kb / 5P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole, for PCB Mounting
DA22 SCHURTER-DA22_18 Datasheet
579Kb / 6P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole, for PCB Mounting
DA22 SCHURTER-DA22_V01 Datasheet
613Kb / 7P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole, for PCB Mounting
04.01.2022
43013211 SCHURTER-43013211 Datasheet
541Kb / 4P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole for PCB
KEA-PRINT SCHURTER-KEA-PRINT Datasheet
449Kb / 5P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole for PCB
KEA-PRINT SCHURTER-KEA-PRINT_V01 Datasheet
469Kb / 5P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole for PCB
08.12.2021
KFC SCHURTER-KFC_17 Datasheet
612Kb / 6P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole
KEA-PRINT SCHURTER-KEA-PRINT_18 Datasheet
463Kb / 5P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole for PCB
5220 SCHURTER-5220_V01 Datasheet
613Kb / 6P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole
5220 SCHURTER-5220_17 Datasheet
591Kb / 6P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com