Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WLG4-3F3132 Datasheet(PDF) 2 Page - SICK AG

Part # WLG4-3F3132
Description  Photoelectric retro-reflective sensor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

WLG4-3F3132 Datasheet(HTML) 2 Page - SICK AG

  WLG4-3F3132 Datasheet HTML 1Page - SICK AG WLG4-3F3132 Datasheet HTML 2Page - SICK AG WLG4-3F3132 Datasheet HTML 3Page - SICK AG WLG4-3F3132 Datasheet HTML 4Page - SICK AG WLG4-3F3132 Datasheet HTML 5Page - SICK AG WLG4-3F3132 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Photoelectric sensorsAAAAAAAAAAAAA© SICK AG. Subject to change without notice.AAAAAAAAAAAAA2/4/2016 1:38:37 AM
Photoelectric sensors
W4-3 Glass, Photoelectric retro-reflective sensor
1) 2) PL80A 3) Average service life of 100,000 h at TA = +25 °C
Type
> WLG4-3F3132
Part No.
> 1028128
At a glance
Fast and reliable setup via teach-in pushbutton
Continuous threshold adjustment technology to detect objects in changing
conditions such as temperature, contamination and reflector wear
Versions without polarizing filters to better detect depolarizing objects such as
PET bottles, CD sleeves and shrink-wrapped, glossy objects
Your benefits
Reliable and quick setting via the push of a button
Flat housing design eliminates alignment or mounting brackets, which saves time
and money
Low-cost machine integration due to small dimensions that enable mounting in
areas with space restrictions
Quick and easy setup due to highly visible intensive light spot
The PinPoint LED's well-defined, intense light spot simplifies alignment
Nearly all transparent objects can be reliably detected
Illustration may differ
Features
Sensor/detection principle:
Photoelectric retro-reflective sensor
Dimensions (W x H x D):
16 mm x 39.5 mm x 12 mm
Housing design (light emission):
Rectangular
Sensing range max.:
0.01 m ... 4.5 m 1)
Sensing range:
0.02 m ... 3.5 m 2)
Type of light:
Visible red light
Light source:
PinPoint LED 3)
Wave length:
650 nm
Adjustment:
Single teach-in button
Light spot size (distance):
Ø 75 mm (1.5 m)
Continuous threshold adaption:
ü
Mechanics/electronics
Supply voltage:
10 V DC ... 30 V DC 1)
Ripple::
< 5 Vpp 2) 3)
Power consumption:
≤ 20 mA 4)
Output type:
PNP
Switching mode:
Dark switching


Similar Part No. - WLG4-3F3132

ManufacturerPart #DatasheetDescription
logo
SICK AG
WLG4-3F3182 SICK-WLG4-3F3182 Datasheet
781Kb / 6P
   Photoelectric retro-reflective sensor
WLG4-3F3182S06 SICK-WLG4-3F3182S06 Datasheet
675Kb / 5P
   Photoelectric retro-reflective sensor
More results

Similar Description - WLG4-3F3132

ManufacturerPart #DatasheetDescription
logo
SICK AG
WL2SGC-2P3234 SICK-WL2SGC-2P3234 Datasheet
756Kb / 7P
   Photoelectric retro-reflective sensor
WLG4-3N1382 SICK-WLG4-3N1382 Datasheet
779Kb / 6P
   Photoelectric retro-reflective sensor
WLG4-3P1482 SICK-WLG4-3P1482 Datasheet
779Kb / 6P
   Photoelectric retro-reflective sensor
WLG4-3P2132 SICK-WLG4-3P2132 Datasheet
793Kb / 6P
   Photoelectric retro-reflective sensor
WLG4S-3P1132V SICK-WLG4S-3P1132V Datasheet
1Mb / 7P
   Photoelectric retro-reflective sensor
WLG4S-3P2232V SICK-WLG4S-3P2232V Datasheet
1Mb / 7P
   Photoelectric retro-reflective sensor
WLG4S-3P2232VS03 SICK-WLG4S-3P2232VS03 Datasheet
1Mb / 6P
   Photoelectric retro-reflective sensor
WL8-P2131 SICK-WL8-P2131 Datasheet
733Kb / 7P
   Photoelectric retro-reflective sensor
WL8-P2231 SICK-WL8-P2231 Datasheet
740Kb / 7P
   Photoelectric retro-reflective sensor
WL8-P2231S05 SICK-WL8-P2231S05 Datasheet
729Kb / 7P
   Photoelectric retro-reflective sensor
WL100-2P1409S31 SICK-WL100-2P1409S31 Datasheet
860Kb / 7P
   Photoelectric retro-reflective sensor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com