Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REF3325AIDCKT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # REF3325AIDCKT
Description  Drift Voltage Reference
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF3325AIDCKT Datasheet(HTML) 1 Page - Texas Instruments

  REF3325AIDCKT Datasheet HTML 1Page - Texas Instruments REF3325AIDCKT Datasheet HTML 2Page - Texas Instruments REF3325AIDCKT Datasheet HTML 3Page - Texas Instruments REF3325AIDCKT Datasheet HTML 4Page - Texas Instruments REF3325AIDCKT Datasheet HTML 5Page - Texas Instruments REF3325AIDCKT Datasheet HTML 6Page - Texas Instruments REF3325AIDCKT Datasheet HTML 7Page - Texas Instruments REF3325AIDCKT Datasheet HTML 8Page - Texas Instruments REF3325AIDCKT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
200
180
160
140
120
100
80
60
40
20
0
-5
-4
-3
-2
-1
0
1
2
3
4
5
LoadCurrent(mA)
+125 C
°
+25 C
°
-
°
40 C
R
3
R
2
V
IN
+2.7V
Enable
(1)
OPA333,
OPA363,
OPA369
or
R
66.5
1
W
C
1.5nF
1
C
1 F
2
m
P1.2
VREF
A0+
REF3312
+2.7V
V
CC
V
SS
16-Bit
ADC
MSP430x20x3PW
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
REF3312, REF3318, REF3320, REF3325, REF3330, REF3333
SBOS392E – AUGUST 2007 – REVISED OCTOBER 2014
REF33xx 3.9-
μA, SC70-3, SOT-23-3, and UQFN-8, 30-ppm/°C Drift Voltage Reference
1 Features
3 Description
The REF33xx is a low-power, precision, low-dropout
1
Microsize Packages: SC70-3, SOT-23-3, UQFN-8
voltage reference family available in tiny SC70-3 and
Low Supply Current: 3.9
μA (typ)
SOT-23-3 packages, and in a 1.5-mm × 1.5-mm
Extremely Low Dropout Voltage: 110 mV (typ)
UQFN-8
package.
Small
size
and
low
power
consumption (5-
μA max) make the REF33xx ideal for
High Output Current: ±5 mA
a wide variety of portable and battery-powered
Low Temperature Drift: 30 ppm/°C (max)
applications.
High Initial Accuracy: ±0.15% (max)
The REF33xx can be operated at a supply voltage
0.1-Hz to 10-Hz Noise: 35
μVPP (REF3312)
180 mV above the specified output voltage under
Voltage Options: 1.2 V, 1.8 V, 2.5 V, 3 V, 3.3 V
normal load conditions, with the exception of the
REF3312, which has a minimum supply voltage of
2 Applications
1.8 V. All models are specified for the wide
temperature range of –40°C to +125°C.
Portable Equipment
Tablets and Smartphones
Device Information(1)
Hard Disk Drives
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Sensor Modules
SOT-23 (3)
2.92 mm × 1.30 mm
REF33xx
Data Acquisition Systems
SC70 (3)
2.00 mm × 1.25 mm
REF3325
UQFN (8)
1.50 mm × 1.50 mm
Medical Equipment
REF3330
UQFN (8)
1.50 mm × 1.50 mm
Test Equipment
(1) For all available packages, see the package option addendum
at the end of the datasheet.
REF3312 in a Single-Supply Signal Chain
Dropout Voltage vs Load Current
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - REF3325AIDCKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REF3325AIDCKT TI-REF3325AIDCKT Datasheet
490Kb / 18P
[Old version datasheet]   3.9關A, SC70-3, 30ppm/째C Drift VOLTAGE REFERENCE
REF3325AIDCKT TI1-REF3325AIDCKT Datasheet
1Mb / 35P
[Old version datasheet]   SC70-3, SOT-23-3, and UQFN-8, 30-ppm Drift Voltage Reference
REF3325AIDCKT TI1-REF3325AIDCKT Datasheet
1Mb / 37P
[Old version datasheet]   3.9-關A, SC70-3, SOT-23-3, and UQFN-8, 30-ppm/C Drift Voltage Reference
REF3325AIDCKTG4 TI-REF3325AIDCKTG4 Datasheet
490Kb / 18P
[Old version datasheet]   3.9關A, SC70-3, 30ppm/째C Drift VOLTAGE REFERENCE
REF3325AIDCKTG4 TI1-REF3325AIDCKTG4 Datasheet
1Mb / 35P
[Old version datasheet]   SC70-3, SOT-23-3, and UQFN-8, 30-ppm Drift Voltage Reference
More results

Similar Description - REF3325AIDCKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REF3325-DIE TI1-REF3325-DIE Datasheet
59Kb / 4P
[Old version datasheet]   DRIFT VOLTAGE REFERENCE
logo
ON Semiconductor
REF3012 ONSEMI-REF3012 Datasheet
260Kb / 8P
   High Precision Low Drift CMOS Voltage Reference
April, 2011 ??Rev. 0
logo
SG Micro Corp
SGM4029 SGMICRO-SGM4029 Datasheet
3Mb / 17P
   Low Noise, Low Drift,Precision Voltage Reference
SEPTEMBER2022-REV.A
logo
ON Semiconductor
REF3025TB-GT3 ONSEMI-REF3025TB-GT3 Datasheet
260Kb / 8P
   High Precision, Low Drift, CMOS Voltage Reference
April, 2011 ??Rev. 0
logo
Texas Instruments
REF5010 TI-REF5010_15 Datasheet
2Mb / 28P
[Old version datasheet]   Low-Noise, Very Low Drift, Precision Voltage Reference
logo
Analog Devices
MAX6078A AD-MAX6078A Datasheet
3Mb / 18P
   Low-Power, Low-Drift,Low-Noise Voltage Reference
Rev 3 6/23
logo
Texas Instruments
REF5010 TI-REF5010_13 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Noise, Very Low Drift, Precision VOLTAGE REFERENCE
REF5020A-Q1 TI1-REF5020A-Q1 Datasheet
888Kb / 19P
[Old version datasheet]   LOW-NOISE, VERY LOW DRIFT, PRECISION VOLTAGE REFERENCE
REF5010 TI-REF5010 Datasheet
614Kb / 20P
[Old version datasheet]   Low-Noise, Very Low Drift, Precision VOLTAGE REFERENCE
REF5020-EP TI1-REF5020-EP Datasheet
1Mb / 29P
[Old version datasheet]   Low-Noise, Very Low Drift, Precision Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com