Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM185WG-1.2RLQV Datasheet(PDF) 10 Page - Texas Instruments

Part # LM185WG-1.2RLQV
Description  Micropower Voltage Reference Diode
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM185WG-1.2RLQV Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM185WG-1.2RLQV Datasheet HTML 6Page - Texas Instruments LM185WG-1.2RLQV Datasheet HTML 7Page - Texas Instruments LM185WG-1.2RLQV Datasheet HTML 8Page - Texas Instruments LM185WG-1.2RLQV Datasheet HTML 9Page - Texas Instruments LM185WG-1.2RLQV Datasheet HTML 10Page - Texas Instruments LM185WG-1.2RLQV Datasheet HTML 11Page - Texas Instruments LM185WG-1.2RLQV Datasheet HTML 12Page - Texas Instruments LM185WG-1.2RLQV Datasheet HTML 13Page - Texas Instruments LM185WG-1.2RLQV Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
LM185-1.2QML
SNVS384B – OCTOBER 2005 – REVISED JANUARY 2014
www.ti.com
METER THERMOMETERS
Calibration
1. Short LM385-1.2, adjust R3 for IOUT= temp at 1μA/°K
2. Remove short, adjust R2 for correct reading in centigrade
†IQ at 1.3V≃500μA
IQ at 1.6V≃2.4mA
Figure 21. 0°C
−100°C Thermometer
*2N3638 or 2N2907 select for inverse HFE ≃ 5
†Select for operation at 1.3V
‡IQ ≃ 600μA to 900μA
Figure 22. Lower Power Thermometer
Calibration
1. Short LM385-1.2, adjust R3 for IOUT= temp at 1.8μA/°K
2. Remove short, adjust R2 for correct reading in °F
Figure 23. 0°F
−50°F Thermometer
10
Submit Documentation Feedback
Copyright © 2005–2014, Texas Instruments Incorporated
Product Folder Links: LM185-1.2QML


Similar Part No. - LM185WG-1.2RLQV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM185WG-1.2RLQV TI1-LM185WG-1.2RLQV Datasheet
538Kb / 18P
[Old version datasheet]   Micropower Voltage Reference Diode
More results

Similar Description - LM185WG-1.2RLQV

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME41-4096 AME-AME41-4096 Datasheet
63Kb / 8P
   Micropower Voltage Reference Diode
logo
Calogic, LLC
CLM285-25 CALOGIC-CLM285-25 Datasheet
30Kb / 3P
   Micropower Voltage Reference Diode
logo
Advanced Monolithic Sys...
AMS285-2.5 AMS-AMS285-2.5 Datasheet
172Kb / 8P
   MICROPOWER VOLTAGE REFERENCE DIODE
logo
Advanced Monolithic Sys...
AMS285-1.2 ADMOS-AMS285-1.2 Datasheet
96Kb / 8P
   MICROPOWER VOLTAGE REFERENCE DIODE
logo
Wing Shing Computer Com...
LM385-2.5 WINGS-LM385-2.5 Datasheet
147Kb / 3P
   Micropower Voltage Reference Diode
logo
Analog Microelectronics
AME385-2.5 AME-AME385-2.5 Datasheet
105Kb / 12P
   MICROPOWER VOLTAGE REFERENCE DIODE
logo
Advanced Monolithic Sys...
AMS285-12 ADMOS-AMS285-12 Datasheet
88Kb / 8P
   MICROPOWER VOLTAGE REFERENCE DIODE
logo
Analog Microelectronics
AME385-12 AME-AME385-12 Datasheet
70Kb / 8P
   Micropower Voltage Reference Diode
AME385-25 AME-AME385-25 Datasheet
52Kb / 8P
   Micropower Voltage Reference Diode
AME41-12 AME-AME41-12 Datasheet
70Kb / 8P
   Micropower Voltage Reference Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com