Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM285DRG4-1-2 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM285DRG4-1-2
Description  Micropower Voltage References
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM285DRG4-1-2 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM285DRG4-1-2 Datasheet HTML 7Page - Texas Instruments LM285DRG4-1-2 Datasheet HTML 8Page - Texas Instruments LM285DRG4-1-2 Datasheet HTML 9Page - Texas Instruments LM285DRG4-1-2 Datasheet HTML 10Page - Texas Instruments LM285DRG4-1-2 Datasheet HTML 11Page - Texas Instruments LM285DRG4-1-2 Datasheet HTML 12Page - Texas Instruments LM285DRG4-1-2 Datasheet HTML 13Page - Texas Instruments LM285DRG4-1-2 Datasheet HTML 14Page - Texas Instruments LM285DRG4-1-2 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
CATHODE
1
NC
2
NC
3
4
8
7
NC
6
ANODE
5
NC
Rsup
Vsup
CL
GND
NC
NC
GND
LM285-1.2, LM385-1.2, LM385B-1.2
www.ti.com
SLVS075J – APRIL 1989 – REVISED JANUARY 2015
10 Power Supply Recommendations
In order to not exceed the maximum cathode current, be sure that the supply voltage is current limited.
For applications shunting high currents (30 mA max), pay attention to the cathode and anode trace lengths,
adjusting the width of the traces to have the proper current density.
11 Layout
11.1 Layout Guidelines
Figure 12 shows an example of a PCB layout of LMx85x-1.2. Some key Vref niose considerations are:
Connect a low-ESR, 0.1-
μF (CL) ceramic bypass capacitor on the cathode pin node.
Decouple other active devices in the system per the device specifications.
Using a solid ground plane helps distribute heat and reduces electromagnetic interference (EMI) noise pickup.
Place the external components as close to the device as possible. This configuration prevents parasitic errors
(such as the Seebeck effect) from occurring.
Do not run sensitive analog traces in parallel with digital traces. Avoid crossing digital and analog traces if
possible and only make perpendicular crossings when absolutely necessary.
11.2 Layout Example
Figure 12. Layout Diagram
Copyright © 1989–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM285-1.2 LM385-1.2 LM385B-1.2


Similar Part No. - LM285DRG4-1-2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM285DRG4-1-2 TI1-LM285DRG4-1-2 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
More results

Similar Description - LM285DRG4-1-2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM285-2-5 TI-LM285-2-5 Datasheet
669Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285-2.5 TI1-LM285-2.5_16 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
LM285-1.2 TI1-LM285-1.2_16 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
LM385-1.2-MIL TI1-LM385-1.2-MIL Datasheet
402Kb / 16P
[Old version datasheet]   Micropower Voltage References
LM385LPE3-2-5 TI1-LM385LPE3-2-5 Datasheet
651Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285 TI-LM285 Datasheet
307Kb / 15P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM385B-2.5 TI-LM385B-2.5 Datasheet
263Kb / 14P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285-2.5 TI-LM285-2.5 Datasheet
263Kb / 14P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM385-2-5 TI-LM385-2-5 Datasheet
670Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LT1004-12 TI-LT1004-12 Datasheet
353Kb / 20P
[Old version datasheet]   MICROPOWER INTEGRATED VOLTAGE REFERENCES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com