Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA826AIDRGR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # INA826AIDRGR
Description  Supply Instrumentation Amplifier
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA826AIDRGR Datasheet(HTML) 5 Page - Texas Instruments

  INA826AIDRGR Datasheet HTML 1Page - Texas Instruments INA826AIDRGR Datasheet HTML 2Page - Texas Instruments INA826AIDRGR Datasheet HTML 3Page - Texas Instruments INA826AIDRGR Datasheet HTML 4Page - Texas Instruments INA826AIDRGR Datasheet HTML 5Page - Texas Instruments INA826AIDRGR Datasheet HTML 6Page - Texas Instruments INA826AIDRGR Datasheet HTML 7Page - Texas Instruments INA826AIDRGR Datasheet HTML 8Page - Texas Instruments INA826AIDRGR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
INA826
www.ti.com
SBOS562E – AUGUST 2011 – REVISED APRIL 2013
ELECTRICAL CHARACTERISTICS (continued)
At TA = +25°C, VS = ±15 V, RL = 10 kΩ, VREF = 0 V, and G = 1, unless otherwise noted.
INA826
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
REFERENCE INPUT
RIN
Input impedance
100
k
Ω
Voltage range
(V–)
(V+)
V
Gain to output
1
V/V
Reference gain error
0.01
%
POWER SUPPLY
Single
+2.7
+36
V
VS
Power-supply voltage
Dual
±1.35
±18
V
VIN = 0 V
200
250
µA
IQ
Quiescent current
vs temperature, TA = –40°C to +125°C
250
300
µA
TEMPERATURE RANGE
Specified
–40
+125
°C
Operating
–50
+150
°C
THERMAL INFORMATION
INA826
INA826
INA826
THERMAL METRIC(1)
D (SOIC)
DGK (MSOP)
DRG (DFN)
UNITS
8 PINS
8 PINS
8 PINS
θJA
Junction-to-ambient thermal resistance
141.4
215.4
50.9
θJCtop
Junction-to-case (top) thermal resistance
75.4
66.3
60.0
θJB
Junction-to-board thermal resistance
59.6
97.8
25.4
°C/W
ψJT
Junction-to-top characterization parameter
27.4
10.5
1.2
ψJB
Junction-to-board characterization parameter
59.1
96.1
25.5
θJCbot
Junction-to-case (bottom) thermal resistance
N/A
N/A
7.2
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: INA826


Similar Part No. - INA826AIDRGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA826AIDRGR TI1-INA826AIDRGR Datasheet
1Mb / 39P
[Old version datasheet]   Precision, 200-關A Supply Current, 2.7-V to 36-V Supply Instrumentation Amplifier with Rail-to-Rail Output
SEPTEMBER2011
INA826AIDRGR TI1-INA826AIDRGR Datasheet
1Mb / 43P
[Old version datasheet]   Precision, 200-關A Supply Current, 2.7-V to 36-V Supply
More results

Similar Description - INA826AIDRGR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AMP04EPZ AD-AMP04EPZ Datasheet
327Kb / 16P
   Precision Single Supply Instrumentation Amplifier
REV. B
AMP04 AD-AMP04_16 Datasheet
570Kb / 18P
   Precision Single Supply Instrumentation Amplifier
logo
Burr-Brown (TI)
INA122 BURR-BROWN-INA122 Datasheet
223Kb / 9P
   Single Supply, MicroPower INSTRUMENTATION AMPLIFIER
logo
AVAGO TECHNOLOGIES LIMI...
AMP04FSZ AVAGO-AMP04FSZ Datasheet
327Kb / 16P
   Precision Single Supply Instrumentation Amplifier
logo
Analog Devices
AMP04 AD-AMP04 Datasheet
511Kb / 16P
   Precision Single Supply Instrumentation Amplifier
REV. A
logo
Burr-Brown (TI)
INA122 BURR-BROWN-INA122_13 Datasheet
750Kb / 14P
   Single Supply, MicroPower INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AMP04FPZ AD-AMP04FPZ Datasheet
339Kb / 16P
   Precision Single Supply Instrumentation Amplifier
REV. B
logo
Linear Technology
LT1101 LINER-LT1101_15 Datasheet
243Kb / 16P
   Precision, Micropower, Single Supply Instrumentation Amplifier
logo
Burr-Brown (TI)
INA322 BURR-BROWN-INA322 Datasheet
303Kb / 10P
   microPower, Single-Supply, CMOS INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA321 TI-INA321 Datasheet
325Kb / 18P
[Old version datasheet]   microPower, Single-Supply, CMOS Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com