Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM185-1.2QML Datasheet(PDF) 5 Page - Texas Instruments

Part # LM185-1.2QML
Description  Micropower Voltage Reference Diode
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM185-1.2QML Datasheet(HTML) 5 Page - Texas Instruments

  LM185-1.2QML_14 Datasheet HTML 1Page - Texas Instruments LM185-1.2QML_14 Datasheet HTML 2Page - Texas Instruments LM185-1.2QML_14 Datasheet HTML 3Page - Texas Instruments LM185-1.2QML_14 Datasheet HTML 4Page - Texas Instruments LM185-1.2QML_14 Datasheet HTML 5Page - Texas Instruments LM185-1.2QML_14 Datasheet HTML 6Page - Texas Instruments LM185-1.2QML_14 Datasheet HTML 7Page - Texas Instruments LM185-1.2QML_14 Datasheet HTML 8Page - Texas Instruments LM185-1.2QML_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
LM185-1.2QML
www.ti.com
SNVS384B – OCTOBER 2005 – REVISED JANUARY 2014
LM185-1.2RLQV SMD 5962R8759461 Post 100 krad Electrical Characteristics DC Parameters
(1) (2)
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Units
groups
ΔVRef
Change in Reverse Breakdown
IR = 10µA
(3)
-3
3
%
1
Voltage
IR = 1mA
(3)
-3
3
%
1
IR = 20mA
(3)
-2.5
2.5
%
1
ΔVRef / ΔIR Reverse Breakdown Voltage
10µA
≤ IR ≤ 1mA
-15
15
mV
1
Change with Current
1mA
≤ IR ≤ 20mA
-25
25
mV
1
VF
Forward Bias Voltage
IF = 2mA
-1.0
-0.4
V
1
(1)
Radiation hardness assured (RHA) products are those with an "RLQV" suffix in the Texas Instruments' part number or those with an "R"
in the SMD number, following "5962".
(2)
Testing and qualification for RHA products is done on a wafer level according to MIL-STD-883, Test Method 1019. Testing is performed
with a 1.5X overtest. To be rated at 100 krad(Si) units are tested to 150 krad(Si) with all parameters remaining inside the post 100 krad
Electrical DC test limits in this table. Interim test points are taken at 50, 75 and 100 krad(Si).
(3)
Change from the 0 rad reading.
Copyright © 2005–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM185-1.2QML


Similar Part No. - LM185-1.2QML_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM185-1.2QML TI1-LM185-1.2QML_16 Datasheet
538Kb / 18P
[Old version datasheet]   Micropower Voltage Reference Diode
More results

Similar Description - LM185-1.2QML_14

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME41-4096 AME-AME41-4096 Datasheet
63Kb / 8P
   Micropower Voltage Reference Diode
logo
Calogic, LLC
CLM285-25 CALOGIC-CLM285-25 Datasheet
30Kb / 3P
   Micropower Voltage Reference Diode
logo
Advanced Monolithic Sys...
AMS285-2.5 AMS-AMS285-2.5 Datasheet
172Kb / 8P
   MICROPOWER VOLTAGE REFERENCE DIODE
logo
Advanced Monolithic Sys...
AMS285-1.2 ADMOS-AMS285-1.2 Datasheet
96Kb / 8P
   MICROPOWER VOLTAGE REFERENCE DIODE
logo
Wing Shing Computer Com...
LM385-2.5 WINGS-LM385-2.5 Datasheet
147Kb / 3P
   Micropower Voltage Reference Diode
logo
Analog Microelectronics
AME385-2.5 AME-AME385-2.5 Datasheet
105Kb / 12P
   MICROPOWER VOLTAGE REFERENCE DIODE
logo
Advanced Monolithic Sys...
AMS285-12 ADMOS-AMS285-12 Datasheet
88Kb / 8P
   MICROPOWER VOLTAGE REFERENCE DIODE
logo
Analog Microelectronics
AME385-12 AME-AME385-12 Datasheet
70Kb / 8P
   Micropower Voltage Reference Diode
AME385-25 AME-AME385-25 Datasheet
52Kb / 8P
   Micropower Voltage Reference Diode
AME41-12 AME-AME41-12 Datasheet
70Kb / 8P
   Micropower Voltage Reference Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com