Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OHD3-80B Datasheet(PDF) 3 Page - Kemet Corporation

Part # OHD3-80B
Description  High reliability for on/off operations
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

OHD3-80B Datasheet(HTML) 3 Page - Kemet Corporation

  OHD3-80B Datasheet HTML 1Page - Kemet Corporation OHD3-80B Datasheet HTML 2Page - Kemet Corporation OHD3-80B Datasheet HTML 3Page - Kemet Corporation OHD3-80B Datasheet HTML 4Page - Kemet Corporation OHD3-80B Datasheet HTML 5Page - Kemet Corporation OHD3-80B Datasheet HTML 6Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
SE0202_OHD • 10/15/2015
Sensors – OHD™ Series Thermal Guard
Table 1 – Ratings & Part Number Reference
Part Number
Operating
Temp. (°C)
Contact Type
Maximum
Opening/
Closing
Voltage (V)
Maximum
Opening/
Closing
Current (A)
Maximum
Opening/
Closing
Power (W)
Minimum
Opening/
Closing
Current
Maximum
Contact
Resistance
(mΩ)
OHD1-40M
40
Make
110 AC/DC
0.3 AC/DC
6 AC/DC
0.1 mA / 1 VDC
150
OHD1-45M
45
Make
110 AC/DC
0.3 AC/DC
6 AC/DC
0.1 mA / 1 VDC
150
OHD1-50M
50
Make
110 AC/DC
0.3 AC/DC
6 AC/DC
0.1 mA / 1 VDC
150
OHD1-55M
55
Make
110 AC/DC
0.3 AC/DC
6 AC/DC
0.1 mA / 1 VDC
150
OHD1-60M
60
Make
110 AC/DC
0.3 AC/DC
6 AC/DC
0.1 mA / 1 VDC
150
OHD1-65M
65
Make
110 AC/DC
0.3 AC/DC
6 AC/DC
0.1 mA / 1 VDC
150
OHD1-70M
70
Make
110 AC/DC
0.3 AC/DC
6 AC/DC
0.1 mA / 1 VDC
150
OHD1-75M
75
Make
110 AC/DC
0.3 AC/DC
6 AC/DC
0.1 mA / 1 VDC
150
OHD1-80M
80
Make
110 AC/DC
0.3 AC/DC
6 AC/DC
0.1 mA / 1 VDC
150
OHD1-85M
85
Make
110 AC/DC
0.3 AC/DC
6 AC/DC
0.1 mA / 1 VDC
150
OHD1-90M
90
Make
110 AC/DC
0.3 AC/DC
6 AC/DC
0.1 mA / 1 VDC
150
OHD1-95M
95
Make
110 AC/DC
0.3 AC/DC
6 AC/DC
0.1 mA / 1 VDC
150
OHD1-100M
100
Make
110 AC/DC
0.3 AC/DC
6 AC/DC
0.1 mA / 1 VDC
150
OHD1-105M
105
Make
110 AC/DC
0.3 AC/DC
6 AC/DC
0.1 mA / 1 VDC
150
OHD1-110M
110
Make
110 AC/DC
0.3 AC/DC
6 AC/DC
0.1 mA / 1 VDC
150
OHD1-115M
115
Make
110 AC/DC
0.3 AC/DC
6 AC/DC
0.1 mA / 1 VDC
150
OHD1-120M
120
Make
110 AC/DC
0.3 AC/DC
6 AC/DC
0.1 mA / 1 VDC
150
OHD1-30B
30
Break
110 AC/DC
0.3 AC/DC
6 AC/DC
0.1 mA / 1 VDC
150
OHD1-35B
35
Break
110 AC/DC
0.3 AC/DC
6 AC/DC
0.1 mA / 1 VDC
150
OHD1-40B
40
Break
110 AC/DC
0.3 AC/DC
6 AC/DC
0.1 mA / 1 VDC
150
OHD1-45B
45
Break
110 AC/DC
0.3 AC/DC
6 AC/DC
0.1 mA / 1 VDC
150
OHD1-50B
50
Break
110 AC/DC
0.3 AC/DC
6 AC/DC
0.1 mA / 1 VDC
150
OHD1-55B
55
Break
110 AC/DC
0.3 AC/DC
6 AC/DC
0.1 mA / 1 VDC
150
OHD1-60B
60
Break
110 AC/DC
0.3 AC/DC
6 AC/DC
0.1 mA / 1 VDC
150
OHD1-65B
65
Break
110 AC/DC
0.3 AC/DC
6 AC/DC
0.1 mA / 1 VDC
150
OHD1-70B
70
Break
110 AC/DC
0.3 AC/DC
6 AC/DC
0.1 mA / 1 VDC
150
OHD1-75B
75
Break
110 AC/DC
0.3 AC/DC
6 AC/DC
0.1 mA / 1 VDC
150
OHD1-80B
80
Break
110 AC/DC
0.3 AC/DC
6 AC/DC
0.1 mA / 1 VDC
150
OHD1-85B
85
Break
110 AC/DC
0.3 AC/DC
6 AC/DC
0.1 mA / 1 VDC
150
OHD1-90B
90
Break
110 AC/DC
0.3 AC/DC
6 AC/DC
0.1 mA / 1 VDC
150
OHD1-95B
95
Break
110 AC/DC
0.3 AC/DC
6 AC/DC
0.1 mA / 1 VDC
150
OHD1-100B
100
Break
110 AC/DC
0.3 AC/DC
6 AC/DC
0.1 mA / 1 VDC
150
OHD1-105B
105
Break
110 AC/DC
0.3 AC/DC
6 AC/DC
0.1 mA / 1 VDC
150
OHD1-110B
110
Break
110 AC/DC
0.3 AC/DC
6 AC/DC
0.1 mA / 1 VDC
150
OHD1-115B
115
Break
110 AC/DC
0.3 AC/DC
6 AC/DC
0.1 mA / 1 VDC
150
OHD1-120B
120
Break
110 AC/DC
0.3 AC/DC
6 AC/DC
0.1 mA / 1 VDC
150
OHD3-40M
40
Make
100 AC/DC
0.3 AC/DC
6 AC/DC
0.1 mA / 1 VDC
150
OHD3-45M
45
Make
100 AC/DC
0.3 AC/DC
6 AC/DC
0.1 mA / 1 VDC
150
OHD3-50M
50
Make
100 AC/DC
0.3 AC/DC
6 AC/DC
0.1 mA / 1 VDC
150
OHD3-55M
55
Make
100 AC/DC
0.3 AC/DC
6 AC/DC
0.1 mA / 1 VDC
150
OHD3-60M
60
Make
100 AC/DC
0.3 AC/DC
6 AC/DC
0.1 mA / 1 VDC
150
OHD3-65M
65
Make
100 AC/DC
0.3 AC/DC
6 AC/DC
0.1 mA / 1 VDC
150
OHD3-70M
70
Make
100 AC/DC
0.3 AC/DC
6 AC/DC
0.1 mA / 1 VDC
150
OHD3-75M
75
Make
100 AC/DC
0.3 AC/DC
6 AC/DC
0.1 mA / 1 VDC
150
OHD3-80M
80
Make
100 AC/DC
0.3 AC/DC
6 AC/DC
0.1 mA / 1 VDC
150
OHD3-85M
85
Make
100 AC/DC
0.3 AC/DC
6 AC/DC
0.1 mA / 1 VDC
150
OHD3-90M
90
Make
100 AC/DC
0.3 AC/DC
6 AC/DC
0.1 mA / 1 VDC
150
OHD3-95M
95
Make
100 AC/DC
0.3 AC/DC
6 AC/DC
0.1 mA / 1 VDC
150
OHD3-100M
100
Make
100 AC/DC
0.3 AC/DC
6 AC/DC
0.1 mA / 1 VDC
150
OHD3-105M
105
Make
100 AC/DC
0.3 AC/DC
6 AC/DC
0.1 mA / 1 VDC
150
OHD3-110M
110
Make
100 AC/DC
0.3 AC/DC
6 AC/DC
0.1 mA / 1 VDC
150
OHD3-115M
115
Make
100 AC/DC
0.3 AC/DC
6 AC/DC
0.1 mA / 1 VDC
150
OHD3-120M
120
Make
100 AC/DC
0.3 AC/DC
6 AC/DC
0.1 mA / 1 VDC
150
OHD3-30B
30
Break
100 AC/DC
0.3 AC/DC
6 AC/DC
0.1 mA / 1 VDC
150
OHD3-35B
35
Break
100 AC/DC
0.3 AC/DC
6 AC/DC
0.1 mA / 1 VDC
150
OHD3-40B
40
Break
100 AC/DC
0.3 AC/DC
6 AC/DC
0.1 mA / 1 VDC
150
OHD3-45B
45
Break
100 AC/DC
0.3 AC/DC
6 AC/DC
0.1 mA / 1 VDC
150
OHD3-50B
50
Break
100 AC/DC
0.3 AC/DC
6 AC/DC
0.1 mA / 1 VDC
150
OHD3-55B
55
Break
100 AC/DC
0.3 AC/DC
6 AC/DC
0.1 mA / 1 VDC
150
Part Number
Operating
Temperature (°C)
Contact Type
Maximum Opening/
Closing Voltage (V)
Maximum Opening/
Closing Current (A)
Maximum Opening/
Closing Power (W)
Minimum Opening/
Closing Current
Maximum Contact
Resistance (mΩ)


Similar Part No. - OHD3-80B

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
OHD3-80B KEMET-OHD3-80B Datasheet
189Kb / 1P
   Thermal Sensors Overheat Protection
8/19/2019
OHD3-80B KEMET-OHD3-80B Datasheet
576Kb / 12P
   Thermal Sensors
11/2/2021
More results

Similar Description - OHD3-80B

ManufacturerPart #DatasheetDescription
logo
Micross Components
AS5SP512K18 MICROSS-AS5SP512K18 Datasheet
750Kb / 13P
   On chip address counter for Burst operations
logo
Marl International Limi...
676-501-2112 MARL-676-501-2112_15 Datasheet
421Kb / 4P
   Smoked lens for high on/ off contrast ratio
677-501-2112 MARL-677-501-2112_15 Datasheet
459Kb / 5P
   Smoked lens for high on/ off contrast ratio
logo
TOKO, Inc
TK15402 TOKO-TK15402 Datasheet
63Kb / 8P
   Active High ON/OFF Control
logo
Festo Corporation.
197129 FESTO-197129 Datasheet
85Kb / 1P
   On off valve
4/1/22
153297 FESTO-153297 Datasheet
93Kb / 1P
   On off valve
4/13/22
153480 FESTO-153480 Datasheet
102Kb / 1P
   On off valve
4/13/22
153982 FESTO-153982 Datasheet
101Kb / 1P
   On off valve
4/13/22
190870 FESTO-190870 Datasheet
102Kb / 1P
   On off valve
4/13/22
197131 FESTO-197131 Datasheet
85Kb / 1P
   On off valve
4/1/22
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com