Electronic Components Datasheet Search |
|
LIS3DETR Datasheet(PDF) 8 Page - STMicroelectronics |
|
LIS3DETR Datasheet(HTML) 8 Page - STMicroelectronics |
8 / 46 page Block diagram and pin description LIS3DE 8/46 DocID023719 Rev 3 1 Block diagram and pin description 1.1 Block diagram Figure 1. Block diagram 1.2 Pin description Figure 2. Pin connections CHARGE AMPLIFIER Y+ Z+ Y- Z- a X+ X- I2C SPI CS SCL/SPC SDA/SDI/SDO SDO/SA0 CONTROL LOGIC & INTERRUPT GEN. INT 1 CLOCK TRIMMING CIRCUITS REFERENCE SELF TEST CONTROL A/D CONVERTER 1 INT 2 MUX 32 Level FIFO ADC1 - ADC Input1 ADC2 - ADC Input2 ADC3 - ADC Input3 A/D CONVERTER 2 LOGIC TEMPERATURE SENSOR AM14755V1 (TOP VIEW) DIRECTION OF THE DETECTABLE ACCELERATIONS 1 5 9 13 (BOTTOM VIEW) Y 1 X Z Pin 1 indicator Vdd_IO NC NC SCL/SPC GND ADC3 GND INT1 RES INT2 AM14756V1 |
Similar Part No. - LIS3DETR |